Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS0703100MF Datasheet(PDF) 3 Page - ABC Taiwan Electronics Corp

Part # BS0703100MF
Description  SHIELDED SMD POWER INDUCTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

BS0703100MF Datasheet(HTML) 3 Page - ABC Taiwan Electronics Corp

  BS0703100MF Datasheet HTML 1Page - ABC Taiwan Electronics Corp BS0703100MF Datasheet HTML 2Page - ABC Taiwan Electronics Corp BS0703100MF Datasheet HTML 3Page - ABC Taiwan Electronics Corp BS0703100MF Datasheet HTML 4Page - ABC Taiwan Electronics Corp BS0703100MF Datasheet HTML 5Page - ABC Taiwan Electronics Corp BS0703100MF Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Outer : Carton
AR-001A
1,500
( 3 ) Q'TY & G.W. Per package
Q'TY (pcs)
Series
BS0703-F
13 - 16
Style
( 2 ) Dimensions
G.W. (gw)
1,250
Inner : Reel
Q'TY (pcs)
Style
13 - 16
9,000
User direction of feed
21±0.8
330
AB
13±0.5
C
16
D
40 x 40 x 24
Size (cm)
G.W. (Kg)
17.0
18
+0
G
50
-0
N
22.4
T
Unit:m/m
SPECIFICATION FOR APPROVAL
ABC'S ITEM NO.
ABC'S DWG NO.
200 m/m min.
no component
End
Leader
P:12 m/m
4 m/m
100
100
100
Components
C
G
SHIELDED SMD
Ⅵ﹒PACKAGING INFORMATION:
( 1 ) Configuration
PROD.
NAME
REF :
2.0±0.5
T
POWER INDUCTOR
Start
400 m/m min.
no component
Trailer
100
Carrier Tape Width : D
Embossed Carrier
D
PAGE: 3
Cover Tape
BS0703□□□□F□-□□□
20100112-A


Similar Part No. - BS0703100MF

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
BS0704100MF ABC-BS0704100MF Datasheet
119Kb / 7P
   SHIELDED SMD POWER INDUCTOR
20100112-A
BS0704101MF ABC-BS0704101MF Datasheet
119Kb / 7P
   SHIELDED SMD POWER INDUCTOR
20100112-A
BS0704102MF ABC-BS0704102MF Datasheet
119Kb / 7P
   SHIELDED SMD POWER INDUCTOR
20100112-A
BS0704120MF ABC-BS0704120MF Datasheet
119Kb / 7P
   SHIELDED SMD POWER INDUCTOR
20100112-A
BS0704121MF ABC-BS0704121MF Datasheet
119Kb / 7P
   SHIELDED SMD POWER INDUCTOR
20100112-A
More results

Similar Description - BS0703100MF

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-1306S ABRACON-ASPI-1306S Datasheet
1Mb / 3P
   SMD SHIELDED POWER INDUCTOR
07.25.13
logo
Central Technologies
CTSR0906F CT-CTSR0906F Datasheet
429Kb / 1P
   SMD Shielded Power Inductor
logo
ABC Taiwan Electronics ...
SS12052R5ML ABC-SS12052R5ML Datasheet
609Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SS12801R1YL ABC-SS12801R1YL Datasheet
147Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SU10303R5YF ABC-SU10303R5YF Datasheet
128Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU20091R0YP ABC-SU20091R0YP Datasheet
101Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU20131R0YL ABC-SU20131R0YL Datasheet
105Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU30091R3YL ABC-SU30091R3YL Datasheet
96Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU50284R7Y2 ABC-SU50284R7Y2 Datasheet
129Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
   SHIELDED SMD POWER INDUCTOR
logo
Datatronic Distribution...
DR364-202 DATATRONICS-DR364-202 Datasheet
81Kb / 1P
   SHIELDED SMD POWER INDUCTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com