Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CB5009150ML Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # CB5009150ML
Description  SMD POWER INDUCTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

CB5009150ML Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  CB5009150ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp CB5009150ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp CB5009150ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp CB5009150ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp CB5009150ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp CB5009150ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Ⅴ﹒
ELECTRICAL CHARACTERISTICS :
REF : 20070320-A
ABC'S ITEM NO.
ABC'S DWG NO.
PAGE: 2
PROD.
NAME
SMD POWER INDUCTOR
AR-001A
1). Packing information : A : Bulk B : Taping Reel
Inductance
0.1V/100KHz
3). Irms. base on temp. rise 40
typ.
CB5009150ML□-□□□
CB5009220ML□-□□□
CB50096R8ML□-□□□
CB5009100ML□-□□□
CB50094R7ML□-□□□
CB50092R7ML□-□□□
DWG No.
0.71
15.0±20%
22.0±20%
0.96
10.0±20%
6.8±20%
0.45
0.35
4.7±20%
2.7±20%
0.24
0.17
(µH)
RDC
( Ω )
CB5009330ML□-□□□
CB5009470ML□-□□□
33.0±20%
1.47
47.0±20%
2.30
0.52
0.45
0.65
0.80
0.90
1.05
Irms.
( A )
0.36
0.29
0.63
0.50
0.72
0.90
1.08
1.26
Isat.
( A )
0.41
0.36
4). Isat. base on
L/LOA=10% max.
SPECIFICATION FOR APPROVAL
CB5009□□□□L□-□□□
max.
typ.
max.
2)."-
":Reference code
□□


Similar Part No. - CB5009150ML

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
CB500 GAMEWELL-FCI-CB500 Datasheet
516Kb / 4P
   Addressable Control and Relay Modules
More results

Similar Description - CB5009150ML

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com