Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CB30111R8ML Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # CB30111R8ML
Description  SMD POWER INDUCTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

CB30111R8ML Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  CB30111R8ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp CB30111R8ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp CB30111R8ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp CB30111R8ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp CB30111R8ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp CB30111R8ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Ⅴ﹒ELECTRICAL CHARACTERISTICS :
ABC'S ITEM NO.
ABC'S DWG NO.
PAGE: 2
PROD.
NAME
SMD POWER INDUCTOR
AR-001A
1). Packing information : A : Bulk B : Taping Reel
Inductance
0.1V/100KHz
3). Irms. base on temp. rise 40
typ.
CB30114R7ML□-□□□
CB30116R8ML□-□□□
CB30112R5ML□-□□□
CB30113R3ML□-□□□
CB30111R8ML□-□□□
CB30111R0ML□-□□□
DWG No.
0.32
4.7±20%
6.8±20%
0.48
3.3±20%
2.5±20%
0.26
0.18
1.8±20%
1.0±20%
0.14
0.11
(μH)
RDC
( Ω )
CB3011100ML□-□□□
CB3011150ML□-□□□
CB3011220ML□-□□□
10.0±20%
0.70
15.0±20%
0.96
22.0±20%
1.50
0.72
0.67
0.85
1.10
1.30
1.50
Irms.
( A )
0.52
0.42
0.34
0.88
0.77
0.90
1.40
1.70
2.30
Isat.
( A )
0.59
0.45
0.39
4). Isat. base on
L/LOA=10% max.
CB3011□□□□L□-□□□
SPECIFICATION FOR APPROVAL
max.
typ.
max.
2)."-
":Reference code
□□
REF : 20070123-A


Similar Part No. - CB30111R8ML

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
CB3045CT CITC-CB3045CT Datasheet
690Kb / 3P
   30A Trench Schottky Rectifier
logo
Marathon Special Produc...
CB30501A MARATHON-CB30501A Datasheet
136Kb / 1P
   COVERS - DOUBLE ROW
DEC 2020
CB30501B MARATHON-CB30501B Datasheet
136Kb / 1P
   COVERS - DOUBLE ROW
DEC 2020
CB30501C MARATHON-CB30501C Datasheet
136Kb / 1P
   COVERS - DOUBLE ROW
DEC 2020
CB30501D MARATHON-CB30501D Datasheet
136Kb / 1P
   COVERS - DOUBLE ROW
DEC 2020
More results

Similar Description - CB30111R8ML

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com