Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC32251R0ML Datasheet(PDF) 6 Page - ABC Taiwan Electronics Corp

Part # CC32251R0ML
Description  WOUND CHIP INDUCTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

CC32251R0ML Datasheet(HTML) 6 Page - ABC Taiwan Electronics Corp

  CC32251R0ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp CC32251R0ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp CC32251R0ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp CC32251R0ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp CC32251R0ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp CC32251R0ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp CC32251R0ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp CC32251R0ML Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
1﹒Applied the allowed DC current for
mechanical damage
mechanical damage
1﹒Inductors shall be
not change more
2﹒Inductance shall
more than ±20%
3﹒Q Shall not change
shall be no evidence
mechanical damage
shall be no evidence
After tset,Inductors
After test,Inductors
Shock test
soldering heat
Resistance to
AR-001A
than±5%
Insulation
resistance test
( Low frequency )
Vibration test
rise test
Temperature
Withstanding
Over load test
voltage test
of electrical and
Mechanical performance test
electrical and
no evidence of
1000 MΩ min﹒
of electrical and
20
max.
a height of 1m onto 3cm wooden board
Inductors shall be dropped 10 times from
Time:10±1.0 sec.
Temp:260±5℃
4﹒Duration:2 hrs / X,Y,Z
2﹒Frequency:10 -- 55 -- 10 Hz / 1min.
100 VDC applied between inductor terminal
AC voltage of 1000VAC applied between
inductors terminal and coating for 5 seconds
current to inductor for a period of
Applied 2 times of rated allowed DC
2﹒Temperature measure by digital
3﹒Direction:X,Y,Z
1﹒Amplitude:1.5 m/m
5 minutes
surface thermometer
10 minutes
and coating
SPECIFICATION FOR APPROVAL
WOUND CHIP INDUCTOR
PROD.
NAME
Inductance L
frequency SRF
Self resonance
Rated current IDC
DC Resistance RDC
Ⅸ﹒
RELIABILITY TEST:
Q
characteristic list
Refer to standard
electrical
Electrical performance test
Test item
Specification
REF : 20070115-A
□HP4291A with HP-16093A test fixture
CC3225□□□□L□-□□□
to initial value & temperature rise shall
Inductance change shall be less than 10%
Applied the current to coils,The
□HP4194A with HP-16034E test fixture
Test condition / Test method
CH-502AC
not be more than 20℃
ABC'S ITEM NO.
ABC'S DWG NO.
PAGE: 6
20080131-D


Similar Part No. - CC32251R0ML

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CC322522A BOURNS-CC322522A Datasheet
497Kb / 5P
   CC322522A Series ??Chip Inductors
CC322522A-100K BOURNS-CC322522A-100K Datasheet
497Kb / 5P
   CC322522A Series ??Chip Inductors
CC322522A-101K BOURNS-CC322522A-101K Datasheet
497Kb / 5P
   CC322522A Series ??Chip Inductors
CC322522A-120K BOURNS-CC322522A-120K Datasheet
497Kb / 5P
   CC322522A Series ??Chip Inductors
CC322522A-150K BOURNS-CC322522A-150K Datasheet
497Kb / 5P
   CC322522A Series ??Chip Inductors
More results

Similar Description - CC32251R0ML

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
CM3225R12ML ABC-CM3225R12ML Datasheet
553Kb / 8P
   WOUND CHIP INDUCTOR
CM4532R10ML ABC-CM4532R10ML Datasheet
583Kb / 8P
   WOUND CHIP INDUCTOR
SW2022R47K2 ABC-SW2022R47K2 Datasheet
614Kb / 8P
   WOUND CHIP INDUCTOR
logo
Bourns Electronic Solut...
CW201212_MDS BOURNS-CW201212_MDS Datasheet
51Kb / 3P
   WOUND CHIP INDUCTOR
logo
XFMRS Inc.
XFWIC453630-331K XFMRS-XFWIC453630-331K Datasheet
46Kb / 1P
   Wound Chip Inductor
logo
ABC Taiwan Electronics ...
CM252010NJ3 ABC-CM252010NJ3 Datasheet
138Kb / 8P
   WOUND CHIP INDUCTOR
logo
XFMRS Inc.
XFWIC453630-150K XFMRS-XFWIC453630-150K Datasheet
36Kb / 1P
   Wound Chip Inductor
XFWIC453630-470K XFMRS-XFWIC453630-470K Datasheet
64Kb / 1P
   Wound Chip Inductor
XF070603-R10M XFMRS-XF070603-R10M Datasheet
35Kb / 1P
   WOUND CHIP INDUCTOR
XF070603-R20M XFMRS-XF070603-R20M Datasheet
36Kb / 1P
   WOUND CHIP INDUCTOR
logo
ABC Taiwan Electronics ...
SL10051N0DL ABC-SL10051N0DL Datasheet
465Kb / 6P
   WOUND CHIP INDUCTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com