Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS0704391MF Datasheet(PDF) 1 Page - ABC Taiwan Electronics Corp

Part # BS0704391MF
Description  SHIELDED SMD POWER INDUCTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

BS0704391MF Datasheet(HTML) 1 Page - ABC Taiwan Electronics Corp

  BS0704391MF Datasheet HTML 1Page - ABC Taiwan Electronics Corp BS0704391MF Datasheet HTML 2Page - ABC Taiwan Electronics Corp BS0704391MF Datasheet HTML 3Page - ABC Taiwan Electronics Corp BS0704391MF Datasheet HTML 4Page - ABC Taiwan Electronics Corp BS0704391MF Datasheet HTML 5Page - ABC Taiwan Electronics Corp BS0704391MF Datasheet HTML 6Page - ABC Taiwan Electronics Corp BS0704391MF Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
F :
4.80 typ.
SPECIFICATION FOR APPROVAL
A :
7.30 ± 0.2
E :
4.60 typ.
D :
2.00 typ.
C :
4.50 ± 0.2
B :
7.30 ± 0.2
BS0704□□□□F□-□□□
a﹒Core:Ferrite DR core
c﹒Wire:Enamelled copper wire (class H)
d﹒Terminal:Cu/Ni/Sn
e
Ⅲ﹒MATERIALS LIST:
Ⅱ﹒SCHEMATIC DIAGRAM:
Ⅰ﹒MECHANICAL DIMENSIONS:
NAME
PROD.
REF : 20100112-A
SHIELDED SMD
ABC'S ITEM NO.
ABC'S DWG NO.
a
b
m/m
m/m
m/m
m/m
m/m
m/m
PAGE: 1
e﹒Base:LCP Base
d
f﹒Adhesive:Epoxy resin
b﹒Core:Ferrite RI core
c
POWER INDUCTOR
Ⅳ﹒ELECTRICAL CHARACTERISTICS:
d﹒Ressistance to solder heat:260℃ . 10 secs.
c﹒Operating temp.:-25℃----+105℃
b﹒Storage temp.:-40℃ ----+125℃
a﹒Temp. rise :40℃ max.
(PCB Pattern)
G :
2.40 ref
H :
1.50 ref
AR-001A
m/m
m/m
H
H
F
A
E
Time ( seconds )
0
100
50
150
250
200
50
100
R ising Area
Temperature
+4.0
/ sec max.
Peak Temp:260℃ max.
Max time above 230℃ :50sec max.
Max time above 200℃ :70sec max.
Preheat Area
150 ~ 200
/ 60 ~ 120sec
Peak Temperature:
250
200
150
50sec max.
70sec max.
260℃
230℃
-(1.0 ~ 5.0)
/ sec max.
Forced C ooling Area
Reflow Area
+2.0 ~ 4.0℃
/ sec max.
E :
4.90 typ.
m/m
'
E'
g﹒Remark:Products comply with RoHS'
requirements


Similar Part No. - BS0704391MF

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
BS0703100MF ABC-BS0703100MF Datasheet
113Kb / 6P
   SHIELDED SMD POWER INDUCTOR
20100112-A
BS0703101MF ABC-BS0703101MF Datasheet
113Kb / 6P
   SHIELDED SMD POWER INDUCTOR
20100112-A
BS0703102MF ABC-BS0703102MF Datasheet
113Kb / 6P
   SHIELDED SMD POWER INDUCTOR
20100112-A
BS0703120MF ABC-BS0703120MF Datasheet
113Kb / 6P
   SHIELDED SMD POWER INDUCTOR
20100112-A
BS0703121MF ABC-BS0703121MF Datasheet
113Kb / 6P
   SHIELDED SMD POWER INDUCTOR
20100112-A
More results

Similar Description - BS0704391MF

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-1306S ABRACON-ASPI-1306S Datasheet
1Mb / 3P
   SMD SHIELDED POWER INDUCTOR
07.25.13
logo
Central Technologies
CTSR0906F CT-CTSR0906F Datasheet
429Kb / 1P
   SMD Shielded Power Inductor
logo
ABC Taiwan Electronics ...
SS12052R5ML ABC-SS12052R5ML Datasheet
609Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SS12801R1YL ABC-SS12801R1YL Datasheet
147Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SU10303R5YF ABC-SU10303R5YF Datasheet
128Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU20091R0YP ABC-SU20091R0YP Datasheet
101Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU20131R0YL ABC-SU20131R0YL Datasheet
105Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU30091R3YL ABC-SU30091R3YL Datasheet
96Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU50284R7Y2 ABC-SU50284R7Y2 Datasheet
129Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
   SHIELDED SMD POWER INDUCTOR
logo
Datatronic Distribution...
DR364-202 DATATRONICS-DR364-202 Datasheet
81Kb / 1P
   SHIELDED SMD POWER INDUCTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com