Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESR0805121KL Datasheet(PDF) 6 Page - ABC Taiwan Electronics Corp

Part # ESR0805121KL
Description  SMD POWER INDUCTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

ESR0805121KL Datasheet(HTML) 6 Page - ABC Taiwan Electronics Corp

  ESR0805121KL Datasheet HTML 1Page - ABC Taiwan Electronics Corp ESR0805121KL Datasheet HTML 2Page - ABC Taiwan Electronics Corp ESR0805121KL Datasheet HTML 3Page - ABC Taiwan Electronics Corp ESR0805121KL Datasheet HTML 4Page - ABC Taiwan Electronics Corp ESR0805121KL Datasheet HTML 5Page - ABC Taiwan Electronics Corp ESR0805121KL Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
155,
130
MW-79,
MW-28
____
Polyurechane
Polysol 155
P155, G155
For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc.
Marking:Company name, material designation or marked designation and factory identification on package ok reel
See General Information preceding These Recognitions
AR-001A
Polysol 155p
Polysol 160
Polysol 180
Polysol 155g
Polysol P155p
Polysol 170
Polysol-N 180
PN180
P155p
P160
P180,G180
P170 or G170
Pp155,Gp155
Pg155
____
____
____
____
____
____
Nylon
Polyurechane
Polyurechane
Polyurechane
Polyurechane
Polyurechane
Polyurechane
MW-83
MW-79
MW-79
MW-82
MW-79
MW-79
MW-79
MW-75
MW-75
180
155
155
180
155
155
155
130
130
SPECIFICATION FOR APPROVAL
SMD POWER INDUCTOR
JALAN DAMAI SATU JANDA BAIK 28750 BENTONG, PAHANG
DARUL MAKMUR MALAYSIA
ELEKTRISOLA (MALAYSLA) SDN BHD
OBMW2
Mtl Dsg
Estersol 180
Magnet Wire-Comporent
Polysol-N 155
Amldester 200
E180
PN155
A200
Mark Dsg
Ⅸ﹒RELIABILITY TEST:
NAME
PROD.
REF :
October 06, 2005
____
____
OC
Nylon
(solderable)
Polyesterimide
Coating Type
Polyurechane
Polyesterimide
BC
MW-77
MW-80,
MW-74
ANSI
Typ
ABC'S ITEM NO.
ABC'S DWG NO.
180
155,
200
Class
Temp
E143312
ESR0805□□□□L□-□□□
PAGE: 6


Similar Part No. - ESR0805121KL

ManufacturerPart #DatasheetDescription
logo
Rohm
ESR01 ROHM-ESR01 Datasheet
147Kb / 4P
   Anti-surge thick film chip resistor
ESR01 ROHM-ESR01 Datasheet
136Kb / 5P
   Anti-surge Chip Resistors 2kV to 5kV electrostatic discharge resistance.
ESR01 ROHM-ESR01 Datasheet
136Kb / 5P
   Anti-surge Chip Resistors
ESR01 ROHM-ESR01 Datasheet
136Kb / 5P
   Anti-surge Chip Resistors
ESR01MZPD100 ROHM-ESR01MZPD100 Datasheet
571Kb / 8P
   Anti-surge chip resistors
More results

Similar Description - ESR0805121KL

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com