Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESR0805271KL Datasheet(PDF) 1 Page - ABC Taiwan Electronics Corp

Part # ESR0805271KL
Description  SMD POWER INDUCTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

ESR0805271KL Datasheet(HTML) 1 Page - ABC Taiwan Electronics Corp

  ESR0805271KL Datasheet HTML 1Page - ABC Taiwan Electronics Corp ESR0805271KL Datasheet HTML 2Page - ABC Taiwan Electronics Corp ESR0805271KL Datasheet HTML 3Page - ABC Taiwan Electronics Corp ESR0805271KL Datasheet HTML 4Page - ABC Taiwan Electronics Corp ESR0805271KL Datasheet HTML 5Page - ABC Taiwan Electronics Corp ESR0805271KL Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Reflow Area
+2.0 ~ 4.0℃
/ sec max.
Time ( seconds )
( PCB Pattern )
A
:
7.8±0.3
B
:
7.0±0.3
C
:
5.0±0.5
D
:
2.1 ref.
G
:
2.0 ref.
H
:
7.5 ref.
I
:
8.0 ref.
I
ESR0805□□□□L□-□□□
SPECIFICATION FOR APPROVAL
c﹒Resistance to solder heat:245±5℃.10 secs.
a﹒Storage temp.:-40℃ ----+125℃
b﹒Operating temp.:-40℃----+105℃
a﹒Core:Ferrite DR core
b﹒Wire :Enamelled copper wire (Class H)
c﹒Terminal: Ag/Ni/Sn
d﹒Remark:Products comply with RoHS'
AR-001A
Ⅳ﹒GENERAL SPECIFICATION:
Ⅲ﹒MATERIALS:
requirements
50
100
50
0
250
150
200
100
150
Max time above 200℃ :60sec max.
Peak Temp:245±5℃
+4.0
/ sec max.
Rising Area
Temperature
Preheat Area
150 ~ 200
/ 60 ~ 120sec
Ⅱ﹒SCHEMATIC DIAGRAM:
Ⅰ﹒CONFIGURATION & DIMENSIONS:
NAME
PROD.
REF :
D
G
SMD POWER INDUCTOR
A
ABC'S ITEM NO.
ABC'S DWG NO.
a
245±5℃
200
250
60sec max.
c
P eak Temperature:
-(1.0 ~ 5.0)
/ sec max.
Forced Cooling Area
b
m/m
m/m
m/m
m/m
m/m
m/m
m/m
PAGE: 1


Similar Part No. - ESR0805271KL

ManufacturerPart #DatasheetDescription
logo
Rohm
ESR01 ROHM-ESR01 Datasheet
147Kb / 4P
   Anti-surge thick film chip resistor
ESR01 ROHM-ESR01 Datasheet
136Kb / 5P
   Anti-surge Chip Resistors 2kV to 5kV electrostatic discharge resistance.
ESR01 ROHM-ESR01 Datasheet
136Kb / 5P
   Anti-surge Chip Resistors
ESR01 ROHM-ESR01 Datasheet
136Kb / 5P
   Anti-surge Chip Resistors
ESR01MZPD100 ROHM-ESR01MZPD100 Datasheet
571Kb / 8P
   Anti-surge chip resistors
More results

Similar Description - ESR0805271KL

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com