Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESR0403120ML Datasheet(PDF) 6 Page - ABC Taiwan Electronics Corp

Part # ESR0403120ML
Description  SMD POWER INDUCTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

ESR0403120ML Datasheet(HTML) 6 Page - ABC Taiwan Electronics Corp

  ESR0403120ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp ESR0403120ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp ESR0403120ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp ESR0403120ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp ESR0403120ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp ESR0403120ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp ESR0403120ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
220
MW81-C
____
Polyamideimide
AIW
____
Polyesterimide
Polyesterimide
Polyesterimide
Polyesterimide
Polyesterimide
Polyesterimide
Polyesterimide
Polyesterimide
Modified Polyester
Modified Polyester
Modified Polyester
Modified Polyester
Polyesterimide
Polyurethane
Polyurethane
Polyurethane
Polyurethane
Polyurethane
Polyurethane
Modified Polyester
@-May be suffixed by LZ; # - May be suffixed by LZ, EL or LZI.
See General Information Preceding These Recognitions
fies base coated magnet wire twisted together and covered with top coat overall.
LZ - Signifies magned wires twisted together; EL - signifies base coated magnet wire laid parallel with top coat applied overall; LZL - signi-
For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc.
____
UEY
AR-001A
Recognized Component Mark.
Marking: Company name or trademarks
287806002
UEY-2
____
SF.EILOCKY#
SF.EILOCKBS
SFFY
UEW-2
UEW-1
UEW-4
Mtl
Dsg
SF.BW@
SFFW
287806002
Mark
____
____
____
____
____
Dsg
____
____
____
EILOCKW
FL.EILOCKY
SF.BLOCKBS
LSFFW
SF.FLW
SF.EIW
SF.FLY@
SF.BY@
PEY
PEW
LSUEW
EIW
EIW-2
EILOCKY
EIAIW
CFUEWB
____
____
____
____
____
____
____
____
____
____
____
____
____
____
____
130
MW28-C
Nylon
September 8 , 2000
OBMW2⁄E174837
, material designation or marked designation on packaed or reel, and
Polyamide
Page 2 of 2
榮星電線
or
MW28-C
130
A not-for-profit organization
dedicated to public safety and
committed to quality service
___
Polyester
Polyamide
Polyamide
____
____
____
Polyamide
____
Polyamide
Coat Typ
BC
Page 1 of 2
Polyurethane
OC
MW80C
___
MW2-C
MW75C
ANSI
Type
Modified
MW26C
MW79
___
Polyamideimide
Polyamide
____
____
Polyamide
____
____
____
____
____
Polyurethane
Modified
Polyester
Polyester
Polyurethane
Polyurethane
___
MW79-C
Nylon
Nylon
Modified
Nylon
MW26C
MW77C
___
MW27-C
MW27-C
___
MW24-C
Epoxy
Modified
___
MW74-C
___
___
___
MW35C
MW75C
155
130
105
130
Temp
Class
155
155
180
180
155
155
180
155
155
155
155
130
155
200
155
220
180
200
200
130
JUNG SHING WIRE CO LTD
231 CHUNG CHENG RD, SEC 3 JEN-TEH HSIANG, TAINAN
SMD POWER INDUCTOR
SPECIFICATION FOR APPROVAL
REF :
Ⅸ﹒UL CARD:
PROD.
NAME
OBMW2
Magnet Wire-Component
HSIEN TAIWAN
Dsg
Mtl
____
Mark
Dsg
ESR0403□□□□L□-□□□
____
Coat Typ
BC
September 8, 2000
OC
Type
ANSI
ABC'S DWG NO.
ABC'S ITEM NO.
E174837
Class
Temp
PAGE: 6


Similar Part No. - ESR0403120ML

ManufacturerPart #DatasheetDescription
logo
Rohm
ESR01 ROHM-ESR01 Datasheet
147Kb / 4P
   Anti-surge thick film chip resistor
ESR01 ROHM-ESR01 Datasheet
136Kb / 5P
   Anti-surge Chip Resistors 2kV to 5kV electrostatic discharge resistance.
ESR01 ROHM-ESR01 Datasheet
136Kb / 5P
   Anti-surge Chip Resistors
ESR01 ROHM-ESR01 Datasheet
136Kb / 5P
   Anti-surge Chip Resistors
ESR01MZPD100 ROHM-ESR01MZPD100 Datasheet
571Kb / 8P
   Anti-surge chip resistors
More results

Similar Description - ESR0403120ML

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com