Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM32256R8KL Datasheet(PDF) 8 Page - ABC Taiwan Electronics Corp

Part # CM32256R8KL
Description  WOUND CHIP INDUCTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

CM32256R8KL Datasheet(HTML) 8 Page - ABC Taiwan Electronics Corp

  CM32256R8KL Datasheet HTML 1Page - ABC Taiwan Electronics Corp CM32256R8KL Datasheet HTML 2Page - ABC Taiwan Electronics Corp CM32256R8KL Datasheet HTML 3Page - ABC Taiwan Electronics Corp CM32256R8KL Datasheet HTML 4Page - ABC Taiwan Electronics Corp CM32256R8KL Datasheet HTML 5Page - ABC Taiwan Electronics Corp CM32256R8KL Datasheet HTML 6Page - ABC Taiwan Electronics Corp CM32256R8KL Datasheet HTML 7Page - ABC Taiwan Electronics Corp CM32256R8KL Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
SPECIFICATION FOR APPROVAL
March 4, 1994
Reports: January 19, 1988: January 19, 1988: January 19, 1988: June 2, 1988;
Coating Type
Polyurechane
Polyesterimide
Polyesterimide
Polyurechane
(solderable)
Polyurechane
August 27, 1999
Polyurechane
Polyurechane
Polyurechane
Polyurechane
Polyurechane
ELEKTRISOLA (MALAYSLA) SDN BHD
See General Information preceding These Recognitions
IALAN DAMN SATU IANDA BAIK 28750 BENTONG, PAHANG
For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc.
Marking:Dompany name/nateriel designation or marked designation and factory identification on package ok reel
Pg155
Polysol 155g
AR-001A
June 2, 1998; June 2, 1988.
EME-5961C
EME-1100
EME-1200
BK
BK
BK
BK
BK
BK
94V-0
6.4
0.3
3.1
94V-0
94V-0
0.84
0.84
6.4
94V-0
94V-0
94V-0
BM-21
BM-23
BM-22
OMFZ2
ALL
ALL
ALL
0.79
0.79
0.79
94HB
94V-0
94HB
Polysol-N 180
Polysol 155p
Polysol 160
Polysol 180
Polysol 170
P170 or G170
Pp155,Gp155
PN180
P160
P180
Amldester 200
DARUL MAKMUR MALAYSIA
Mtl Dsg
Polysol-N 155
Polysol 155
Estersol 160
BC
Mark Dsg
PN155
P155
A200
E180
WOUND CHIP INDUCTOR
Magnet Wire-Comporent
OBMW2
Ⅹ﹒
UL CARD:
PROD.
NAME
REF :
130
MW-79
____
R
130
130
130
130
130
130
__________________
130
130
130
130
130
130
130
130
130
130
130
130
50
50
50
50
50
50
50
50
50
E59481 (S)
Nylon
____
____
____
____
MW-79
MW-79
MW-79
MW-79
180
155
155
156
155
CM3225□□□□L□-□□□
Typ
OC
Nylon
____
____
____
____
MW-80,
MW-79,
MW-28
MW-79
MW-77
MW-74
ANSI
Class
155,
100
155,
130
180
200
E143312
Temp
ABC'S DWG NO.
ABC'S ITEM NO.
PAGE: 8
20070124-C
20080502-H


Similar Part No. - CM32256R8KL

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CM322522 BOURNS-CM322522 Datasheet
298Kb / 2P
   Chip Inductor
CM322522-100JL BOURNS-CM322522-100JL Datasheet
298Kb / 2P
   Chip Inductor
CM322522-100K BOURNS-CM322522-100K Datasheet
419Kb / 7P
   SMT Chip Inductors
CM322522-100KL BOURNS-CM322522-100KL Datasheet
305Kb / 7P
   High resistance to heat and humidity
CM322522-100KL BOURNS-CM322522-100KL Datasheet
298Kb / 2P
   Chip Inductor
More results

Similar Description - CM32256R8KL

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
CM4532R10ML ABC-CM4532R10ML Datasheet
583Kb / 8P
   WOUND CHIP INDUCTOR
SW2022R47K2 ABC-SW2022R47K2 Datasheet
614Kb / 8P
   WOUND CHIP INDUCTOR
logo
Bourns Electronic Solut...
CW201212_MDS BOURNS-CW201212_MDS Datasheet
51Kb / 3P
   WOUND CHIP INDUCTOR
logo
XFMRS Inc.
XFWIC453630-331K XFMRS-XFWIC453630-331K Datasheet
46Kb / 1P
   Wound Chip Inductor
logo
ABC Taiwan Electronics ...
CM252010NJ3 ABC-CM252010NJ3 Datasheet
138Kb / 8P
   WOUND CHIP INDUCTOR
logo
XFMRS Inc.
XFWIC453630-150K XFMRS-XFWIC453630-150K Datasheet
36Kb / 1P
   Wound Chip Inductor
XFWIC453630-470K XFMRS-XFWIC453630-470K Datasheet
64Kb / 1P
   Wound Chip Inductor
XF070603-R10M XFMRS-XF070603-R10M Datasheet
35Kb / 1P
   WOUND CHIP INDUCTOR
XF070603-R20M XFMRS-XF070603-R20M Datasheet
36Kb / 1P
   WOUND CHIP INDUCTOR
logo
ABC Taiwan Electronics ...
SL10051N0DL ABC-SL10051N0DL Datasheet
465Kb / 6P
   WOUND CHIP INDUCTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com