Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESR0604150ML Datasheet(PDF) 6 Page - ABC Taiwan Electronics Corp

Part # ESR0604150ML
Description  SMD POWER INDUCTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

ESR0604150ML Datasheet(HTML) 6 Page - ABC Taiwan Electronics Corp

  ESR0604150ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp ESR0604150ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp ESR0604150ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp ESR0604150ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp ESR0604150ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp ESR0604150ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp ESR0604150ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
220
MW81-C
____
Polyamideimide
AIW
____
Polyesterimide
Polyesterimide
Polyesterimide
Polyurethane
Polyesterimide
Polyesterimide
Polyesterimide
Polyesterimide
Polyesterimide
Modified Polyester
Modified Polyester
Modified Polyester
Modified Polyester
Polyurethane
Polyurethane
Polyesterimide
Polyurethane
Polyurethane
Polyurethane
Polyurethane
Polyurethane
Polyurethane
Polyurethane
Modified Polyester
@-May be suffixed by LZ; # - May be suffixed by LZ, EL or LZI.
See General Information Preceding These Recognitions
fies base coated magnet wire twisted together and covered with top coat overall.
LZ - Signifies magned wires twisted together; EL - signifies base coated magnet wire laid parallel with top coat applied overall; LZL - signi-
For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc.
____
UEY
UEW-4
AR-001A
Recognized Component Mark.
Marking: Company name or trademarks
287806002
UEY-2
____
SF.BLOCKBS
SF.EILOCKY#
SF.EILOCKBS
287806002
Dsg
UEW-2
UEW-1
SFFY
Mtl
SF.BW@
SFFW
Mark
Dsg
____
____
____
____
____
____
____
____
FL.EILOCKY
LSFFW
SF.FLW
SF.FLY@
SF.BY@
SF.EIW
PEW
LSUEW
PEY
EILOCKW
EIW-2
EIW
EILOCKY
EIAIW
CFUEWB
____
____
____
____
____
____
____
____
____
____
____
____
____
____
____
____
130
130
MW28-C
MW75C
Nylon
September 8 , 2000
OBMW2⁄E174837
, material designation or marked designation on packaed or reel, and
Polyamide
Page 2 of 2
榮星電線
or
MW28-C
130
A not-for-profit organization
dedicated to public safety and
committed to quality service
Modified
Modified
Polyamide
____
____
OC
____
Modified
Polyamide
____
Polyamide
Polyamide
Page 1 of 2
Coat Typ
BC
Polyester
Type
___
MW2-C
MW80C
ANSI
MW26C
MW79
___
___
Polyamideimide
Polyamide
Modified
____
____
____
Polyamide
____
____
____
____
____
Polyester
Polyester
MW79-C
Nylon
Nylon
Nylon
MW26C
___
MW27-C
MW27-C
MW77C
___
MW24-C
___
Epoxy
___
MW74-C
___
___
___
MW35C
MW75C
155
Class
130
105
155
Temp
155
155
180
180
155
155
155
155
155
180
155
130
155
200
200
220
180
200
130
JUNG SHING WIRE CO LTD
231 CHUNG CHENG RD, SEC 3 JEN-TEH HSIANG, TAINAN
SMD POWER INDUCTOR
SPECIFICATION FOR APPROVAL
Ⅸ﹒RELIABILITY TEST:
NAME
PROD.
REF :
OBMW2
Magnet Wire-Component
HSIEN TAIWAN
Dsg
Mtl
Mark
Dsg
ESR0604□□□□L□-□□□
OC
Coat Typ
BC
September 8, 2000
Type
ANSI
ABC'S ITEM NO.
ABC'S DWG NO.
Class
Temp
E174837
PAGE: 6


Similar Part No. - ESR0604150ML

ManufacturerPart #DatasheetDescription
logo
Rohm
ESR01 ROHM-ESR01 Datasheet
147Kb / 4P
   Anti-surge thick film chip resistor
ESR01 ROHM-ESR01 Datasheet
136Kb / 5P
   Anti-surge Chip Resistors 2kV to 5kV electrostatic discharge resistance.
ESR01 ROHM-ESR01 Datasheet
136Kb / 5P
   Anti-surge Chip Resistors
ESR01 ROHM-ESR01 Datasheet
136Kb / 5P
   Anti-surge Chip Resistors
ESR01MZPD100 ROHM-ESR01MZPD100 Datasheet
571Kb / 8P
   Anti-surge chip resistors
More results

Similar Description - ESR0604150ML

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com