Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR1013562KL Datasheet(PDF) 4 Page - ABC Taiwan Electronics Corp

Part # FR1013562KL
Description  SHIELDED INDUCTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

FR1013562KL Datasheet(HTML) 4 Page - ABC Taiwan Electronics Corp

  FR1013562KL Datasheet HTML 1Page - ABC Taiwan Electronics Corp FR1013562KL Datasheet HTML 2Page - ABC Taiwan Electronics Corp FR1013562KL Datasheet HTML 3Page - ABC Taiwan Electronics Corp FR1013562KL Datasheet HTML 4Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
REF : 20100118-B
Ⅶ﹒UL CARD:
AR-001A
NAME
PROD.
Coat Typ
Mark
Mtl
Temp
ANSI
Page 2 of 2
fies base coated magnet wire twisted together and covered with top coat overall.
LZ - Signifies magned wires twisted together; EL - signifies base coated magnet wire laid parallel with top coat applied overall; LZL - signi-
For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc.
, material designation or marked designation on packaed or reel, and
287806002
Marking: Company name or trademarks
See General Information Preceding These Recognitions
@-May be suffixed by LZ; # - May be suffixed by LZ, EL or LZI.
Recognized Component Mark.
UEW-2
UEW-4
UEY-2
UEY
UEW-1
Dsg
SFFY
____
____
____
____
____
Dsg
____
or 榮星電線
Polyurethane
Polyurethane
Polyurethane
Polyurethane
Polyurethane
Polyurethane
BC
OBMW2⁄E174837
September 8 , 2000
MW28-C
MW28-C
____
____
____
Nylon
Polyamide
Polyamide
OC
MW75C
MW2-C
MW80C
___
Type
130
130
130
130
105
155
Class
FR1013□□□□L□-□□□
HSIEN TAIWAN
Coat Typ
Page 1 of 2
Polyester
____
PEY
287806002
SFFW
SF.BW@
____
____
SF.BLOCKBS
SF.EILOCKBS
SF.EILOCKY#
SF.FLY@
SF.BY@
SF.FLW
SF.EIW
____
____
____
____
____
____
Polyurethane
Modified Polyester
Polyesterimide
Polyesterimide
Polyesterimide
Polyesterimide
Modified Polyester
Modified Polyester
Modified Polyester
Polyester
Modified
____
EILOCKY
FL.EILOCKY
LSFFW
LSUEW
PEW
EILOCKW
EIW-2
EIW
____
____
____
____
____
____
____
Dsg
CFUEWB
EIAIW
AIW
Mtl
____
Dsg
____
____
____
Mark
Polyesterimide
Polyesterimide
Polyurethane
Polyurethane
Polyesterimide
Polyesterimide
Modified Polyester
Polyester
Polyurethane
Polyesterimide
Polyamideimide
BC
____Nylon
155
MW24-C
Polyamide
____
Modified
Modified
Polyamide
Polyamide
____
Nylon
Nylon
A not-for-profi t organization
commi tt ed t o qual it y service
dedicat ed to publicsafety and
MW79
MW26C
155
155
MW27-C
___
___
___
MW27-C
MW26C
MW77C
155
155
180
180
155
155
180
MW81-C
Polyamide
Modified
____
____
Polyamide
____
____
____
Epoxy
____
____
Polyamideimide
OC
180
___
___
MW79-C
___
___
MW74-C
___
155
155
130
155
200
200
220
Type
MW75C
MW35C
___
ANSI
Class
220
200
130
Temp
September 8, 2000
231 CHUNG CHENG RD, SEC 3 JEN-TEH HSIANG, TAINAN
SPECIFICATION FOR APPROVAL
ABC'S ITEM NO.
ABC'S DWG NO.
Magnet Wire-Component
JUNG SHING WIRE CO LTD
OBMW2
SHIELDED INDUCTOR
E174837
PAGE: 4


Similar Part No. - FR1013562KL

ManufacturerPart #DatasheetDescription
logo
Surge Components
FR101 SURGE-FR101 Datasheet
119Kb / 2P
   1.0 AMP. Fast Recovery Rectifiers
logo
Chongqing Pingwei Enter...
FR101 CHONGQING-FR101 Datasheet
177Kb / 1P
   1.0AMP . FAST RECOVERY RECTIFIERS
logo
RFE international
FR101 RFE-FR101 Datasheet
95Kb / 1P
   LEADED (THRU-HOLE) General Purpose & Fast Recovery Rectifiers
logo
Leshan Radio Company
FR101 LRC-FR101 Datasheet
52Kb / 2P
   1A FAST RECOVERY DIODES
logo
SHENZHEN KOO CHIN ELECT...
FR101 KOOCHIN-FR101 Datasheet
284Kb / 2P
   FAST RECOVERY RECTIFIER
More results

Similar Description - FR1013562KL

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XFTPRH3D16 XFMRS-XFTPRH3D16 Datasheet
56Kb / 1P
   SHIELDED INDUCTOR
XFTPRH3D16 XFMRS-XFTPRH3D16 Datasheet
56Kb / 1P
   SHIELDED INDUCTOR
XFTPRH5D28-3R3M XFMRS-XFTPRH5D28-3R3M Datasheet
44Kb / 1P
   Shielded Inductor
XFTPRH4D18-R47N XFMRS-XFTPRH4D18-R47N Datasheet
46Kb / 1P
   SHIELDED INDUCTOR
XFTPRH4018-1R0N XFMRS-XFTPRH4018-1R0N Datasheet
65Kb / 1P
   SHIELDED INDUCTOR
XFTPRH4018-2R2M XFMRS-XFTPRH4018-2R2M Datasheet
37Kb / 1P
   SHIELDED INDUCTOR
XFTPRH4018-102M XFMRS-XFTPRH4018-102M Datasheet
48Kb / 1P
   SHIELDED INDUCTOR
XFTPRH4018-470M XFMRS-XFTPRH4018-470M Datasheet
47Kb / 1P
   SHIELDED INDUCTOR
XFS1MDR1714SH-224 XFMRS-XFS1MDR1714SH-224 Datasheet
38Kb / 1P
   Shielded Inductor
XFS1MDR1714SH-332 XFMRS-XFS1MDR1714SH-332 Datasheet
38Kb / 1P
   Shielded Inductor
XFTPRH5D28R-221M XFMRS-XFTPRH5D28R-221M Datasheet
65Kb / 1P
   Shielded Inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com