Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC45325R6KL Datasheet(PDF) 4 Page - ABC Taiwan Electronics Corp

Part # CC45325R6KL
Description  WOUND CHIP INDUCTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

CC45325R6KL Datasheet(HTML) 4 Page - ABC Taiwan Electronics Corp

  CC45325R6KL Datasheet HTML 1Page - ABC Taiwan Electronics Corp CC45325R6KL Datasheet HTML 2Page - ABC Taiwan Electronics Corp CC45325R6KL Datasheet HTML 3Page - ABC Taiwan Electronics Corp CC45325R6KL Datasheet HTML 4Page - ABC Taiwan Electronics Corp CC45325R6KL Datasheet HTML 5Page - ABC Taiwan Electronics Corp CC45325R6KL Datasheet HTML 6Page - ABC Taiwan Electronics Corp CC45325R6KL Datasheet HTML 7Page - ABC Taiwan Electronics Corp CC45325R6KL Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
There is no differentiation or directions of polarity ( marking ) in the packaging method.
13 - 12
CC4532
Ⅶ﹒PACKAGING INFORMATION:
WOUND CHIP INDUCTOR
no component
Style
( 2 ) Dimensions
Series
CC4532
07 - 12
( 3 ) Q'TY & G.W. Per package
200 m/m min.
( 1 ) Configuration
AR-001A
End
PROD.
NAME
REF : 20071102-D
18.4
Unit:m/m
16.5
Q'TY (pcs)
550
140
G.W. (gw)
Inner : Reel
Q'TY (pcs)
2000
500
Style
07 - 12
13 - 12
21±0.8
21±0.8
A
330
178
C
B
13
13±0.5
Outer : Carton
G.W. (Kg)
20,000
18,000
8.00
6.80
Size (cm)
41 x 39 x 22
41 x 39 x 22
G
D
12
12
14
14
+0
+0
T
N
50
50
-0
-0
400 m/m min.
CC4532□□□□L□-□□□
Cover tape
C
User direction of feed
Components
G
P:8 m/m
Leader
no component
Trailer
Embossed carrier
Carrier tape width : D
4 m/m
SPECIFICATION FOR APPROVAL
ABC'S ITEM NO.
ABC'S DWG NO.
2.0±0.5
T
Start
D
PAGE: 4


Similar Part No. - CC45325R6KL

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CC453232 BOURNS-CC453232 Datasheet
240Kb / 2P
   Wirewound Chip Inductor
CC453232-100KL BOURNS-CC453232-100KL Datasheet
240Kb / 2P
   Wirewound Chip Inductor
CC453232-101KL BOURNS-CC453232-101KL Datasheet
240Kb / 2P
   Wirewound Chip Inductor
CC453232-120KL BOURNS-CC453232-120KL Datasheet
240Kb / 2P
   Wirewound Chip Inductor
CC453232-121KL BOURNS-CC453232-121KL Datasheet
240Kb / 2P
   Wirewound Chip Inductor
More results

Similar Description - CC45325R6KL

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
CM3225R12ML ABC-CM3225R12ML Datasheet
553Kb / 8P
   WOUND CHIP INDUCTOR
CM4532R10ML ABC-CM4532R10ML Datasheet
583Kb / 8P
   WOUND CHIP INDUCTOR
SW2022R47K2 ABC-SW2022R47K2 Datasheet
614Kb / 8P
   WOUND CHIP INDUCTOR
logo
Bourns Electronic Solut...
CW201212_MDS BOURNS-CW201212_MDS Datasheet
51Kb / 3P
   WOUND CHIP INDUCTOR
logo
XFMRS Inc.
XFWIC453630-331K XFMRS-XFWIC453630-331K Datasheet
46Kb / 1P
   Wound Chip Inductor
logo
ABC Taiwan Electronics ...
CM252010NJ3 ABC-CM252010NJ3 Datasheet
138Kb / 8P
   WOUND CHIP INDUCTOR
logo
XFMRS Inc.
XFWIC453630-150K XFMRS-XFWIC453630-150K Datasheet
36Kb / 1P
   Wound Chip Inductor
XFWIC453630-470K XFMRS-XFWIC453630-470K Datasheet
64Kb / 1P
   Wound Chip Inductor
XF070603-R10M XFMRS-XF070603-R10M Datasheet
35Kb / 1P
   WOUND CHIP INDUCTOR
XF070603-R20M XFMRS-XF070603-R20M Datasheet
36Kb / 1P
   WOUND CHIP INDUCTOR
logo
ABC Taiwan Electronics ...
SL10051N0DL ABC-SL10051N0DL Datasheet
465Kb / 6P
   WOUND CHIP INDUCTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com