Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B72590D0050A060 Datasheet(PDF) 5 Page - EPCOS

Part # B72590D0050A060
Description  CeraDiodes
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72590D0050A060 Datasheet(HTML) 5 Page - EPCOS

  B72590D0050A060 Datasheet HTML 1Page - EPCOS B72590D0050A060 Datasheet HTML 2Page - EPCOS B72590D0050A060 Datasheet HTML 3Page - EPCOS B72590D0050A060 Datasheet HTML 4Page - EPCOS B72590D0050A060 Datasheet HTML 5Page - EPCOS B72590D0050A060 Datasheet HTML 6Page - EPCOS B72590D0050A060 Datasheet HTML 7Page - EPCOS B72590D0050A060 Datasheet HTML 8Page - EPCOS B72590D0050A060 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Recommended solder pads
Single device
Dimensions in mm
Case size
(inch)
(mm)
0201
0603
0402
1005
0603
1608
1003
2508
A
0.3
0.6
1.0
0.8
B
0.25
0.6
1.0
0.8
C
0.3
0.5
1.0
1.45
Array device
Dimensions in mm
Case size
(inch)
(mm)
0508
1220
0612
1632
A
0.35
0.5
B
0.9
0.7
C
0.4
1.2
E
0.5
0.76
CeraDiodes
Standard series
Page 5 of 22
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B72590D0050A060

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72590D0050A060 EPCOS-B72590D0050A060 Datasheet
519Kb / 23P
   CeraDiodes
B72590D0050A060 EPCOS-B72590D0050A060 Datasheet
510Kb / 22P
   CeraDiodes
B72590D0050A060 EPCOS-B72590D0050A060 Datasheet
510Kb / 22P
   Bidirectional ESD protection in one component
More results

Similar Description - B72590D0050A060

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72500D50A60 EPCOS-B72500D50A60 Datasheet
519Kb / 23P
   CeraDiodes
B72714D0200A060 EPCOS-B72714D0200A060_12 Datasheet
510Kb / 22P
   CeraDiodes
B72724D160H62 EPCOS-B72724D160H62 Datasheet
567Kb / 22P
   CeraDiodes
B72755D0050H062 EPCOS-B72755D0050H062 Datasheet
562Kb / 22P
   CeraDiodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com