Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM45322R7KL Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # CM45322R7KL
Description  WOUND CHIP INDUCTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

CM45322R7KL Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  CM45322R7KL Datasheet HTML 1Page - ABC Taiwan Electronics Corp CM45322R7KL Datasheet HTML 2Page - ABC Taiwan Electronics Corp CM45322R7KL Datasheet HTML 3Page - ABC Taiwan Electronics Corp CM45322R7KL Datasheet HTML 4Page - ABC Taiwan Electronics Corp CM45322R7KL Datasheet HTML 5Page - ABC Taiwan Electronics Corp CM45322R7KL Datasheet HTML 6Page - ABC Taiwan Electronics Corp CM45322R7KL Datasheet HTML 7Page - ABC Taiwan Electronics Corp CM45322R7KL Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
3.60
170
12
±10%
2.52
27.00
CM4532270KL□
50
-□□□
4.50
6.00
5.00
5.50
4.00
8.00
10.00
9.00
9.50
12.00
14.00
7.00
8.00
26.00
30.00
30.00
35.00
40.00
18.00
□□
2)."-
":Reference code
AR-001A
1). □:Packaging information … A:Bulk B:Taping Reel
33.00
39.00
47.00
56.00
68.00
82.00
100.00
120.00
150.00
180.00
220.00
270.00
330.00
390.00
470.00
560.00
680.00
820.00
1000.00
CM4532221KL□ -□□□
CM4532102KL□
CM4532821KL□
CM4532681KL□
CM4532561KL□
CM4532471KL□
CM4532391KL□
CM4532331KL□
CM4532271KL□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
CM4532101KL□
CM4532121KL□
CM4532151KL□
CM4532181KL□
CM4532820KL□
CM4532680KL□
CM4532560KL□
CM4532470KL□
CM4532330KL□
CM4532390KL□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
4.0
±10%
0.796
40
±10%
30
±10%
±10%
±10%
20
30
30
±10%
±10%
±10%
±10%
40
40
40
40
3.0
0.796
0.252
0.796
0.796
2.5
2.5
3.0
0.796
0.796
0.796
0.796
3.0
3.0
4.0
3.5
50
±10%
±10%
±10%
±10%
±10%
±10%
40
40
40
50
40
±10%
±10%
±10%
±10%
50
50
50
50
9.0
2.52
0.796
0.796
0.796
2.52
0.796
6.0
5.0
5.0
8.0
8.0
2.52
2.52
2.52
2.52
10
9.0
11
10
100
50
30
50
30
62
80
92
85
130
110
105
102
120
110
150
140
135
160
0.55
0.50
0.70
0.60
0.65
0.90
1.20
1.00
1.10
0.75
0.80
0.45
max.
2.00
3.20
2.50
2.80
1.40
1.60
( Ω )
RDC
0.18
0.20
0.25
0.22
0.24
0.28
0.30
0.40
0.32
0.36
0.26
SPECIFICATION FOR APPROVAL
CM4532□□□□L□-□□□
150
±20%
25.2
0.39
CM4532R39ML□
40
-□□□
0.47
0.56
0.68
0.82
1.00
1.20
1.50
1.80
2.20
2.70
3.30
3.90
4.70
5.60
6.80
12.00
15.00
18.00
22.00
8.20
10.00
CM45323R3KL□ -□□□
CM45323R9KL□
CM45324R7KL□
CM45328R2KL□
CM45326R8KL□
CM4532100KL□
CM4532120KL□
CM45325R6KL□
CM4532220KL□
CM4532180KL□
CM4532150KL□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
CM45322R7KL□
CM45322R2KL□
CM4532R56ML□
CM4532R68ML□
CM4532R82ML□
CM45321R0KL□
CM45321R8KL□
CM45321R5KL□
CM45321R2KL□
CM4532R47ML□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
45
±10%
7.96
50
±10%
50
±10%
±10%
±10%
±10%
±10%
50
50
50
50
50
±10%
±10%
±10%
±10%
50
50
50
50
25
7.96
2.52
2.52
2.52
2.52
2.52
17
15
13
20
18
7.96
7.96
7.96
7.96
33
27
35
40
50
±10%
±10%
±10%
±10%
±10%
±10%
50
50
50
50
50
±20%
±20%
±20%
±20%
40
40
40
40
100
7.96
7.96
7.96
7.96
7.96
7.96
60
50
55
80
70
25.2
25.2
25.2
25.2
135
130
145
140
Inductance
( µH )
0.10
0.12
0.15
0.18
0.22
0.27
0.33
Ⅴ﹒
ELECTRICAL CHARACTERISTICS:
WOUND CHIP INDUCTOR
DWG No.
CM4532R10ML□
CM4532R27ML□
CM4532R33ML□
CM4532R22ML□
CM4532R18ML□
CM4532R15ML□
CM4532R12ML□ -□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
NAME
PROD.
REF :
Test
Freq.
( MHz )
±20%
35
±20%
±20%
±20%
±20%
±20%
40
40
40
35
35
±20%
min.
35
Q
280
25.2
25.2
25.2
25.2
25.2
25.2
200
180
165
250
220
SRF
( MHz )
min.
25.2
300
ABC'S DWG NO.
ABC'S ITEM NO.
575
355
270
225
180
200
190
250
330
285
315
300
450
430
380
410
390
370
475
500
520
545
770
730
700
665
605
635
max.
IDC
( mA )
800
PAGE: 2
20070813-E


Similar Part No. - CM45322R7KL

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CM453232-1001L BOURNS-CM453232-1001L Datasheet
449Kb / 9P
   SMT Chip Inductors
CM453232-100JL BOURNS-CM453232-100JL Datasheet
269Kb / 3P
   SMT Chip Inductors
CM453232-100K BOURNS-CM453232-100K Datasheet
419Kb / 7P
   SMT Chip Inductors
CM453232-100KL BOURNS-CM453232-100KL Datasheet
305Kb / 7P
   High resistance to heat and humidity
CM453232-1011L BOURNS-CM453232-1011L Datasheet
449Kb / 9P
   SMT Chip Inductors
More results

Similar Description - CM45322R7KL

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
CM3225R12ML ABC-CM3225R12ML Datasheet
553Kb / 8P
   WOUND CHIP INDUCTOR
SW2022R47K2 ABC-SW2022R47K2 Datasheet
614Kb / 8P
   WOUND CHIP INDUCTOR
logo
Bourns Electronic Solut...
CW201212_MDS BOURNS-CW201212_MDS Datasheet
51Kb / 3P
   WOUND CHIP INDUCTOR
logo
XFMRS Inc.
XFWIC453630-331K XFMRS-XFWIC453630-331K Datasheet
46Kb / 1P
   Wound Chip Inductor
logo
ABC Taiwan Electronics ...
CM252010NJ3 ABC-CM252010NJ3 Datasheet
138Kb / 8P
   WOUND CHIP INDUCTOR
logo
XFMRS Inc.
XFWIC453630-150K XFMRS-XFWIC453630-150K Datasheet
36Kb / 1P
   Wound Chip Inductor
XFWIC453630-470K XFMRS-XFWIC453630-470K Datasheet
64Kb / 1P
   Wound Chip Inductor
XF070603-R10M XFMRS-XF070603-R10M Datasheet
35Kb / 1P
   WOUND CHIP INDUCTOR
XF070603-R20M XFMRS-XF070603-R20M Datasheet
36Kb / 1P
   WOUND CHIP INDUCTOR
logo
ABC Taiwan Electronics ...
SL10051N0DL ABC-SL10051N0DL Datasheet
465Kb / 6P
   WOUND CHIP INDUCTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com