Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B78108T1472K000 Datasheet(PDF) 4 Page - EPCOS

Part # B78108T1472K000
Description  Inductors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B78108T1472K000 Datasheet(HTML) 4 Page - EPCOS

  B78108T1472K000 Datasheet HTML 1Page - EPCOS B78108T1472K000 Datasheet HTML 2Page - EPCOS B78108T1472K000 Datasheet HTML 3Page - EPCOS B78108T1472K000 Datasheet HTML 4Page - EPCOS B78108T1472K000 Datasheet HTML 5Page - EPCOS B78108T1472K000 Datasheet HTML 6Page - EPCOS B78108T1472K000 Datasheet HTML 7Page - EPCOS B78108T1472K000 Datasheet HTML 8Page - EPCOS B78108T1472K000 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
03/08
Please read Cautions and warnings and
Important notes at the end of this document.
Technical data and measuring conditions
Mounting information
When bending the leads, take care that the start-of-winding areas at the face ends (protected by
glue and lacquer) are not subjected to any mechanical stress.
Rated inductance LR
Measured with LCR meter Agilent 4284A
or impedance analyzer Agilent 4294A
Measuring frequency:
LR ≤ 10 µH=
1 MHz
10
µH < L
R ≤ 4700 µH = 100 kHz
Measuring current:
≤ 1 mA
Measuring temperature: 20 °C
Q factor Qmin
Measured with precision impedance analyzer Agilent 4294A, 20 °C
Rated temperature TR
40
°C
Rated current IR
Maximum permissible DC current at rated temperature
Inductance decrease
∆L/L
0
≤ 10% (referred to initial value) at I
R, 20 °C
DC resistance Rmax
Measured at 20
°C
Resonance frequency fres,min Measured with Agilent 4294A or 8753ES, 20 °C
Solderability (lead-free)
Sn95.5Ag3.8Cu0.7: (245
±5) °C, (3 ±0.3) s
Wetting of soldering area
≥ 90%
(to IEC 60068-2-20, test Ta)
Resistance to soldering heat
(260
±5) °C, 10 s (to IEC 60068-2-20, test Tb)
Tensile strength of leads
≥ 20 N (to IEC 60068-2-21, test Ua)
Climatic category
55/125/56 (to IEC 60068-1)
Storage conditions
Mounted: –55 °C … +125 °C
Packaged: –25 °C … +40 °C,
≤ 75% RH
Weight
Approx. 0.25 g
B78108T, B78148T
RF chokes
MCC series, 3.3
× 7 (mm)


Similar Part No. - B78108T1472K000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B78108T1072K000 TDK-B78108T1072K000 Datasheet
642Kb / 8P
   RF chokes, MCC series
B78108T1073K000 TDK-B78108T1073K000 Datasheet
642Kb / 8P
   RF chokes, MCC series
B78108T1100K000 TDK-B78108T1100K000 Datasheet
642Kb / 8P
   RF chokes, MCC series
B78108T1102K000 TDK-B78108T1102K000 Datasheet
642Kb / 8P
   RF chokes, MCC series
B78108T1103K000 TDK-B78108T1103K000 Datasheet
642Kb / 8P
   RF chokes, MCC series
More results

Similar Description - B78108T1472K000

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-ND1R0JF PANASONIC-ELJ-ND1R0JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-NA2R2JF PANASONIC-ELJ-NA2R2JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Semiconductor
ELJEA3R3KF PANASONIC-ELJEA3R3KF Datasheet
79Kb / 2P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com