Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS6121D Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # TS6121D
Description  10/100 BASE-T ETHERNET ISOLATION TRANSFORMER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

TS6121D Datasheet(HTML) 1 Page - Bothhand USA, LP.

  TS6121D_1 Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P/N: TS6121D DATA SHEET
Feature
!
Designed to meet IEEE 802.3u requirement,including 350uH
OCL with 8mA bias.
!
Designed for reflow soldering at temperature up to 235℃.
!
Operating temperature range: 0
°C to +70°C.
!
Storage temperature range: -25℃ to +125℃.
Electrical Specifications @ 25°C
L.L (uH Max)
@100KHz/0.1Vrms
HI-POT (Vrms) @2S
Turns Ratio
(±3%)
OCL (uH Min)
@ 100KHz/0.1V
with 8mA DC Bias
7-6(1-2short)
(1-2-3)to(7-5-6)
Part
Number
(1-3-2):(7-5-6)
(16-14-15):(10-12-11)
(10-11)=(7-6)
10-11(16-15short)
(16-14-15) to(10-12-11)
TS6121D
1CT:1CT
1CT:1CT
350
0.4
1500
Continue
Cw/w (pF Max)
@100KHz/0.1Vrms
(1-2-3)to(7-5-6)
Insertion Loss
(dB Max)
Return Loss
(dB Min)
DCR
(ΩMax)
Part
Number
(16-14-15) to(10-12-11)
0.3-100 MHz 0.5-30MHz 40 MHz 50 MHz 60-80 MHz (10-11)&(7-6) (1-2)&(16-15)
TS6121D
28
-1.1
-18
-15.5
-13.5
-12
0.9
1.1
Schematic
Mechanical
Bothhandusa.com
10/100 BASE-T ETHERNET ISOLATION
TRANSFORMER
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434


Similar Part No. - TS6121D_1

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
TS6121D BOTHHAND-TS6121D Datasheet
576Kb / 1P
   10/100 BASE-T ETHERNET ISOLATION TRANSFORMER
More results

Similar Description - TS6121D_1

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
16PT6149F BOTHHAND-16PT6149F Datasheet
26Kb / 1P
   10/100 BASE-T ETHERNET ISOLATION TRANSFORMER
TS1102 BOTHHAND-TS1102 Datasheet
28Kb / 1P
   10/100 BASE-T ETHERNET ISOLATION TRANSFORMER
TS6121AX BOTHHAND-TS6121AX Datasheet
263Kb / 1P
   10/100 BASE-T ETHERNET ISOLATION TRANSFORMER
TSB21L BOTHHAND-TSB21L Datasheet
264Kb / 1P
   10/100 BASE-T ETHERNET ISOLATION TRANSFORMER
TS6121C3 BOTHHAND-TS6121C3 Datasheet
262Kb / 1P
   10/100 BASE-T ETHERNET ISOLATION TRANSFORMER
TS6121CH BOTHHAND-TS6121CH Datasheet
292Kb / 1P
   10/100 BASE-T ETHERNET ISOLATION TRANSFORMER
TS6115 BOTHHAND-TS6115 Datasheet
181Kb / 1P
   10/100 BASE-T ETHERNET ISOLATION TRANSFORMER
TS6121CXLF BOTHHAND-TS6121CXLF Datasheet
112Kb / 1P
   10/100 BASE-T ETHERNET ISOLATION TRANSFORMER
TS6121CX BOTHHAND-TS6121CX Datasheet
264Kb / 1P
   10/100 BASE-T ETHERNET ISOLATION TRANSFORMER
TS8115LF BOTHHAND-TS8115LF Datasheet
79Kb / 1P
   10/100 BASE-T ETHERNET ISOLATION TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com