Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82114R0000A004 Datasheet(PDF) 2 Page - EPCOS

Part # B82114R0000A004
Description  Inductors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82114R0000A004 Datasheet(HTML) 2 Page - EPCOS

  B82114R0000A004 Datasheet HTML 1Page - EPCOS B82114R0000A004 Datasheet HTML 2Page - EPCOS B82114R0000A004 Datasheet HTML 3Page - EPCOS B82114R0000A004 Datasheet HTML 4Page - EPCOS B82114R0000A004 Datasheet HTML 5Page - EPCOS B82114R0000A004 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
03/08
Please read Cautions and warnings and
Important notes at the end of this document.
Rated voltage 500 V AC/DC1)
Rated current max. 1 A
Construction
Round 6-aperture ferrite core
With or without insulating sleeve
Features
The selected core material provides maximum
impedance in the relevant frequency range of 50 to 200 MHz
An insulating sleeve prevents any turn-to-turn short circuits
Suitable for wave soldering
RoHS-compatible
Applications
Broadband interference suppression in electrical
systems and equipment in the RF and VHF range
Reduction of radiated interference in broadcasting and TV receivers
Terminals
Central axial leads
Base material Cu
Hot-dip tinned with pure tin
Delivery mode: Bulk
Dimensional drawings
B82114R*A … (without insulating sleeve)
B82114R*C … (with insulating sleeve)
1) 500 V AC only with insulating sleeve
IND0159-Z-E
15 max.
6.5 max.
Insulated
Insulated
45 10
_
10 0.5
_
45 10
_
IND0160-U-E
15 max.
6.7 max.
Insulated
Insulated
Dimensions in mm
B82114
VHF chokes


Similar Part No. - B82114R0000A004

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82114 EPCOS-B82114 Datasheet
92Kb / 6P
   VHF chokes for power line applications Rated voltage 500 V dc/ac Rated current max. 1 A
B82114-R-A1 EPCOS-B82114-R-A1 Datasheet
92Kb / 6P
   VHF chokes for power line applications Rated voltage 500 V dc/ac Rated current max. 1 A
B82114-R-A4 EPCOS-B82114-R-A4 Datasheet
92Kb / 6P
   VHF chokes for power line applications Rated voltage 500 V dc/ac Rated current max. 1 A
B82114-R-C1 EPCOS-B82114-R-C1 Datasheet
92Kb / 6P
   VHF chokes for power line applications Rated voltage 500 V dc/ac Rated current max. 1 A
B82114-R-C4 EPCOS-B82114-R-C4 Datasheet
92Kb / 6P
   VHF chokes for power line applications Rated voltage 500 V dc/ac Rated current max. 1 A
More results

Similar Description - B82114R0000A004

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-ND1R0JF PANASONIC-ELJ-ND1R0JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-NA2R2JF PANASONIC-ELJ-NA2R2JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Semiconductor
ELJEA3R3KF PANASONIC-ELJEA3R3KF Datasheet
79Kb / 2P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com