Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B78108T1273K000 Datasheet(PDF) 2 Page - EPCOS

Part # B78108T1273K000
Description  Inductors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B78108T1273K000 Datasheet(HTML) 2 Page - EPCOS

  B78108T1273K000 Datasheet HTML 1Page - EPCOS B78108T1273K000 Datasheet HTML 2Page - EPCOS B78108T1273K000 Datasheet HTML 3Page - EPCOS B78108T1273K000 Datasheet HTML 4Page - EPCOS B78108T1273K000 Datasheet HTML 5Page - EPCOS B78108T1273K000 Datasheet HTML 6Page - EPCOS B78108T1273K000 Datasheet HTML 7Page - EPCOS B78108T1273K000 Datasheet HTML 8Page - EPCOS B78108T1273K000 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
03/08
Please read Cautions and warnings and
Important notes at the end of this document.
MCC choke (Mini Cylinder Core)
Rated inductance 0.1
µH to 100 µH
Rated current 85 mA to 1120 mA
Construction
Ceramic or ferrite cylinder core
Winding: enamel copper wire
Flame-retardant lacquer coating
Features
Low total height
Low inductance
High resonance frequency
Suitable for wave soldering
RoHS-compatible
Applications
RF blocking
Decoupling and interference suppression
For antenna systems, automotive electronics,
telecommunications, entertainment electronics
Terminals
Central axial leads (B78108T)
Radially bent to 5 mm lead spacing (B78148T)
B781*T3:
– Base material Staku 30/copper-clad steel 30
– Hot-dipped and electro-plated with pure tin
B781*T1:
– Base material CuAg0.1
– Hot-dipped with pure tin
Marking
Inductance indicated by color bands to IEC 60062
Delivery mode and packing units
Taped, Ammo and reel packing
Packing units:
Ammo
(pcs./pack.)
Reel
(pcs./reel)
Axial
5000
5000
Radial
2500
2000
B78108T
B78148T
B78108T, B78148T
RF chokes
MCC series, 3.3
× 7 (mm)


Similar Part No. - B78108T1273K000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B78108T1273K000 TDK-B78108T1273K000 Datasheet
642Kb / 8P
   RF chokes, MCC series
More results

Similar Description - B78108T1273K000

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-ND1R0JF PANASONIC-ELJ-ND1R0JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-NA2R2JF PANASONIC-ELJ-NA2R2JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Semiconductor
ELJEA3R3KF PANASONIC-ELJEA3R3KF Datasheet
79Kb / 2P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com