Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82422H1681M000 Datasheet(PDF) 5 Page - EPCOS

Part # B82422H1681M000
Description  SMT inductors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82422H1681M000 Datasheet(HTML) 5 Page - EPCOS

  B82422H1681M000 Datasheet HTML 1Page - EPCOS B82422H1681M000 Datasheet HTML 2Page - EPCOS B82422H1681M000 Datasheet HTML 3Page - EPCOS B82422H1681M000 Datasheet HTML 4Page - EPCOS B82422H1681M000 Datasheet HTML 5Page - EPCOS B82422H1681M000 Datasheet HTML 6Page - EPCOS B82422H1681M000 Datasheet HTML 7Page - EPCOS B82422H1681M000 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
10/08
Please read Cautions and warnings and
Important notes at the end of this document.
Characteristics and ordering codes
Intermediate values and closer tolerances on request.
Higher currents possible at temperatures <TR on request.
Sample kit available. Ordering code: B82422X002
For more information refer to chapter “Sample kits".
1) Replace the + by the code letter for the required inductance tolerance.
For reel size
∅ 330 mm the last digit has to be an »8«. Example: B82422H1102M008
2) For Ni-barrier-plated terminals replace the last two digits “00” by “50” (reel 180 mm) or “58” (reel 330 mm).
LR
μH
Tolerance
fL
MHz
Qmin
fQ
MHz
IR
mA
Rmax
Ω
fres,min
MHz
Ordering code1)2)
(
∅ 180-mm reel)
0.10
±20% M
10
10
2.52
2050
0.03
1000
B82422H1101M000
0.15
10
10
2.52
1880
0.04
800
B82422H1151M000
0.22
10
10
2.52
1760
0.04
600
B82422H1221M000
0.33
10
10
2.52
1650
0.05
500
B82422H1331M000
0.47
7.96
10
2.52
1540
0.05
400
B82422H1471M000
0.68
7.96
10
2.52
1370
0.07
200
B82422H1681M000
1.0
±5% J
±10% K
7.96
10
2.52
1270
0.09
150
B82422H1102+000
1.5
7.96
10
2.52
1120
0.12
110
B82422H1152+000
2.2
7.96
10
2.52
1000
0.15
90
B82422H1222+000
3.3
7.96
10
2.52
840
0.20
70
B82422H1332+000
4.7
7.96
10
2.52
770
0.24
46
B82422H1472+000
6.8
7.96
10
2.52
660
0.33
35
B82422H1682+000
10
2.52
12
2.52
500
0.46
30
B82422H1103+000
15
2.52
12
2.52
390
0.72
26
B82422H1153+000
22
2.52
12
2.52
330
1.0
21
B82422H1223+000
33
2.52
15
2.52
280
1.4
15
B82422H1333+000
47
2.52
15
2.52
230
2.1
12
B82422H1473+000
68
2.52
15
2.52
180
3.4
10
B82422H1683+000
100
0.796 20
0.796
150
4.8
8.0 B82422H1104+000
150
0.796 20
0.796
120
7.5
6.0 B82422H1154+000
220
0.796 20
0.796
100
10.9
5.5 B82422H1224+000
330
0.796 20
0.796
90
13.0
4.5 B82422H1334+000
470
0.796 20
0.796
76
20.0
3.5 B82422H1474+000
680
0.796 20
0.796
61
31.0
3.0 B82422H1684+000
^
^
^
B82422H
SMT inductors, SIMID series
SIMID 1210-H


Similar Part No. - B82422H1681M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82422H1682 EPCOS-B82422H1682 Datasheet
484Kb / 8P
   SMT inductors SIMID series, SIMID 1210-H Ferrite drum core
B82422H1682+000 EPCOS-B82422H1682+000 Datasheet
275Kb / 5P
   SIMID 1210−H
B82422H1682+000 EPCOS-B82422H1682+000 Datasheet
276Kb / 5P
   SMT Inductors, SIMID Series
B82422H1682000 EPCOS-B82422H1682000 Datasheet
484Kb / 8P
   SMT inductors SIMID series, SIMID 1210-H Ferrite drum core
B82422H1682000 EPCOS-B82422H1682000 Datasheet
276Kb / 5P
   SMT Inductors, SIMID Series SIMID 1210?묱
More results

Similar Description - B82422H1681M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82422T1104J EPCOS-B82422T1104J Datasheet
486Kb / 9P
   SMT inductors
B82496C3180J000 EPCOS-B82496C3180J000 Datasheet
484Kb / 8P
   SMT inductors
B82432A EPCOS-B82432A Datasheet
141Kb / 8P
   SMT inductors
B82432T1102K000 EPCOS-B82432T1102K000 Datasheet
150Kb / 8P
   SMT inductors
B82442H1102K000 EPCOS-B82442H1102K000 Datasheet
168Kb / 9P
   SMT inductors
B82442H EPCOS-B82442H Datasheet
163Kb / 9P
   SMT inductors
B82496C3470J EPCOS-B82496C3470J Datasheet
484Kb / 8P
   SMT inductors
B82422H1473K EPCOS-B82422H1473K Datasheet
276Kb / 5P
   SMT Inductors
B82432A1104K EPCOS-B82432A1104K Datasheet
487Kb / 8P
   SMT inductors
B82442A1102K000 EPCOS-B82442A1102K000 Datasheet
180Kb / 9P
   SMT inductors
B82422T EPCOS-B82422T Datasheet
148Kb / 9P
   SMT inductors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com