Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82442A1122K000 Datasheet(PDF) 2 Page - EPCOS

Part # B82442A1122K000
Description  SMT inductors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82442A1122K000 Datasheet(HTML) 2 Page - EPCOS

  B82442A1122K000 Datasheet HTML 1Page - EPCOS B82442A1122K000 Datasheet HTML 2Page - EPCOS B82442A1122K000 Datasheet HTML 3Page - EPCOS B82442A1122K000 Datasheet HTML 4Page - EPCOS B82442A1122K000 Datasheet HTML 5Page - EPCOS B82442A1122K000 Datasheet HTML 6Page - EPCOS B82442A1122K000 Datasheet HTML 7Page - EPCOS B82442A1122K000 Datasheet HTML 8Page - EPCOS B82442A1122K000 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
03/08
Please read Cautions and warnings and
Important notes at the end of this document.
Size 2220 (EIA) or 5650 (IEC)
Rated inductance 1
NH to 10000 NH
Rated current 25 mA to 1800 mA
Construction
Upright ferrite drum core
Laser-welded winding
Flame-retardant molding
Features
Temperature range up to 150 °C
Current handling capability up to 1.8 A
High inductance ratings
Qualified to AEC-Q200
Suitable for lead-free reflow soldering
as referenced in JEDEC J-STD 020C
RoHS-compatible
Applications
Filtering of supply voltages, coupling, decoupling
DC/DC converters
Automotive electronics
Telecommunications
(e.g. blocking filter for 12- and 16-kHz counting pulses)
Consumer electronics
Industrial electronics
Terminals
Base material CuSn6
Layer composition Cu, Ag, Sn (lead-free)1)
Electro-plated
Marking
Marking on component:
Manufacturer, L value (in nH),
tolerance of L value (coded), date of manufacture (YWWD)
Minimum data on reel:
Manufacturer, ordering code, L value, quantity, date of packing
Delivery mode and packing unit
12-mm blister tape, wound on 330-mm
∅ reel
Packing unit: 1500 pcs./reel
1) Ni-barrier-plated terminals on request (B82442A*50).
B82442A
SMT inductors, SIMID series
SIMID 2220-A


Similar Part No. - B82442A1122K000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82442A1122K000 EPCOS-B82442A1122K000 Datasheet
113Kb / 9P
   SMT inductors-13
B82442A1122K000 EPCOS-B82442A1122K000 Datasheet
485Kb / 9P
   SMT inductors
B82442A1122K000 EPCOS-B82442A1122K000 Datasheet
113Kb / 9P
   Upright ferrite drum core
B82442A1122K000 EPCOS-B82442A1122K000 Datasheet
113Kb / 9P
   SMT inductors
More results

Similar Description - B82442A1122K000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82422T1104J EPCOS-B82422T1104J Datasheet
486Kb / 9P
   SMT inductors
B82496C3180J000 EPCOS-B82496C3180J000 Datasheet
484Kb / 8P
   SMT inductors
B82432A EPCOS-B82432A Datasheet
141Kb / 8P
   SMT inductors
B82432T1102K000 EPCOS-B82432T1102K000 Datasheet
150Kb / 8P
   SMT inductors
B82442H1102K000 EPCOS-B82442H1102K000 Datasheet
168Kb / 9P
   SMT inductors
B82442H EPCOS-B82442H Datasheet
163Kb / 9P
   SMT inductors
B82496C3470J EPCOS-B82496C3470J Datasheet
484Kb / 8P
   SMT inductors
B82422H1473K EPCOS-B82422H1473K Datasheet
276Kb / 5P
   SMT Inductors
B82432A1104K EPCOS-B82432A1104K Datasheet
487Kb / 8P
   SMT inductors
B82422T EPCOS-B82422T Datasheet
148Kb / 9P
   SMT inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com