Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82451N Datasheet(PDF) 4 Page - EPCOS

Part # B82451N
Description  Inductors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82451N Datasheet(HTML) 4 Page - EPCOS

  B82451N Datasheet HTML 1Page - EPCOS B82451N Datasheet HTML 2Page - EPCOS B82451N Datasheet HTML 3Page - EPCOS B82451N Datasheet HTML 4Page - EPCOS B82451N Datasheet HTML 5Page - EPCOS B82451N Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
10/08
Please read Cautions and warnings and
Important notes at the end of this document.
Technical data and measuring conditions
Characteristics and ordering codes
Characteristics and ordering codes for other L values available on request.
Rated inductance LR
Measured with Agilent 4294A at frequency fL,
RMS voltage 500 mV, 20 °C
Q factor Qmin
Measured with Agilent 4294A at frequency fQ,
RMS voltage 500 mV, 20 °C
Sensitivity Styp
Measured with Helmholtz coil test setup at 125 kHz
Resonance frequency fres
Measuring with network analyzer Agilent 8753D, 20 °C
DC resistance Rmax
Measured at 20 °C
Solderability (lead-free)
Sn95.5Ag3.8Cu0.7: (245
±5) °C, 3 s
Wetting of soldering area
≥ 90%
(based on IEC 60068-2-58)
Resistance to soldering heat
260 °C, 40 s (as referenced in JEDEC J-STD 020C)
Climatic category
40/125/56 (to IEC 60068-1)
Storage conditions
Mounted:
−40 °C … +125 °C
Packaged: –25 °C … +40 °C,
≤ 75% RH
Weight
Approx. 1.5 g
LR
mH
L
tolerance
fL, fQ
kHz
Qmin
Styp
Rmax
Ω
fres
kHz
Ordering code
4.75
±3%
125
50
16
42
>1.2
B82451N4754E002
mV
μT
B82451N
Transponder coils
Size 7.7
s 7.5 s 2.65 (mm)


Similar Part No. - B82451N

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B82451A2384D000 TDK-B82451A2384D000 Datasheet
522Kb / 6P
   SMT Inductors Transponder Coils, Size
B82451L1004E402 TDK-B82451L1004E402 Datasheet
630Kb / 6P
   SMT Inductors Z-transponder coils, size
B82451L1005E402 TDK-B82451L1005E402 Datasheet
630Kb / 6P
   SMT Inductors Z-transponder coils, size
B82451L2364E402 TDK-B82451L2364E402 Datasheet
630Kb / 6P
   SMT Inductors Z-transponder coils, size
B82451L4664E402 TDK-B82451L4664E402 Datasheet
630Kb / 6P
   SMT Inductors Z-transponder coils, size
More results

Similar Description - B82451N

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-ND1R0JF PANASONIC-ELJ-ND1R0JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-NA2R2JF PANASONIC-ELJ-NA2R2JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Semiconductor
ELJEA3R3KF PANASONIC-ELJEA3R3KF Datasheet
79Kb / 2P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com