Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82432C1822K000 Datasheet(PDF) 5 Page - EPCOS

Part # B82432C1822K000
Description  SMT inductors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82432C1822K000 Datasheet(HTML) 5 Page - EPCOS

  B82432C1822K000 Datasheet HTML 1Page - EPCOS B82432C1822K000 Datasheet HTML 2Page - EPCOS B82432C1822K000 Datasheet HTML 3Page - EPCOS B82432C1822K000 Datasheet HTML 4Page - EPCOS B82432C1822K000 Datasheet HTML 5Page - EPCOS B82432C1822K000 Datasheet HTML 6Page - EPCOS B82432C1822K000 Datasheet HTML 7Page - EPCOS B82432C1822K000 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
10/08
Please read Cautions and warnings and
Important notes at the end of this document.
Characteristics and ordering codes
Closer tolerances on request.
Higher currents possible at temperatures <TR on request.
1) Replace the + by the code letter for the required inductance tolerance.
2) For Ni-barrier-plated terminals replace the last two digits “00” by “50”.
LR
μH
Tolerance
fL
MHz
Qmin
fQ
MHz
IR
mA
Rmax
Ω
fres,min
MHz
Ordering code1)2)
10
±10% K
1
40
7.96
320
0.98
28
B82432C1103K000
12
0.1
30
2.52
300
1.10
24
B82432C1123K000
15
0.1
30
2.52
280
1.25
21
B82432C1153K000
18
0.1
30
2.52
270
1.35
18
B82432C1183K000
22
0.1
30
2.52
260
1.45
16
B82432C1223K000
27
0.1
30
2.52
245
1.65
13
B82432C1273K000
33
±5% J
±10% K
0.1
30
2.52
230
1.85
13
B82432C1333+000
39
0.1
30
2.52
220
2.05
12
B82432C1393+000
47
0.1
30
2.52
210
2.3
12
B82432C1473+000
56
0.1
30
2.52
200
2.5
11
B82432C1563+000
68
0.1
30
2.52
190
2.8
10
B82432C1683+000
82
0.1
30
2.52
175
3.2
9
B82432C1823+000
100
0.1
30
0.796
145
4.7
8
B82432C1104+000
120
0.1
30
0.796
140
5.2
8
B82432C1124+000
150
0.1
30
0.796
130
6.1
7
B82432C1154+000
180
0.1
30
0.796
120
6.9
6
B82432C1184+000
220
0.1
30
0.796
115
7.5
6
B82432C1224+000
270
0.1
30
0.796
90
12.5
5
B82432C1274+000
330
0.1
30
0.796
85
14.1
4.5
B82432C1334+000
390
0.1
30
0.796
80
15.3
4.2
B82432C1394+000
470
0.1
30
0.796
75
17.5
4.0
B82432C1474+000
560
0.1
30
0.796
70
23.0
3.5
B82432C1564+000
680
0.1
30
0.796
65
25.0
3.3
B82432C1684+000
820
0.1
30
0.796
60
28.0
3.0
B82432C1824+000
1000
0.1
30
0.796
55
32.0
2.8
B82432C1105+000
^
^
^
B82432C
SMT inductors, SIMID series
SIMID 1812-C


Similar Part No. - B82432C1822K000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82432C1823000 EPCOS-B82432C1823000 Datasheet
476Kb / 8P
   Dimensional drawing and layout recommendation
B82432C1824000 EPCOS-B82432C1824000 Datasheet
476Kb / 8P
   Dimensional drawing and layout recommendation
More results

Similar Description - B82432C1822K000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82422T1104J EPCOS-B82422T1104J Datasheet
486Kb / 9P
   SMT inductors
B82496C3180J000 EPCOS-B82496C3180J000 Datasheet
484Kb / 8P
   SMT inductors
B82432A EPCOS-B82432A Datasheet
141Kb / 8P
   SMT inductors
B82432T1102K000 EPCOS-B82432T1102K000 Datasheet
150Kb / 8P
   SMT inductors
B82442H1102K000 EPCOS-B82442H1102K000 Datasheet
168Kb / 9P
   SMT inductors
B82442H EPCOS-B82442H Datasheet
163Kb / 9P
   SMT inductors
B82496C3470J EPCOS-B82496C3470J Datasheet
484Kb / 8P
   SMT inductors
B82422H1473K EPCOS-B82422H1473K Datasheet
276Kb / 5P
   SMT Inductors
B82432A1104K EPCOS-B82432A1104K Datasheet
487Kb / 8P
   SMT inductors
B82442A1102K000 EPCOS-B82442A1102K000 Datasheet
180Kb / 9P
   SMT inductors
B82422T EPCOS-B82422T Datasheet
148Kb / 9P
   SMT inductors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com