Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82442T1153K050 Datasheet(PDF) 5 Page - EPCOS

Part # B82442T1153K050
Description  SMT inductors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82442T1153K050 Datasheet(HTML) 5 Page - EPCOS

  B82442T1153K050 Datasheet HTML 1Page - EPCOS B82442T1153K050 Datasheet HTML 2Page - EPCOS B82442T1153K050 Datasheet HTML 3Page - EPCOS B82442T1153K050 Datasheet HTML 4Page - EPCOS B82442T1153K050 Datasheet HTML 5Page - EPCOS B82442T1153K050 Datasheet HTML 6Page - EPCOS B82442T1153K050 Datasheet HTML 7Page - EPCOS B82442T1153K050 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
10/08
Please read Cautions and warnings and
Important notes at the end of this document.
Characteristics and ordering codes
Closer tolerances and intermediate values on request.
Higher currents possible at temperatures <TR on request.
Sample kit available. Ordering code: B82442X002
For more information refer to chapter “Sample kits”.
LR
μH
Tolerance
Qmin
fL; fQ
MHz
IR
mA
Isat
mA
Rmax
Ω
fres,min
MHz
Ordering code
1.0
±20% M
15
7.96
3510
7330
0.025
111
B82442T1102M050
1.5
15
7.96
3020
5480
0.033
60
B82442T1152M050
2.2
15
7.96
2710
4820
0.038
46
B82442T1222M050
3.3
15
7.96
2460
4010
0.046
36
B82442T1332M050
4.7
15
7.96
1950
3450
0.073
30
B82442T1472M050
6.8
15
7.96
1680
2770
0.106
23
B82442T1682M050
10
±10% K
15
2.52
1510
2280
0.132
19
B82442T1103K050
15
15
2.52
1260
1870
0.190
16
B82442T1153K050
22
15
2.52
1040
1590
0.238
13
B82442T1223K050
33
15
2.52
840
1380
0.360
11
B82442T1333K050
47
15
2.52
700
1120
0.519
8.0
B82442T1473K050
68
15
2.52
570
900
0.781
7.0
B82442T1683K050
100
20
0.796
510
760
0.99
6.1
B82442T1104K050
150
20
0.796
410
610
1.50
4.6
B82442T1154K050
220
20
0.796
330
500
2.21
3.9
B82442T1224K050
330
20
0.796
280
430
3.29
3.4
B82442T1334K050
470
20
0.796
240
350
4.73
2.6
B82442T1474K050
680
20
0.796
210
300
5.87
2.3
B82442T1684K050
1000
20
0.252
150
246
9.5
1.8
B82442T1105K050
1500
20
0.252
130
200
14.9
1.5
B82442T1155K050
2200
20
0.252
100
168
22.5
1.2
B82442T1225K050
3300
20
0.252
85
138
32.8
1.0
B82442T1335K050
4700
20
0.252
73
119
48.6
0.8
B82442T1475K050
6800
20
0.252
65
102
60.3
0.6
B82442T1685K050
10000
20
0.0796
46
81
112
0.5
B82442T1106K050
^
^
B82442T
SMT inductors, SIMID series
SIMID 2220-T


Similar Part No. - B82442T1153K050

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82442T1153K050 EPCOS-B82442T1153K050 Datasheet
675Kb / 9P
   SMT inductors ??SIMID series
More results

Similar Description - B82442T1153K050

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82422T1104J EPCOS-B82422T1104J Datasheet
486Kb / 9P
   SMT inductors
B82496C3180J000 EPCOS-B82496C3180J000 Datasheet
484Kb / 8P
   SMT inductors
B82432A EPCOS-B82432A Datasheet
141Kb / 8P
   SMT inductors
B82432T1102K000 EPCOS-B82432T1102K000 Datasheet
150Kb / 8P
   SMT inductors
B82442H1102K000 EPCOS-B82442H1102K000 Datasheet
168Kb / 9P
   SMT inductors
B82442H EPCOS-B82442H Datasheet
163Kb / 9P
   SMT inductors
B82496C3470J EPCOS-B82496C3470J Datasheet
484Kb / 8P
   SMT inductors
B82422H1473K EPCOS-B82422H1473K Datasheet
276Kb / 5P
   SMT Inductors
B82432A1104K EPCOS-B82432A1104K Datasheet
487Kb / 8P
   SMT inductors
B82442A1102K000 EPCOS-B82442A1102K000 Datasheet
180Kb / 9P
   SMT inductors
B82422T EPCOS-B82422T Datasheet
148Kb / 9P
   SMT inductors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com