Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HP0602R22M2 Datasheet(PDF) 3 Page - ABC Taiwan Electronics Corp

Part # HP0602R22M2
Description  SHIELDED SMD POWER INDUCTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

HP0602R22M2 Datasheet(HTML) 3 Page - ABC Taiwan Electronics Corp

  HP0602R22M2 Datasheet HTML 1Page - ABC Taiwan Electronics Corp HP0602R22M2 Datasheet HTML 2Page - ABC Taiwan Electronics Corp HP0602R22M2 Datasheet HTML 3Page - ABC Taiwan Electronics Corp HP0602R22M2 Datasheet HTML 4Page - ABC Taiwan Electronics Corp HP0602R22M2 Datasheet HTML 5Page - ABC Taiwan Electronics Corp HP0602R22M2 Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AR-001A
SPECIFICATION FOR APPROVAL
POWER INDUCTOR
SHIELDED SMD
PROD.
NAME
REF : 20090825-B
PAGE: 3
ABC'S DWG No.
ABC'S ITEM No.
( 3 ) Q'TY & G.W. Per package
C
G
( 1 ) Configuration
Ⅵ﹒PACKAGING INFORMATION:
2.0±0.5
T
Carrier tape width : D
Embossed carrier
D
Cover Tape
Series
HP0602
1,900
Q'TY (pcs)
G.W. (gw)
13 - 16
Style
Inner : Reel
40 x 40 x 24
10.0
G.W. (Kg)
Q'TY (pcs)
11,400
Size (cm)
Outer : Carton
A
330
13 - 16
Style
( 2 ) Dimensions
+0
21±0.8
13±0.5
16
18
B
C
DG
-0
50
22.4
NT
Unit:m/m
1,500
200 m/m min.
Leader
no component
End
Components
User direction of feed
no component
Trailer
400 m/m min.
Start
P:12 m/m
4 m/m
R10
R10
R10
R10
HP0602□□□□2□-□□□


Similar Part No. - HP0602R22M2

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
HP06011R0M2 ABC-HP06011R0M2 Datasheet
109Kb / 6P
   SHIELDED SMD POWER INDUCTOR
HP06011R5M2 ABC-HP06011R5M2 Datasheet
109Kb / 6P
   SHIELDED SMD POWER INDUCTOR
HP06012R2M2 ABC-HP06012R2M2 Datasheet
109Kb / 6P
   SHIELDED SMD POWER INDUCTOR
HP06012R7M2 ABC-HP06012R7M2 Datasheet
109Kb / 6P
   SHIELDED SMD POWER INDUCTOR
HP06013R3M2 ABC-HP06013R3M2 Datasheet
109Kb / 6P
   SHIELDED SMD POWER INDUCTOR
More results

Similar Description - HP0602R22M2

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-1306S ABRACON-ASPI-1306S Datasheet
1Mb / 3P
   SMD SHIELDED POWER INDUCTOR
07.25.13
logo
Central Technologies
CTSR0906F CT-CTSR0906F Datasheet
429Kb / 1P
   SMD Shielded Power Inductor
logo
ABC Taiwan Electronics ...
SS12052R5ML ABC-SS12052R5ML Datasheet
609Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SS12801R1YL ABC-SS12801R1YL Datasheet
147Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SU10303R5YF ABC-SU10303R5YF Datasheet
128Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU20091R0YP ABC-SU20091R0YP Datasheet
101Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU20131R0YL ABC-SU20131R0YL Datasheet
105Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU30091R3YL ABC-SU30091R3YL Datasheet
96Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU50284R7Y2 ABC-SU50284R7Y2 Datasheet
129Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
   SHIELDED SMD POWER INDUCTOR
logo
Datatronic Distribution...
DR364-202 DATATRONICS-DR364-202 Datasheet
81Kb / 1P
   SHIELDED SMD POWER INDUCTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com