Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HP1206R10M2 Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # HP1206R10M2
Description  SHIELDED SMD POWER INDUCTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

HP1206R10M2 Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  HP1206R10M2 Datasheet HTML 1Page - ABC Taiwan Electronics Corp HP1206R10M2 Datasheet HTML 2Page - ABC Taiwan Electronics Corp HP1206R10M2 Datasheet HTML 3Page - ABC Taiwan Electronics Corp HP1206R10M2 Datasheet HTML 4Page - ABC Taiwan Electronics Corp HP1206R10M2 Datasheet HTML 5Page - ABC Taiwan Electronics Corp HP1206R10M2 Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SPECIFICATION FOR APPROVAL
AR-001A
Ⅴ﹒ELECTRICAL CHARACTERISTICS:
REF : 20090825-B
PAGE: 2
ABC'S DWG No.
ABC'S ITEM No.
PROD.
NAME
POWER INDUCTOR
SHIELDED SMD
0.10 ± 20 %
Inductance
DWG No.
( μH )
120.0
typ.
RDC
( mΩ )
0.5
max.
Isat(A)
60.0
4). Isat base on inductance drop 20% typ. of L value at 20℃
3). Measured frequency of inductance is 100 KHz / 0.25V
5). Irms base on temp. rise 40
typ.
HP1206R10M2□-□□□
typ.
Irms(A)
typ.
1). □:Packaging information … A:Bulk B:Taping Reel
2). "-
":Reference code
□ □
0.15 ± 20 %
118.0
0.6
55.0
0.22 ± 20 %
112.0
0.7
53.0
0.30 ± 20 %
72.0
0.8
48.0
0.33 ± 20 %
65.0
0.9
46.0
0.45
0.55
0.65
0.70
0.85
0.40 ± 20 %
64.0
1.0
44.0
0.90
0.47 ± 20 %
63.0
1.2
41.0
1.00
0.56 ± 20 %
62.0
1.4
37.0
1.20
0.68 ± 20 %
60.0
1.6
35.0
1.40
0.82 ± 20 %
50.0
1.9
33.0
1.60
1.00 ± 20 %
49.0
2.0
32.0
1.70
HP1206R15M2□-□□□
HP1206R22M2□-□□□
HP1206R30M2□-□□□
HP1206R33M2□-□□□
HP1206R40M2□-□□□
HP1206R47M2□-□□□
HP1206R56M2□-□□□
HP1206R68M2□-□□□
HP1206R82M2□-□□□
HP12061R0M2□-□□□
1.20 ± 20 %
48.0
2.5
30.0
2.00
HP12061R2M2□-□□□
1.50 ± 20 %
45.0
3.0
27.0
2.50
HP12061R5M2□-□□□
1.80 ± 20 %
41.0
3.2
2.20 ± 20 %
24.0
3.00
HP12061R8M2□-□□□
22.0
40.0
3.50
4.2
HP12062R2M2□-□□□
2.20 ± 20 %
40.0
4.2
22.0
3.5
HP12062R2M2□-□□□
3.30 ± 20 %
35.0
6.8
18.0
6.00
HP12063R3M2□-□□□
4.70 ± 20 %
30.0
11.2
13.5
9.50
HP12064R7M2□-□□□
5.60 ± 20 %
26.5
12.0
13.5
11.00
HP12065R6M2□-□□□
6.80 ± 20 %
16.5
14.0
11.5
13.00
HP12066R8M2□-□□□
8.20 ± 20 %
16.0
15.5
10.5
14.50
HP12068R2M2□-□□□
10.0 ± 20 %
15.5
17.0
10.0
16.00
HP1206100M2□-□□□
HP1206□□□□2□-□□□
12.0 ± 20 %
14.0
30.0
9.0
28.00
HP1206120M2□-□□□


Similar Part No. - HP1206R10M2

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
HP1203100M2 ABC-HP1203100M2 Datasheet
115Kb / 6P
   SHIELDED SMD POWER INDUCTOR
HP12031R0M2 ABC-HP12031R0M2 Datasheet
115Kb / 6P
   SHIELDED SMD POWER INDUCTOR
HP12031R5M2 ABC-HP12031R5M2 Datasheet
115Kb / 6P
   SHIELDED SMD POWER INDUCTOR
HP12031R8M2 ABC-HP12031R8M2 Datasheet
115Kb / 6P
   SHIELDED SMD POWER INDUCTOR
HP12032R2M2 ABC-HP12032R2M2 Datasheet
115Kb / 6P
   SHIELDED SMD POWER INDUCTOR
More results

Similar Description - HP1206R10M2

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-1306S ABRACON-ASPI-1306S Datasheet
1Mb / 3P
   SMD SHIELDED POWER INDUCTOR
07.25.13
logo
Central Technologies
CTSR0906F CT-CTSR0906F Datasheet
429Kb / 1P
   SMD Shielded Power Inductor
logo
ABC Taiwan Electronics ...
SS12052R5ML ABC-SS12052R5ML Datasheet
609Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SS12801R1YL ABC-SS12801R1YL Datasheet
147Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SU10303R5YF ABC-SU10303R5YF Datasheet
128Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU20091R0YP ABC-SU20091R0YP Datasheet
101Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU20131R0YL ABC-SU20131R0YL Datasheet
105Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU30091R3YL ABC-SU30091R3YL Datasheet
96Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU50284R7Y2 ABC-SU50284R7Y2 Datasheet
129Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
   SHIELDED SMD POWER INDUCTOR
logo
Datatronic Distribution...
DR364-202 DATATRONICS-DR364-202 Datasheet
81Kb / 1P
   SHIELDED SMD POWER INDUCTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com