Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB1608 Datasheet(PDF) 3 Page - ABC Taiwan Electronics Corp

Part # MB1608
Description  HIGH CURRENT MULTILAYER CHIP BEAD
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

MB1608 Datasheet(HTML) 3 Page - ABC Taiwan Electronics Corp

  MB1608 Datasheet HTML 1Page - ABC Taiwan Electronics Corp MB1608 Datasheet HTML 2Page - ABC Taiwan Electronics Corp MB1608 Datasheet HTML 3Page - ABC Taiwan Electronics Corp MB1608 Datasheet HTML 4Page - ABC Taiwan Electronics Corp MB1608 Datasheet HTML 5Page - ABC Taiwan Electronics Corp MB1608 Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Ⅴ﹒ELECTRICAL CHARACTERISTICS:
SPECIFICATION FOR APPROVAL
1). □:Paclaging Information… A:Bulk B:Taping Reel
30±25%
MB1608300YL□
AR-001A
MB3261310YL□
MB3261260YL□
MB3261190YL□
MB2029100YL□
MB2029070YL□
MB3261800YL□
MB2029300YL□
MB3261500YL□
7±25%
10±25%
30±25%
31±25%
80±25%
50±25%
26±25%
19±25%
DWG No.
PROD.
NAME
REF :
Impedance
at 100MHz
(Ω)
1.0
60
30
25
30
25
30
40
40
40
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3.0
RDC
max.
(mΩ)
ABC'S DWG NO.
ABC'S ITEM NO.
(A)
max.
IDC
PAGE: 2-2
MB2029100YL□
MB3261500YL□
MB2029300YL□
MB3261800YL□
MB1608300YL□
MB2029070YL□
MB3261190YL□
MB3261260YL□
MB3261310YL□
MB□□□□□□□□L□-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
2)."-
":Reference code
□□□
HIGH CURRENT MULTILAYER
CHIP BEAD
20090527-A


Similar Part No. - MB1608

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
MB160F-C SECOS-MB160F-C Datasheet
298Kb / 2P
   1Amp Surface Mount Bridge Rectifiers
More results

Similar Description - MB1608

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACML-0805H ABRACON-ACML-0805H Datasheet
1Mb / 3P
   Multilayer Ferrite Chip Bead (High Current)
Revised: 07.30.14
ACML-0402HC ABRACON-ACML-0402HC Datasheet
1Mb / 3P
   Multilayer Ferrite Chip Bead (High Current)
11.11.13
logo
List of Unclassifed Man...
MLB160808 ETC2-MLB160808 Datasheet
4Mb / 11P
   MULTILAYER TYPE HIGH CURRENT FERRITE CHIP BEAD
ACMS160808A121-2A ETC-ACMS160808A121-2A Datasheet
375Kb / 17P
   Multilayer High Current Ferrite Chip Bead (for Power Line)
logo
Abracon Corporation
ACHB-0603 ABRACON-ACHB-0603 Datasheet
163Kb / 2P
   HIGH FREQUENCY MULTILAYER CHIP BEAD
10.05.07
ACHB-0402 ABRACON-ACHB-0402 Datasheet
162Kb / 2P
   HIGH FREQUENCY MULTILAYER CHIP BEAD
10.05.07
logo
ABC Taiwan Electronics ...
MU1005300YL ABC-MU1005300YL Datasheet
117Kb / 6P
   MULTILAYER CHIP BEAD
logo
AiT Semiconductor Inc.
FBP AITSEMI-FBP Datasheet
197Kb / 4P
   MULTILAYER CHIP BEAD
logo
ABC Taiwan Electronics ...
MD1608400YL ABC-MD1608400YL Datasheet
361Kb / 7P
   MULTILAYER CHIP BEAD
SM4532 ABC-SM4532 Datasheet
217Kb / 6P
   MULTILAYER CHIP BEAD
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com