Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB4532700YL Datasheet(PDF) 4 Page - ABC Taiwan Electronics Corp

Part # MB4532700YL
Description  HIGH CURRENT MULTILAYER CHIP BEAD
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

MB4532700YL Datasheet(HTML) 4 Page - ABC Taiwan Electronics Corp

  MB4532700YL Datasheet HTML 1Page - ABC Taiwan Electronics Corp MB4532700YL Datasheet HTML 2Page - ABC Taiwan Electronics Corp MB4532700YL Datasheet HTML 3Page - ABC Taiwan Electronics Corp MB4532700YL Datasheet HTML 4Page - ABC Taiwan Electronics Corp MB4532700YL Datasheet HTML 5Page - ABC Taiwan Electronics Corp MB4532700YL Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Q'TY(kpcs)
120
30
80
MB4532
MB4516
MB3261
1,000
2,000
170
180
3,000
150
07 - 12
07 - 12
07 - 08
( 2 ) Dimensions
( 3 ) Q'TY & G.W. Per package
Series
07 - 12
07 - 08
Style
Inner : Reel
G.W. (gw)
Q'TY (pcs)
178
21±0.8
Style
13
12
A
178
B
21±0.8
C
13
D
8
41 x 39 x 22
9.3
9.7
8.5
-0
+0
50
Outer : Cartion
G.W. (Kg)
14
Size (cm)
16.5
50
G
10+0
Unit:m/m
N
-0
T
12.5
( 1 ) Configuration
Ⅵ﹒PACKAGING INFORMATION:
2.0±0.5
C
G
T
Embossed Carrier
D
Cover Tape
SPECIFICATION FOR APPROVAL
ABC'S ITEM NO.
ABC'S DWG NO.
REF :
PAGE: 3
4,000
4,000
MB1608
MB2029
200
90
07 - 08
07 - 08
120
200
7.0
8.5
PROD.
NAME
Components
200 m/m min.
no component
Leader
User direction of feed
400 m/m min.
no component
Trailer
End
P:4 m/m
4 m/m
Start
AR-001A
Carrier tape width : D
41 x 39 x 22
41 x 39 x 22
41 x 39 x 22
41 x 39 x 22
MB□□□□□□□□L□-□□□
HIGH CURRENT MULTILAYER
CHIP BEAD
20090527-A


Similar Part No. - MB4532700YL

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
MB453215U131 PRODUCTWELL-MB453215U131 Datasheet
229Kb / 11P
   MULTILAYER CHIP BEADS
More results

Similar Description - MB4532700YL

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACML-0805H ABRACON-ACML-0805H Datasheet
1Mb / 3P
   Multilayer Ferrite Chip Bead (High Current)
Revised: 07.30.14
ACML-0402HC ABRACON-ACML-0402HC Datasheet
1Mb / 3P
   Multilayer Ferrite Chip Bead (High Current)
11.11.13
logo
List of Unclassifed Man...
MLB160808 ETC2-MLB160808 Datasheet
4Mb / 11P
   MULTILAYER TYPE HIGH CURRENT FERRITE CHIP BEAD
ACMS160808A121-2A ETC-ACMS160808A121-2A Datasheet
375Kb / 17P
   Multilayer High Current Ferrite Chip Bead (for Power Line)
logo
Abracon Corporation
ACHB-0603 ABRACON-ACHB-0603 Datasheet
163Kb / 2P
   HIGH FREQUENCY MULTILAYER CHIP BEAD
10.05.07
ACHB-0402 ABRACON-ACHB-0402 Datasheet
162Kb / 2P
   HIGH FREQUENCY MULTILAYER CHIP BEAD
10.05.07
logo
ABC Taiwan Electronics ...
MU1005300YL ABC-MU1005300YL Datasheet
117Kb / 6P
   MULTILAYER CHIP BEAD
logo
AiT Semiconductor Inc.
FBP AITSEMI-FBP Datasheet
197Kb / 4P
   MULTILAYER CHIP BEAD
logo
ABC Taiwan Electronics ...
MD1608400YL ABC-MD1608400YL Datasheet
361Kb / 7P
   MULTILAYER CHIP BEAD
SM4532 ABC-SM4532 Datasheet
217Kb / 6P
   MULTILAYER CHIP BEAD
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com