Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82422T1683X000 Datasheet(PDF) 5 Page - EPCOS

Part # B82422T1683X000
Description  SMT inductors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82422T1683X000 Datasheet(HTML) 5 Page - EPCOS

  B82422T1683X000 Datasheet HTML 1Page - EPCOS B82422T1683X000 Datasheet HTML 2Page - EPCOS B82422T1683X000 Datasheet HTML 3Page - EPCOS B82422T1683X000 Datasheet HTML 4Page - EPCOS B82422T1683X000 Datasheet HTML 5Page - EPCOS B82422T1683X000 Datasheet HTML 6Page - EPCOS B82422T1683X000 Datasheet HTML 7Page - EPCOS B82422T1683X000 Datasheet HTML 8Page - EPCOS B82422T1683X000 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
06/09
Please read Cautions and warnings and
Important notes at the end of this document.
Characteristics and ordering codes
Closer tolerances and special versions on request.
Higher currents possible at temperatures <TR on request.
Sample kit available. Ordering code: B82422X001
For more information refer to chapter “Sample kits”.
1) Replace the + by the code letter for the required inductance tolerance.
For reel size
∅ 330 mm the last digit has to be an »8«. Example: B82422T3100K008
2) For Ni-barrier-plated terminals replace the last two digits “00” by “50” (reel 180 mm) or “58” (reel 330 mm).
LR
μH
Tolerance
Qmin
fL; fQ
MHz
IR
mA
Rmax
Ω
fres,min
MHz
Ordering code1)2)
(
∅ 180-mm reel)
Core material: ceramic
0.010
±5% J
±10% K
15
100
450
0.10
4000
B82422T3100+000
0.012
17
100
450
0.11
3500
B82422T3120+000
0.015
19
100
450
0.13
3000
B82422T3150+000
0.018
21
100
450
0.14
2000
B82422T3180+000
0.022
23
100
450
0.16
2000
B82422T3220+000
0.027
23
100
450
0.17
1700
B82422T3270+000
0.033
25
100
450
0.18
1700
B82422T3330+000
0.039
25
100
450
0.19
1300
B82422T3390+000
0.047
26
100
450
0.20
1300
B82422T3470+000
0.056
26
100
450
0.21
1100
B82422T3560+000
0.068
27
100
450
0.23
1000
B82422T3680+000
0.082
27
100
450
0.26
1000
B82422T3820+000
0.10
28
100
450
0.31
900
B82422T3101+000
Core material: ferrite
0.12
±5% J
±10% K
30
25.2
450
0.15
900
B82422T1121+000
0.15
30
25.2
450
0.18
700
B82422T1151+000
0.18
30
25.2
450
0.19
500
B82422T1181+000
0.22
30
25.2
450
0.20
500
B82422T1221+000
0.27
30
25.2
450
0.21
500
B82422T1271+000
0.33
30
25.2
450
0.23
500
B82422T1331+000
0.39
30
25.2
450
0.25
400
B82422T1391+000
0.47
30
25.2
450
0.30
400
B82422T1471+000
0.56
30
25.2
450
0.31
300
B82422T1561+000
0.68
30
25.2
450
0.34
300
B82422T1681+000
0.82
30
25.2
450
0.38
300
B82422T1821+000
1.0
30
7.96
400
0.6
300
B82422T1102+000
1.2
30
7.96
390
0.7
250
B82422T1122+000
^
^
^
^
B82422T
SMT inductors, SIMID series
SIMID 1210-T


Similar Part No. - B82422T1683X000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82422T1683 EPCOS-B82422T1683 Datasheet
486Kb / 9P
   SMT inductors
logo
TDK Electronics
B82422T1683J000 TDK-B82422T1683J000 Datasheet
144Kb / 2P
   Inductors (Coils)
B82422T1683J008 TDK-B82422T1683J008 Datasheet
144Kb / 2P
   Inductors (Coils)
B82422T1683K000 TDK-B82422T1683K000 Datasheet
144Kb / 2P
   Inductors (Coils)
B82422T1683K008 TDK-B82422T1683K008 Datasheet
144Kb / 2P
   Inductors (Coils)
More results

Similar Description - B82422T1683X000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82422T1104J EPCOS-B82422T1104J Datasheet
486Kb / 9P
   SMT inductors
B82496C3180J000 EPCOS-B82496C3180J000 Datasheet
484Kb / 8P
   SMT inductors
B82432A EPCOS-B82432A Datasheet
141Kb / 8P
   SMT inductors
B82432T1102K000 EPCOS-B82432T1102K000 Datasheet
150Kb / 8P
   SMT inductors
B82442H1102K000 EPCOS-B82442H1102K000 Datasheet
168Kb / 9P
   SMT inductors
B82442H EPCOS-B82442H Datasheet
163Kb / 9P
   SMT inductors
B82496C3470J EPCOS-B82496C3470J Datasheet
484Kb / 8P
   SMT inductors
B82422H1473K EPCOS-B82422H1473K Datasheet
276Kb / 5P
   SMT Inductors
B82432A1104K EPCOS-B82432A1104K Datasheet
487Kb / 8P
   SMT inductors
B82442A1102K000 EPCOS-B82442A1102K000 Datasheet
180Kb / 9P
   SMT inductors
B82422T EPCOS-B82422T Datasheet
148Kb / 9P
   SMT inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com