Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MH10056N8J2 Datasheet(PDF) 4 Page - ABC Taiwan Electronics Corp

Part # MH10056N8J2
Description  MULTILAYER CHIP INDUCTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

MH10056N8J2 Datasheet(HTML) 4 Page - ABC Taiwan Electronics Corp

  MH10056N8J2 Datasheet HTML 1Page - ABC Taiwan Electronics Corp MH10056N8J2 Datasheet HTML 2Page - ABC Taiwan Electronics Corp MH10056N8J2 Datasheet HTML 3Page - ABC Taiwan Electronics Corp MH10056N8J2 Datasheet HTML 4Page - ABC Taiwan Electronics Corp MH10056N8J2 Datasheet HTML 5Page - ABC Taiwan Electronics Corp MH10056N8J2 Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
( 4 ) TYPE DIMENSIONS
Fig 1.
AR-0 01A
4± 0.1
(0.157 ±0.004)
2±0.05
(0.079 ±0.002)
T max.
(0.061 ± 0.002)
Type
P
Fig
1
Unit:m/m
F
3.50
T
0.80
W
MH1005
ABC'S DWG NO.
ABC 'S ITEM NO.
SPECIFICATION FOR APPROVAL
R EF :
PAGE: 4
PROD.
NAME
B
1.15
A
0.65
2.0
8.0
MULTIL AYE R CHIP INDUCTOR
MH10 05□□□□2□-□□□
P±0.1
(0.004)
A±0.1
(0.004)
φ1.55±0.05


Similar Part No. - MH10056N8J2

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
MH10056N8JL ABC-MH10056N8JL Datasheet
101Kb / 6P
   MULTILAYER CHIP INDUCTOR
More results

Similar Description - MH10056N8J2

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
MS160847NML ABC-MS160847NML Datasheet
187Kb / 6P
   MULTILAYER CHIP INDUCTOR
MH10051N0DL ABC-MH10051N0DL Datasheet
101Kb / 6P
   MULTILAYER CHIP INDUCTOR
MH16081N0D2 ABC-MH16081N0D2 Datasheet
153Kb / 6P
   MULTILAYER CHIP INDUCTOR
MS326147NML ABC-MS326147NML Datasheet
211Kb / 6P
   MULTILAYER CHIP INDUCTOR
MS202947NML ABC-MS202947NML Datasheet
183Kb / 6P
   MULTILAYER CHIP INDUCTOR
logo
Socay Electornics Co., ...
SCML20122R2MTF SOCAY-SCML20122R2MTF Datasheet
211Kb / 5P
   Multilayer Chip Inductor
logo
ABC Taiwan Electronics ...
MH16081N0DL ABC-MH16081N0DL Datasheet
393Kb / 5P
   MULTILAYER CHIP INDUCTOR
MH20121N2DL ABC-MH20121N2DL Datasheet
106Kb / 6P
   MULTILAYER CHIP INDUCTOR
logo
Murata Manufacturing Co...
LQM2MPNG0 MURATA-LQM2MPNG0 Datasheet
69Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type)
logo
XFMRS Inc.
XFEI2012 XFMRS-XFEI2012 Datasheet
104Kb / 5P
   MULTILAYER FERRITE CHIP INDUCTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com