Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MH100512NJL Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # MH100512NJL
Description  MULTILAYER CHIP INDUCTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

MH100512NJL Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  MH100512NJL Datasheet HTML 1Page - ABC Taiwan Electronics Corp MH100512NJL Datasheet HTML 2Page - ABC Taiwan Electronics Corp MH100512NJL Datasheet HTML 3Page - ABC Taiwan Electronics Corp MH100512NJL Datasheet HTML 4Page - ABC Taiwan Electronics Corp MH100512NJL Datasheet HTML 5Page - ABC Taiwan Electronics Corp MH100512NJL Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
100.0 ± 5%
8
3.9 ± 0.3
8
18.0 ± 5%
47.0 ± 5%
82.0 ± 5%
68.0 ± 5%
56.0 ± 5%
39.0 ± 5%
33.0 ± 5%
27.0 ± 5%
22.0 ± 5%
8
8
8
8.2 ± 5%
10.0 ± 5%
12.0 ± 5%
15.0 ± 5%
4.7 ± 0.3
5.6 ± 0.3
6.8 ± 5%
8
8
8
8
8
8
8
Inductance
MH10051N2DL□
DWG No.
1.8 ± 0.3
2.2 ± 0.3
2.7 ± 0.3
3.3 ± 0.3
1.5 ± 0.3
( nH )
8
8
8
8
8
Q
min
300
0.22
7000
2900
1600
1900
2100
4600
3100
3200
3700
5000
5400
6000
200
0.60
200
200
200
1.00
0.90
0.80
0.65
250
250
250
250
250
300
300
0.40
0.50
0.45
0.27
0.32
0.24
14000
8500
12000
9500
nom
( MHz )
SRF
300
300
300
300
300
( mA )
max
IDC
0.14
0.17
0.19
0.16
RDC
max
( Ω )
0.13
1.2 ± 0.3
300
8
0.12
Ⅵ﹒ELECTRICAL CHARACTERISITCS:
MH10051N5DL□
MH10051N8DL□
MH10052N2DL□
MH10052N7DL□
MH10053N3DL□
MH10053N9DL□
MH10054N7DL□
MH10055N6DL□
MH10056N8JL□
MH10058N2JL□
MH100510NJL□
MH100512NJL□
MH100515NJL□
MH100518NJL□
MH100522NJL□
MH100527NJL□
MH100533NJL□
MH100539NJL□
MH100547NJL□
MH100556NJL□
MH100568NJL□
MH100582NJL□
MH1005R10JL□
SPECIFICATION FOR APPROVAL
ABC'S ITEM NO.
ABC'S DWG NO.
REF :
PAGE: 2
MH10051N0DL□
1.0 ± 0.3
8
>15000
300
0.12
PROD.
NAME
8
1400
1.20
150
8
1200
1.30
150
850
8
8
8
8
1000
900
1100
100
2.50
100
150
100
2.20
2.50
2.00
( MHz )
Test Freq.
L / Q
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
>15000
>15000
100
1). □:Packaging Information… A:Bulk B:Taping Reel
MH1005□□□□L□-□□□
2)."-
":Reference code
□ □
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
AR-001A
MULTILAYER CHIP INDUCTOR


Similar Part No. - MH100512NJL

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
MH100512NJ2 ABC-MH100512NJ2 Datasheet
110Kb / 6P
   MULTILAYER CHIP INDUCTOR
More results

Similar Description - MH100512NJL

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
MS160847NML ABC-MS160847NML Datasheet
187Kb / 6P
   MULTILAYER CHIP INDUCTOR
MH16081N0D2 ABC-MH16081N0D2 Datasheet
153Kb / 6P
   MULTILAYER CHIP INDUCTOR
MS326147NML ABC-MS326147NML Datasheet
211Kb / 6P
   MULTILAYER CHIP INDUCTOR
MH10051N0D2 ABC-MH10051N0D2 Datasheet
110Kb / 6P
   MULTILAYER CHIP INDUCTOR
MS202947NML ABC-MS202947NML Datasheet
183Kb / 6P
   MULTILAYER CHIP INDUCTOR
logo
Socay Electornics Co., ...
SCML20122R2MTF SOCAY-SCML20122R2MTF Datasheet
211Kb / 5P
   Multilayer Chip Inductor
logo
ABC Taiwan Electronics ...
MH16081N0DL ABC-MH16081N0DL Datasheet
393Kb / 5P
   MULTILAYER CHIP INDUCTOR
MH20121N2DL ABC-MH20121N2DL Datasheet
106Kb / 6P
   MULTILAYER CHIP INDUCTOR
logo
Murata Manufacturing Co...
LQM2MPNG0 MURATA-LQM2MPNG0 Datasheet
69Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type)
logo
XFMRS Inc.
XFEI2012 XFMRS-XFEI2012 Datasheet
104Kb / 5P
   MULTILAYER FERRITE CHIP INDUCTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com