Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43601B2567M062 Datasheet(PDF) 9 Page - EPCOS

Part # B43601B2567M062
Description  Aluminum electrolytic capacitors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43601B2567M062 Datasheet(HTML) 9 Page - EPCOS

Back Button B43601B2567M062 Datasheet HTML 5Page - EPCOS B43601B2567M062 Datasheet HTML 6Page - EPCOS B43601B2567M062 Datasheet HTML 7Page - EPCOS B43601B2567M062 Datasheet HTML 8Page - EPCOS B43601B2567M062 Datasheet HTML 9Page - EPCOS B43601B2567M062 Datasheet HTML 10Page - EPCOS B43601B2567M062 Datasheet HTML 11Page - EPCOS B43601B2567M062 Datasheet HTML 12Page - EPCOS B43601B2567M062 Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Technical data and ordering codes
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
ESRmax
100 Hz
20
°C
m
Zmax
10 kHz
20
°C
m
IAC,max
100 Hz
60
°C
A
IAC,R
100 Hz
85
°C
A
Ordering code
(composition see
below)
Composition of ordering code
* =
Insulation feature
# =
Terminal style
0 = PVC insulation
6 = PET insulation
8 = PVC insulation with additional PET insulation
cap on terminal side
0 = snap-in standard terminals (6.3 mm)
2 = snap-in 3 terminals (4.5 mm)
7 = snap-in short terminals (4.5 mm)
VR = 200 V DC
330
22
× 25
290
510
400
2.79
1.42
B43601A2337M0*#
390
22
× 30
250
440
340
3.17
1.61
B43601A2397M0*#
470
22
× 35
200
360
280
3.60
1.84
B43601A2477M0*#
470
25
× 25
200
360
280
3.43
1.75
B43601B2477M0*#
560
22
× 35
170
300
240
3.93
2.00
B43601A2567M0*#
560
25
× 30
170
300
240
3.91
1.99
B43601B2567M0*#
680
22
× 40
140
250
190
4.47
2.28
B43601A2687M0*#
680
25
× 35
140
250
190
4.46
2.27
B43601B2687M0*#
680
30
× 25
140
250
190
4.12
2.10
B43601C2687M0*#
820
22
× 50
120
210
160
5.17
2.63
B43601A2827M0*#
820
25
× 40
120
210
160
5.06
2.58
B43601B2827M0*#
820
30
× 30
120
210
160
4.72
2.40
B43601C2827M0*#
1000
25
× 45
100
170
130
5.74
2.93
B43601A2108M0*#
1000
30
× 35
100
170
130
5.40
2.75
B43601B2108M0*#
1000
35
× 25
100
170
130
4.56
2.33
B43601C2108M0*#
1200
25
× 50
80
140
110
6.44
3.28
B43601A2128M0*#
1200
30
× 40
80
140
110
6.50
3.31
B43601B2128M0*#
1200
35
× 30
80
140
110
5.55
2.83
B43601C2128M0*#
1500
30
× 45
65
120
90
7.47
3.81
B43601A2158M0*#
1500
35
× 35
65
120
90
6.42
3.28
B43601B2158M0*#
1800
30
× 50
55
100
75
8.39
4.28
B43601A2188M0*#
1800
35
× 40
55
100
75
7.26
3.70
B43601B2188M0*#
2200
35
× 45
45
80
60
8.26
4.21
B43601A2228M0*#
2700
35
× 55
35
65
50
9.60
4.89
B43601A2278M0*#
VR = 250 V DC
270
22
× 25
330
590
460
2.68
1.37
B43601E2277M0*#
330
22
× 30
270
480
370
3.09
1.57
B43601E2337M0*#
330
25
× 25
270
480
370
3.04
1.55
B43601F2337M0*#
390
22
× 35
230
410
320
3.48
1.77
B43601E2397M0*#
390
25
× 30
230
410
320
3.44
1.75
B43601F2397M0*#
470
22
× 40
190
340
260
3.94
2.01
B43601E2477M0*#
470
25
× 30
190
340
260
3.78
1.93
B43601F2477M0*#
B43601
Long useful life and ultra compact
85
°C
Page 9 of 20
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43601B2567M062

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B43624 TDK-B43624 Datasheet
624Kb / 21P
   Aluminum electrolytic capacitors
B43624A2108M0 TDK-B43624A2108M0 Datasheet
630Kb / 21P
   Snap-in capacitors
B43624A2128M0 TDK-B43624A2128M0 Datasheet
630Kb / 21P
   Snap-in capacitors
B43624A2158M0 TDK-B43624A2158M0 Datasheet
630Kb / 21P
   Snap-in capacitors
B43624A2188M0 TDK-B43624A2188M0 Datasheet
630Kb / 21P
   Snap-in capacitors
More results

Similar Description - B43601B2567M062

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com