Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82442A1124K000 Datasheet(PDF) 5 Page - EPCOS

Part # B82442A1124K000
Description  SMT inductors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82442A1124K000 Datasheet(HTML) 5 Page - EPCOS

  B82442A1124K000 Datasheet HTML 1Page - EPCOS B82442A1124K000 Datasheet HTML 2Page - EPCOS B82442A1124K000 Datasheet HTML 3Page - EPCOS B82442A1124K000 Datasheet HTML 4Page - EPCOS B82442A1124K000 Datasheet HTML 5Page - EPCOS B82442A1124K000 Datasheet HTML 6Page - EPCOS B82442A1124K000 Datasheet HTML 7Page - EPCOS B82442A1124K000 Datasheet HTML 8Page - EPCOS B82442A1124K000 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
03/08
Please read Cautions and warnings and
Important notes at the end of this document.
Characteristics and ordering codes
Closer tolerances on request.
Higher currents possible at temperatures <TR on request.
Sample kit available. Ordering code: B82442X001
For more information refer to chapter “Sample kits”.
1) Replace the + by the code letter for the required inductance tolerance.
2) For Ni-barrier-plated terminals replace the last two digits “00” by “50”.
LR
μH
Tolerance
Qmin
fL; fQ
MHz
IR
mA
Rmax
Ω
fres,min
MHz
Ordering code1)2)
1.0
±10% K
10
7.96
1800
0.024
95
B82442A1102K000
1.2
10
7.96
1700
0.028
70
B82442A1122K000
1.5
10
7.96
1600
0.032
55
B82442A1152K000
1.8
10
7.96
1400
0.040
47
B82442A1182K000
2.2
10
7.96
1300
0.048
42
B82442A1222K000
2.7
10
7.96
1200
0.056
37
B82442A1272K000
3.3
10
7.96
1120
0.064
34
B82442A1332K000
3.9
10
7.96
1050
0.072
32
B82442A1392K000
4.7
10
7.96
950
0.088
29
B82442A1472K000
5.6
10
7.96
880
0.104
26
B82442A1562K000
6.8
10
7.96
810
0.120
24
B82442A1682K000
8.2
10
7.96
750
0.144
22
B82442A1822K000
10
10
2.52
690
0.168
19
B82442A1103K000
12
10
2.52
630
0.20
17
B82442A1123K000
15
10
2.52
580
0.24
16
B82442A1153K000
18
10
2.52
530
0.29
14
B82442A1183K000
22
10
2.52
480
0.35
13
B82442A1223K000
27
10
2.52
440
0.42
11.5
B82442A1273K000
33
±5% J
±10% K
10
2.52
400
0.50
10.5
B82442A1333+000
39
10
2.52
370
0.58
9.5
B82442A1393+000
47
10
2.52
340
0.68
8.5
B82442A1473+000
56
10
2.52
310
0.80
7.8
B82442A1563+000
68
10
2.52
290
0.96
7.0
B82442A1683+000
82
10
2.52
270
1.12
6.4
B82442A1823+000
100
20
0.796
250
1.28
6.0
B82442A1104+000
120
20
0.796
230
1.52
5.4
B82442A1124+000
150
20
0.796
210
1.76
4.8
B82442A1154+000
180
20
0.796
190
2.24
4.4
B82442A1184+000
^
^
^
B82442A
SMT inductors, SIMID series
SIMID 2220-A


Similar Part No. - B82442A1124K000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82442A1124 EPCOS-B82442A1124 Datasheet
113Kb / 9P
   SMT inductors-13
B82442A1124-000 EPCOS-B82442A1124-000 Datasheet
485Kb / 9P
   SMT inductors
B82442A1124000 EPCOS-B82442A1124000 Datasheet
113Kb / 9P
   Upright ferrite drum core
More results

Similar Description - B82442A1124K000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82422T1104J EPCOS-B82422T1104J Datasheet
486Kb / 9P
   SMT inductors
B82496C3180J000 EPCOS-B82496C3180J000 Datasheet
484Kb / 8P
   SMT inductors
B82432A EPCOS-B82432A Datasheet
141Kb / 8P
   SMT inductors
B82432T1102K000 EPCOS-B82432T1102K000 Datasheet
150Kb / 8P
   SMT inductors
B82442H1102K000 EPCOS-B82442H1102K000 Datasheet
168Kb / 9P
   SMT inductors
B82442H EPCOS-B82442H Datasheet
163Kb / 9P
   SMT inductors
B82496C3470J EPCOS-B82496C3470J Datasheet
484Kb / 8P
   SMT inductors
B82422H1473K EPCOS-B82422H1473K Datasheet
276Kb / 5P
   SMT Inductors
B82432A1104K EPCOS-B82432A1104K Datasheet
487Kb / 8P
   SMT inductors
B82422T EPCOS-B82422T Datasheet
148Kb / 9P
   SMT inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com