Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MH2012R10JL Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # MH2012R10JL
Description  MULTILAYER CHIP INDUCTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

MH2012R10JL Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  MH2012R10JL Datasheet HTML 1Page - ABC Taiwan Electronics Corp MH2012R10JL Datasheet HTML 2Page - ABC Taiwan Electronics Corp MH2012R10JL Datasheet HTML 3Page - ABC Taiwan Electronics Corp MH2012R10JL Datasheet HTML 4Page - ABC Taiwan Electronics Corp MH2012R10JL Datasheet HTML 5Page - ABC Taiwan Electronics Corp MH2012R10JL Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Inductance
DWG No.
10
Q
nom
( MHz )
SRF
300
( mA )
IDC
max
max
0.10
RDC
( Ω )
Ⅵ﹒ELECTRICAL CHARACTERISTICS :
( nH )
min
10
12
12
12
12
12
15
15
15
15
15
15
15
15
15
18
18
18
18
18
18
13
13
13
12
12
12
50
5600
5500
4700
3200
3900
3100
2400
2100
2800
1800
2000
1200
1000
1400
1700
900
900
430
500
600
700
320
340
400
0.10
0.12
0.13
0.15
0.20
0.23
0.25
0.28
0.30
0.35
0.40
0.45
0.50
0.55
0.60
0.65
0.70
0.75
0.85
0.95
1.00
1.10
1.20
1.30
1.50
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
SPECIFICATION FOR APPROVAL
ABC'S ITEM NO.
ABC'S DWG NO.
REF :
PAGE: 2
1.5 ± 0.3
10
300
0.10
MH20121N2DL□-□□□
1.2 ± 0.3
10
100
>6000
300
0.10
MH2012□□□□L□-□□□
PROD.
NAME
Test Freq.
(MHz)
L/Q
1.8 ± 0.3
2.2 ± 0.3
2.7 ± 0.3
MH20121N5DL□-□□□
MH20121N8DL□-□□□
MH20122N2DL□-□□□
MH20122N7DL□-□□□
3.3 ± 0.3
4.7 ± 0.3
5.6 ± 0.3
6.8 ± 5%
3.9 ± 0.3
MH20126N8JL□-□□□
MH20125N6DL□-□□□
MH20124N7DL□-□□□
MH20123N9DL□-□□□
MH20123N3DL□-□□□
MH201247NJL□-□□□
MH201239NJL□-□□□
MH201233NJL□-□□□
MH201227NJL□-□□□
MH201222NJL□-□□□
MH201218NJL□-□□□
MH201215NJL□-□□□
MH201212NJL□-□□□
MH201210NJL□-□□□
MH20128N2JL□-□□□
MH201256NJL□-□□□
MH201268NJL□-□□□
MH201282NJL□-□□□
MH2012R10JL□-□□□
MH2012R12JL□-□□□
MH2012R15JL□-□□□
MH2012R18JL□-□□□
MH2012R22JL□-□□□
MH2012R27JL□-□□□
MH2012R33JL□-□□□
8.2 ± 5%
47.0 ± 5%
33.0 ± 5%
39.0 ± 5%
27.0 ± 5%
22.0 ± 5%
12.0 ± 5%
18.0 ± 5%
15.0 ± 5%
10.0 ± 5%
180.0 ± 5%
270.0 ± 5%
330.0 ± 5%
220.0 ± 5%
82.0 ± 5%
120.0 ± 5%
150.0 ± 5%
100.0 ± 5%
56.0 ± 5%
68.0 ± 5%
100
50
50
50
50
50
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
300
300
300
300
300
0.80
0.90
>6000
>6000
>6000
>6000
>6000
1). □:Packaging Information… A:Bulk B:Taping Reel
2)."-
":Reference code
□ □
MULTILAYER CHIP INDUCTOR
AR-001A


Similar Part No. - MH2012R10JL

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MH20 BOURNS-MH20 Datasheet
911Kb / 6P
   MH45/MH32/MH20 Series High Current Chip Ferrite Beads
REV. 06/22
logo
MicroPower Direct, LLC
MH200RW MPD-MH200RW Datasheet
400Kb / 2P
   Wide Input, 2W Ultra-Miniature DC/DC Converters
logo
List of Unclassifed Man...
MH202 ETC1-MH202 Datasheet
163Kb / 2P
   High Dynamic Range Cellular Band MMIC Mixer
logo
Bourns Electronic Solut...
MH2029-070Y BOURNS-MH2029-070Y Datasheet
1Mb / 8P
   High Current Chip Ferrite Beads
MH2029-070Y BOURNS-MH2029-070Y Datasheet
1Mb / 6P
   High Current Chip Ferrite Beads
More results

Similar Description - MH2012R10JL

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
MS160847NML ABC-MS160847NML Datasheet
187Kb / 6P
   MULTILAYER CHIP INDUCTOR
MH10051N0DL ABC-MH10051N0DL Datasheet
101Kb / 6P
   MULTILAYER CHIP INDUCTOR
MH16081N0D2 ABC-MH16081N0D2 Datasheet
153Kb / 6P
   MULTILAYER CHIP INDUCTOR
MS326147NML ABC-MS326147NML Datasheet
211Kb / 6P
   MULTILAYER CHIP INDUCTOR
MH10051N0D2 ABC-MH10051N0D2 Datasheet
110Kb / 6P
   MULTILAYER CHIP INDUCTOR
MS202947NML ABC-MS202947NML Datasheet
183Kb / 6P
   MULTILAYER CHIP INDUCTOR
logo
Socay Electornics Co., ...
SCML20122R2MTF SOCAY-SCML20122R2MTF Datasheet
211Kb / 5P
   Multilayer Chip Inductor
logo
ABC Taiwan Electronics ...
MH16081N0DL ABC-MH16081N0DL Datasheet
393Kb / 5P
   MULTILAYER CHIP INDUCTOR
logo
Murata Manufacturing Co...
LQM2MPNG0 MURATA-LQM2MPNG0 Datasheet
69Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type)
logo
XFMRS Inc.
XFEI2012 XFMRS-XFEI2012 Datasheet
104Kb / 5P
   MULTILAYER FERRITE CHIP INDUCTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com