Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5379B Datasheet(PDF) 2 Page - Transys Electronics

Part # 1N5379B
Description  GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRSYS [Transys Electronics]
Direct Link  http://www.transyselectronics.com
Logo TRSYS - Transys Electronics

1N5379B Datasheet(HTML) 2 Page - Transys Electronics

  1N5379B Datasheet HTML 1Page - Transys Electronics 1N5379B Datasheet HTML 2Page - Transys Electronics 1N5379B Datasheet HTML 3Page - Transys Electronics 1N5379B Datasheet HTML 4Page - Transys Electronics 1N5379B Datasheet HTML 5Page - Transys Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1N5348B THRU 1N5388B
ELECTRICAL CHARACTERISTICS (TA=25 unless otherwise noted, VF=1.2 Max @ IF=1A for all types.
Maximum Zener
Impedance
Max reverse
Leakage
Current
Type No.
(Note 1.)
Nominal Zener
Voltage Vz @ IZT
volts
(Note 2.)
Test current
IZT
mA
ZZT @ IZT
Ohms
(Note 2.)
ZZk @ IZK = 1 mA
Ohms
(Note 2.)
IR
A
VR
Volts
Max Surge
Current Ir Amps
(Note 3.)
Max Voltage
Regulation
Vz, Volts
(Note 4.)
Maximum
Regulator
Current
IZM mA
(Note 5.)
1N5348B
1N5349B
1N5350B
1N5351B
11
12
13
14
125
100
100
100
2.5
2.5
2.5
2.5
125
125
100
75
5
2
1
1
8.4
9.1
9.9
10.6
8
7.5
7
6.7
0.25
0.25
0.25
0.25
430
395
365
340
1N5352B
1N5353B
1N5354B
1N5355B
1N5356B
15
16
17
18
19
75
75
70
65
65
2.5
2.5
2.5
2.5
3
75
75
75
75
75
1
1
0.5
0.5
0.5
11.5
12.2
12.9
13.7
14.4
6.3
6
5.8
5.5
5.3
0.25
0.3
0.35
0.4
0.4
315
295
280
265
250
1N5357B
1N5358B
1N5359B
1N5360B
1N5361B
20
22
24
25
27
65
50
50
50
50
3
3.5
3.5
4
5
75
75
100
110
120
0.5
0.5
0.5
0.5
0.5
15.2
16.7
18.2
19
20.6
5.1
4.7
4.4
4.3
4.1
0.4
0.45
0.55
0.55
0.6
237
216
198
190
176
1N5362B
1N5363B
1N5364B
1N5365B
1N5366B
28
30
33
36
39
50
40
40
30
30
6
8
10
11
14
130
140
150
160
170
0.5
0.5
0.5
0.5
0.5
21.2
22.8
25.1
27.4
29.7
3.9
3.7
3.5
3.3
3.1
0.6
0.6
0.6
0.65
0.65
170
158
144
132
122
1N5367B
1N5368B
1N5369B
1N5370B
1N5371B
43
47
51
56
60
30
25
25
20
20
20
25
27
35
40
190
210
230
280
350
0.5
0.5
0.5
0.5
0.5
32.7
35.8
38.8
42.6
45.5
2.8
2.7
2.5
2.3
2.2
0.7
0.8
0.9
1
1.2
110
100
93
86
79
1N5372B
1N5373B
1N5374B
1N5375B
1N5376B
62
68
75
82
87
20
20
20
15
15
42
44
45
65
75
400
500
620
720
760
0.5
0.5
0.5
0.5
0.5
47.1
51.7
56
62.2
66
2.1
2
1.9
1.8
1.7
1.35
1.5
1.6
1.8
2
76
70
63
58
54.5
1N5377B
1N5378B
1N5379B
1N5380B
1N5381B
91
100
110
120
130
15
12
12
10
10
75
90
125
170
190
760
800
1000
1150
1250
0.5
0.5
0.5
0.5
0.5
69.2
76
83.6
91.2
98.8
1.6
1.5
1.4
1.3
1.2
2.2
2.5
2.5
2.5
2.5
52.5
47.5
43
39.5
36.6
1N5382B
1N5383B
1N5384B
1N5385B
1N5386B
1N5387B
140
150
160
170
180
190
8
8
8
8
5
5
230
330
35 0
380
430
450
1500
1500
1650
1750
1750
1850
0.5
0.5
0.5
0.5
0.5
0.5
106
114
122
129
137
144
1.2
1.1
1.1
1
1
0.9
2.5
3
3
3
4
5
34
31.6
29.4
28
26.4
25
1N5388B
200
5
480
1850
0.5
152
0.9
5
23.6
NOTE:
1. TOLERANCE AND VOLTAGE DESIGNATION - The JEDEC type numbers shown indicate a tolerance of ±10% with
guaranteed limits on only Vz, IR, Ir, and VF as shown in the electrical characteristics table. Units with guaranteed limits
on all seven parameters are indicated by suffix “B” for ±5% tolerance.
2. ZENER VOLTAGE (Vz) AND IMPEDANCE (ZZT & ZZK) - Test conditions for Zener voltage and impedance are as
follows; Iz is applied 40±10 ms prior to reading. Mounting contacts are located from the inside edge of mounting
clips to the body of the diode.(TA=25
).


Similar Part No. - 1N5379B

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
1N5379B SUNMATE-1N5379B Datasheet
121Kb / 2P
   5Watts Axial Leaded Zener Diodes
logo
Motorola, Inc
1N5379B MOTOROLA-1N5379B Datasheet
87Kb / 6P
   5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
Shenzhen Luguang Electr...
1N5379B LUGUANG-1N5379B Datasheet
2Mb / 5P
   Zener Diode
logo
First Components Intern...
1N5379B FCI-1N5379B Datasheet
100Kb / 3P
   5 Watt ZENER DIODES
logo
Frontier Electronics.
1N5379B FRONTIER-1N5379B Datasheet
135Kb / 3P
   5 WATT SILICON ZENER DIODE
More results

Similar Description - 1N5379B

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1N4740A TSC-1N4740A Datasheet
5Mb / 5P
   Glass Passivated Junction Silicon Zener Diode
1N4741A TSC-1N4741A Datasheet
86Kb / 5P
   Glass Passivated Junction Silicon Zener Diode
logo
Pan Jit International I...
1N4728A PANJIT-1N4728A_04 Datasheet
360Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
1N4729A PANJIT-1N4729A Datasheet
803Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
1N4736A PANJIT-1N4736A Datasheet
379Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Transys Electronics
1N4741A TRSYS-1N4741A Datasheet
348Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
1N5926B TRSYS-1N5926B Datasheet
204Kb / 3P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Pan Jit International I...
1N4728A PANJIT-1N4728A Datasheet
395Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
WILLAS ELECTRONIC CORP
1N4728A WILLAS-1N4728A Datasheet
627Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Taiwan Semiconductor Co...
1N4741A TSC-1N4741A_1 Datasheet
1Mb / 5P
   Glass Passivated Junction Silicon Zener Diode
logo
Transys Electronics
2EZ11 TRSYS-2EZ11 Datasheet
339Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com