Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS16081R2ML Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # MS16081R2ML
Description  MULTILAYER CHIP INDUCTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

MS16081R2ML Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  MS16081R2ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp MS16081R2ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp MS16081R2ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp MS16081R2ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp MS16081R2ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp MS16081R2ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1). □:Packaging Information… A:Bulk B:Taping Reel
ABC'S DWG NO.
ABC'S ITEM NO.
SPECIFICATION FOR APPROVAL
MS16082R2ML□-□□□
35
2.200±20%
AR-001A
2)."-
":Reference code
MS16082R7ML□-□□□
MS16083R3ML□-□□□
MS16083R9ML□-□□□
MS16084R7ML□-□□□
MS16086R8ML□-□□□
MS16088R2ML□-□□□
MS16085R6ML□-□□□
MS1608100ML□-□□□
□□
35
8.200±20%
10.000±20%
30
2.700±20%
6.800±20%
5.600±20%
4.700±20%
3.900±20%
3.300±20%
35
35
35
35
35
35
MS1608R15ML□-□□□
15
0.150±20%
MS16081R8ML□-□□□
MS16081R5ML□-□□□
MS16081R2ML□-□□□
MS16081R0ML□-□□□
MS1608R82ML□-□□□
MS1608R68ML□-□□□
MS1608R56ML□-□□□
MS1608R47ML□-□□□
MS1608R39ML□-□□□
MS1608R33ML□-□□□
MS1608R27ML□-□□□
MS1608R22ML□-□□□
MS1608R18ML□-□□□
15
0.560±20%
1.200±20%
1.000±20%
0.820±20%
1.800±20%
1.500±20%
0.680±20%
35
35
35
15
35
15
0.330±20%
0.270±20%
0.220±20%
0.470±20%
0.390±20%
0.180±20%
15
15
15
15
15
15
MULTILAYER CHIP INDUCTOR
MS1608R12ML□-□□□
MS160882NML□-□□□
MS1608R10ML□-□□□
MS160868NML□-□□□
MS160847NML□-□□□
Ⅴ﹒ELECTRICAL CHARACTERISTICS :
DWG No.
NAME
PROD.
REF :
Inductance
0.082±20%
0.047±20%
0.068±20%
0.100±20%
0.120±20%
( μH )
10
15
15
10
10
min
Q
15
1.15
50
10
18
4
2
17
10
4
4
10
10
10
33
20
22
40
35
45
5
2.10
1.853
2.10
1.70
1.55
1.35
1.55
1.70
15
5
5
15
15
15
50
0.60
25
180
95
25
10
10
10
25
10
25
60
55
65
85
75
90
25
25
25
25
25
25
110
105
125
136
150
165
35
1.55
0.80
0.95
0.80
2.10
0.60
1.70
25
25
25
35
25
35
0.85
1.35
1.00
0.80
0.80
0.60
35
35
35
50
50
50
MS1608□□□□L□-□□□
Test Freq.
50
25
25
50
(MHz)
50
250
240
205
245
( MHz )
min
260
SRF
0.30
0.30
0.50
0.50
( Ω )
RDC
0.30
max
50
50
50
50
( mA )
max
50
IDC
PAGE: 2


Similar Part No. - MS16081R2ML

ManufacturerPart #DatasheetDescription
logo
Altech corporation
MS16 ALTECH-MS16 Datasheet
774Kb / 8P
   MS016
logo
Pan Jit International I...
MS16 PANJIT-MS16 Datasheet
109Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Kwang Myoung I.S. CO.,L...
MS16 KISEMICONDUCTOR-MS16 Datasheet
5Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
logo
Microsemi Corporation
MS16100 MICROSEMI-MS16100 Datasheet
122Kb / 2P
   16 AMP SCHOTTKY RECTIFIER
logo
Zibo Seno Electronic En...
MS16100 ZSELEC-MS16100 Datasheet
158Kb / 2P
   16.0A SCHOTTKY BARRIER DIODE
More results

Similar Description - MS16081R2ML

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
MH10051N0DL ABC-MH10051N0DL Datasheet
101Kb / 6P
   MULTILAYER CHIP INDUCTOR
MH16081N0D2 ABC-MH16081N0D2 Datasheet
153Kb / 6P
   MULTILAYER CHIP INDUCTOR
MS326147NML ABC-MS326147NML Datasheet
211Kb / 6P
   MULTILAYER CHIP INDUCTOR
MH10051N0D2 ABC-MH10051N0D2 Datasheet
110Kb / 6P
   MULTILAYER CHIP INDUCTOR
MS202947NML ABC-MS202947NML Datasheet
183Kb / 6P
   MULTILAYER CHIP INDUCTOR
logo
Socay Electornics Co., ...
SCML20122R2MTF SOCAY-SCML20122R2MTF Datasheet
211Kb / 5P
   Multilayer Chip Inductor
logo
ABC Taiwan Electronics ...
MH16081N0DL ABC-MH16081N0DL Datasheet
393Kb / 5P
   MULTILAYER CHIP INDUCTOR
MH20121N2DL ABC-MH20121N2DL Datasheet
106Kb / 6P
   MULTILAYER CHIP INDUCTOR
logo
Murata Manufacturing Co...
LQM2MPNG0 MURATA-LQM2MPNG0 Datasheet
69Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type)
logo
XFMRS Inc.
XFEI2012 XFMRS-XFEI2012 Datasheet
104Kb / 5P
   MULTILAYER FERRITE CHIP INDUCTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com