Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RB0812473KL Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # RB0812473KL
Description  RADIAL INDUCTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

RB0812473KL Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  RB0812473KL Datasheet HTML 1Page - ABC Taiwan Electronics Corp RB0812473KL Datasheet HTML 2Page - ABC Taiwan Electronics Corp RB0812473KL Datasheet HTML 3Page - ABC Taiwan Electronics Corp RB0812473KL Datasheet HTML 4Page - ABC Taiwan Electronics Corp RB0812473KL Datasheet HTML 5Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Test Freq. ( MHz )
2.52
2.52
2.52
2.52
0.796
0.796
0.796
0.796
0.796
0.796
0.796
0.796
0.796
0.796
0.796
0.252
0.796
0.0796
0.0796
0.0796
0.0796
0.0796
0.0796
0.0796
0.0796
0.0796
0.252
0.252
0.252
0.252
0.252
0.252
0.252
0.252
0.252
0.252
0.252
ABC'S DWG NO.
ABC'S ITEM NO.
SPECIFICATION FOR APPROVAL
60
3900 ±10%
RB0812392KL□-□□□
AR-001A
2). "-
":Reference code
1). □:Packafing information… A:Bulk
47000 ±10%
39000 ±10%
33000 ±10%
27000 ±10%
22000 ±10%
18000 ±10%
15000 ±10%
12000 ±10%
10000 ±10%
8200 ±10%
6800 ±10%
5600 ±10%
4700 ±10%
RB0812183KL□-□□□
RB0812473KL□-□□□
RB0812393KL□-□□□
RB0812333KL□-□□□
RB0812273KL□-□□□
RB0812223KL□-□□□
□□
RB0812153KL□-□□□
RB0812123KL□-□□□
RB0812103KL□-□□□
RB0812822KL□-□□□
RB0812682KL□-□□□
RB0812562KL□-□□□
RB0812472KL□-□□□
60
60
60
60
60
60
60
60
60
60
60
60
60
REF : 20080714-B
PROD.
NAME
Ⅴ﹒ELECTRICAL CHARACTERISTICS :
120 ±10%
RB0812121KL□-□□□
3300 ±10%
2700 ±10%
2200 ±10%
1800 ±10%
1500 ±10%
1200 ±10%
150 ±10%
180 ±10%
220 ±10%
270 ±10%
330 ±10%
390 ±10%
470 ±10%
680 ±10%
820 ±10%
1000 ±10%
560 ±10%
RB0812681KL□-□□□
RB0812332KL□-□□□
RB0812272KL□-□□□
RB0812222KL□-□□□
RB0812182KL□-□□□
RB0812152KL□-□□□
RB0812122KL□-□□□
RB0812102KL□-□□□
RB0812821KL□-□□□
RB0812561KL□-□□□
RB0812471KL□-□□□
RB0812391KL□-□□□
RB0812331KL□-□□□
RB0812271KL□-□□□
RB0812221KL□-□□□
RB0812181KL□-□□□
RB0812151KL□-□□□
45
60
60
60
60
60
45
60
45
45
45
45
45
45
45
45
45
( μH )
Inductance
47 ±10%
56 ±10%
68 ±10%
82 ±10%
100 ±10%
RADIAL INDUCTOR
DWG No.
RB0812470KL□-□□□
RB0812101KL□-□□□
RB0812820KL□-□□□
RB0812680KL□-□□□
RB0812560KL□-□□□
min.
30
30
45
45
30
30
Q
L
55
14.00
0.55
76.00
0.28
0.10
0.13
0.16
0.20
0.24
162.00
140.00
150.00
92.00
102.00
0.30
0.32
0.36
0.40
0.44
0.48
0.50
30.00
46.00
54.00
39.00
18.00
24.00
16.00
27
16
20
18
25
22
36
32
30
34
45
40
50
2.90
1.70
1.50
1.40
0.60
0.70
0.75
0.80
0.90
1.10
6.00
9.00
12.00
7.00
8.00
3.90
4.40
3.10
3.40
3.20
2.80
2.50
2.30
2.00
2.20
3.00
1.60
2.00
2.50
1.80
1.20
1.40
1.00
0.90
140
100
70
60
90
80
130
110
120
200
180
150
160
260
280
220
240
RB0812□□□□L□-□□□
( MHz )
SRF
6.00
5.50
5.00
4.50
3.60
4.20
min.
Q
0.45
0.50
0.70
0.60
0.50
max.
0.40
RDC
( Ω )
400
360
340
300
320
( mA )
IDC
450
max.
PAGE: 2


Similar Part No. - RB0812473KL

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
RB0810 ALLIED-RB0810 Datasheet
363Kb / 1P
   Radial Bobbin Inductors
RB0810-100K-RC ALLIED-RB0810-100K-RC Datasheet
363Kb / 1P
   Radial Bobbin Inductors
RB0810-100K-RC ALLIED-RB0810-100K-RC Datasheet
363Kb / 1P
   Radial Bobbin Inductors
RB0810-101K-RC ALLIED-RB0810-101K-RC Datasheet
363Kb / 1P
   Radial Bobbin Inductors
RB0810-101K-RC ALLIED-RB0810-101K-RC Datasheet
363Kb / 1P
   Radial Bobbin Inductors
More results

Similar Description - RB0812473KL

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
RC1008100ML ABC-RC1008100ML Datasheet
308Kb / 4P
   RADIAL INDUCTOR
logo
Bourns Electronic Solut...
RL895 BOURNS-RL895 Datasheet
245Kb / 1P
   RADIAL INDUCTOR
logo
ABC Taiwan Electronics ...
RB1014101KL ABC-RB1014101KL Datasheet
118Kb / 5P
   RADIAL INDUCTOR
RB0712100KL ABC-RB0712100KL Datasheet
119Kb / 5P
   RADIAL INDUCTOR
RB1010101 ABC-RB1010101 Datasheet
104Kb / 4P
   RADIAL INDUCTOR
RB13143R3ML ABC-RB13143R3ML Datasheet
347Kb / 4P
   RADIAL INDUCTOR
RH09121R5ML ABC-RH09121R5ML Datasheet
410Kb / 6P
   RADIAL INDUCTOR
RB09121R5ML ABC-RB09121R5ML Datasheet
119Kb / 5P
   RADIAL INDUCTOR
RC1010100ML ABC-RC1010100ML Datasheet
338Kb / 4P
   RADIAL INDUCTOR
RB09143R3ML ABC-RB09143R3ML Datasheet
403Kb / 5P
   RADIAL INDUCTOR
RH09104R7ML ABC-RH09104R7ML Datasheet
478Kb / 6P
   RADIAL INDUCTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com