Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RB1014223KL Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # RB1014223KL
Description  RADIAL INDUCTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

RB1014223KL Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  RB1014223KL Datasheet HTML 1Page - ABC Taiwan Electronics Corp RB1014223KL Datasheet HTML 2Page - ABC Taiwan Electronics Corp RB1014223KL Datasheet HTML 3Page - ABC Taiwan Electronics Corp RB1014223KL Datasheet HTML 4Page - ABC Taiwan Electronics Corp RB1014223KL Datasheet HTML 5Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1). □:Packing information… A:Bulk
8200 ±10%
10000 ±10%
12000 ±10%
15000 ±10%
22000 ±10%
27000 ±10%
33000 ±10%
47000 ±10%
56000 ±10%
68000 ±10%
39000 ±10%
82000 ±10%
18000 ±10%
AR-001A
RB1014393KL□ -□□□
-□□□
-□□□
-□□□
-□□□
2) ."-
":Reference code
□ □
RB1014823KL□
RB1014683KL□
RB1014563KL□
RB1014473KL□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
RB1014183KL□
RB1014333KL□
RB1014273KL□
RB1014223KL□
RB1014153KL□
RB1014123KL□
RB1014103KL□
RB1014822KL□
0.17
79.6
40
79.6
79.6
79.6
79.6
35
35
30
35
0.15
0.14
0.12
0.16
79.6
252.0
79.6
79.6
79.6
79.6
79.6
79.6
45
45
45
45
50
50
40
50
0.24
0.20
0.18
0.22
0.28
0.26
0.32
0.30
22
100.00
20
16
18
14
200.00
220.00
240.00
150.00
45
50
35
40
28
24
26
30
52.00
62.00
90.00
58.00
36.00
48.00
24.50
32.00
Ⅴ﹒ELECTRICAL CHARACTERISTICS :
RADIAL INDUCTOR
SPECIFICATION FOR APPROVAL
120 ±10%
100 ±10%
270 ±10%
180 ±10%
220 ±10%
150 ±10%
560 ±10%
390 ±10%
470 ±10%
330 ±10%
1000 ±10%
820 ±10%
1200 ±10%
1800 ±10%
2200 ±10%
2700 ±10%
1500 ±10%
3900 ±10%
4700 ±10%
5600 ±10%
6800 ±10%
3300 ±10%
680 ±10%
RB1014271KL□ -□□□
RB1014152KL□ -□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
RB1014332KL□
RB1014682KL□
RB1014562KL□
RB1014472KL□
RB1014392KL□
RB1014272KL□
RB1014222KL□
RB1014182KL□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
RB1014681KL□
RB1014122KL□
RB1014102KL□
RB1014821KL□
RB1014561KL□
RB1014471KL□
RB1014391KL□
RB1014331KL□
NAME
PROD.
REF : 20080714-A
-□□□
-□□□
-□□□
-□□□
-□□□
RB1014121KL□
RB1014221KL□
RB1014181KL□
RB1014151KL□
RB1014101KL□
DWG No.
Inductance
( μH )
260
1.50
2.00
796.0
40
0.70
252.0
50
252.0
252.0
252.0
252.0
252.0
252.0
252.0
252.0
50
45
40
45
50
50
50
50
0.45
0.38
0.34
0.36
0.40
0.55
0.50
0.60
796.0
796.0
796.0
796.0
252.0
796.0
252.0
796.0
35
50
50
35
35
35
40
40
1.15
0.90
0.80
1.00
1.55
1.30
1.85
1.95
130
5.80
115
95
110
65
70
55
60
80
10.50
14.00
18.00
16.00
12.00
8.40
9.60
7.40
230
200
210
240
180
150
160
190
2.85
4.10
4.70
3.10
2.30
2.55
1.85
1.70
RB1014□□□□L□-□□□
796.0
796.0
796.0
796.0
796.0
Test Freq. ( KHz )
45
45
40
45
min.
45
Q
L
3.00
2.50
2.10
2.80
Q
min.
3.20
( MHz )
SRF
ABC'S DWG NO.
ABC'S ITEM NO.
IDC
330
350
max.
300
310
280
( mA )
0.95
1.15
1.30
1.05
max.
0.85
( Ω )
RDC
PAGE: 2


Similar Part No. - RB1014223KL

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
RB1010 ALLIED-RB1010 Datasheet
363Kb / 1P
   Radial Bobbin Inductors
RB1010-100K-RC ALLIED-RB1010-100K-RC Datasheet
363Kb / 1P
   Radial Bobbin Inductors
RB1010-100K-RC ALLIED-RB1010-100K-RC Datasheet
363Kb / 1P
   Radial Bobbin Inductors
RB1010-101K-RC ALLIED-RB1010-101K-RC Datasheet
363Kb / 1P
   Radial Bobbin Inductors
RB1010-101K-RC ALLIED-RB1010-101K-RC Datasheet
363Kb / 1P
   Radial Bobbin Inductors
More results

Similar Description - RB1014223KL

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
RC1008100ML ABC-RC1008100ML Datasheet
308Kb / 4P
   RADIAL INDUCTOR
logo
Bourns Electronic Solut...
RL895 BOURNS-RL895 Datasheet
245Kb / 1P
   RADIAL INDUCTOR
logo
ABC Taiwan Electronics ...
RB0712100KL ABC-RB0712100KL Datasheet
119Kb / 5P
   RADIAL INDUCTOR
RB1010101 ABC-RB1010101 Datasheet
104Kb / 4P
   RADIAL INDUCTOR
RB13143R3ML ABC-RB13143R3ML Datasheet
347Kb / 4P
   RADIAL INDUCTOR
RH09121R5ML ABC-RH09121R5ML Datasheet
410Kb / 6P
   RADIAL INDUCTOR
RB09121R5ML ABC-RB09121R5ML Datasheet
119Kb / 5P
   RADIAL INDUCTOR
RC1010100ML ABC-RC1010100ML Datasheet
338Kb / 4P
   RADIAL INDUCTOR
RB09143R3ML ABC-RB09143R3ML Datasheet
403Kb / 5P
   RADIAL INDUCTOR
RH09104R7ML ABC-RH09104R7ML Datasheet
478Kb / 6P
   RADIAL INDUCTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com