Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RB0712470KL Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # RB0712470KL
Description  RADIAL INDUCTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

RB0712470KL Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  RB0712470KL Datasheet HTML 1Page - ABC Taiwan Electronics Corp RB0712470KL Datasheet HTML 2Page - ABC Taiwan Electronics Corp RB0712470KL Datasheet HTML 3Page - ABC Taiwan Electronics Corp RB0712470KL Datasheet HTML 4Page - ABC Taiwan Electronics Corp RB0712470KL Datasheet HTML 5Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Test Freq. ( Hz )
ABC'S DWG NO.
ABC'S ITEM NO.
SPECIFICATION FOR APPROVAL
330
±10%
AR-001A
2). "-
":Reference code
1).
□:Packafing information… A:Bulk
RB0712561KL
□-□□□
RB0712471KL
□-□□□
RB0712391KL
□-□□□
560
±10%
470
±10%
390
±10%
20
20
20
20
22
±10%
RB0712220KL
□-□□□
RB0712820KL
□-□□□
RB0712331KL
□-□□□
RB0712271KL
□-□□□
RB0712221KL
□-□□□
RB0712181KL
□-□□□
RB0712151KL
□-□□□
RB0712121KL
□-□□□
RB0712101KL
□-□□□
RB0712680KL
□-□□□
RB0712560KL
□-□□□
RB0712470KL
□-□□□
RB0712390KL
□-□□□
RB0712330KL
□-□□□
RB0712270KL
□-□□□
20
82
±10%
180
±10%
270
±10%
220
±10%
150
±10%
120
±10%
100
±10%
20
20
20
20
20
20
20
68
±10%
56
±10%
47
±10%
39
±10%
33
±10%
27
±10%
20
20
20
20
20
20
Ⅴ﹒ELECTRICAL CHARACTERISTICS :
RADIAL INDUCTOR
DWG No.
RB0712100KL
□-□□□
RB0712180KL
□-□□□
RB0712150KL
□-□□□
RB0712120KL
□-□□□
NAME
PROD.
REF :
18
±10%
15
±10%
12
±10%
(
μH )
Inductance
10
±10%
20
20
20
min.
20
Q
0.796M
0.796M
0.796M
1K
1K
1K
2.0
2.0
2.0
1.80
1.50
1.20
0.16
0.15
0.18
0.70
0.12
9.0
2.520M
1K
5.0
2.520M
1K
0.796M
0.796M
0.796M
0.796M
0.796M
0.796M
0.796M
1K
1K
1K
1K
1K
1K
1K
3.0
2.5
2.5
3.0
4.0
3.5
4.0
2.520M
2.520M
2.520M
2.520M
2.520M
2.520M
1K
1K
1K
1K
1K
1K
6.0
5.0
5.0
7.0
6.0
8.0
0.34
0.35
0.75
1.10
1.00
0.90
0.50
0.45
0.40
0.26
0.20
0.22
0.24
0.30
0.28
0.32
0.18
0.24
0.21
0.16
0.15
0.13
0.45
0.36
0.40
0.60
0.55
0.65
RB0712
□□□□L□-□□□
2.520M
2.520M
2.520M
2.520M
1K
1K
1K
1K
LQ
10.0
10.0
12.0
SRF
( MHz)
16.0
min.
0.10
0.09
0.08
(
Ω )
RDC
0.07
max.
0.90
0.75
1.00
( A )
1.10
max.
IDC
PAGE: 2
20090312-A


Similar Part No. - RB0712470KL

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30 Datasheet
194Kb / 4P
   Schottky barrier diode (Silicon Epitaxial Planer)
RB070M-30 ROHM-RB070M-30 Datasheet
131Kb / 4P
   Schottky barrier diode
RB070M-30 ROHM-RB070M-30 Datasheet
342Kb / 4P
   Shottky barrier diode
RB070M-30 ROHM-RB070M-30 Datasheet
976Kb / 4P
   Shottky barrier diode
RB070M-30TR ROHM-RB070M-30TR Datasheet
342Kb / 4P
   Shottky barrier diode
More results

Similar Description - RB0712470KL

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
RC1008100ML ABC-RC1008100ML Datasheet
308Kb / 4P
   RADIAL INDUCTOR
logo
Bourns Electronic Solut...
RL895 BOURNS-RL895 Datasheet
245Kb / 1P
   RADIAL INDUCTOR
logo
ABC Taiwan Electronics ...
RB1014101KL ABC-RB1014101KL Datasheet
118Kb / 5P
   RADIAL INDUCTOR
RB1010101 ABC-RB1010101 Datasheet
104Kb / 4P
   RADIAL INDUCTOR
RB13143R3ML ABC-RB13143R3ML Datasheet
347Kb / 4P
   RADIAL INDUCTOR
RH09121R5ML ABC-RH09121R5ML Datasheet
410Kb / 6P
   RADIAL INDUCTOR
RB09121R5ML ABC-RB09121R5ML Datasheet
119Kb / 5P
   RADIAL INDUCTOR
RC1010100ML ABC-RC1010100ML Datasheet
338Kb / 4P
   RADIAL INDUCTOR
RB09143R3ML ABC-RB09143R3ML Datasheet
403Kb / 5P
   RADIAL INDUCTOR
RH09104R7ML ABC-RH09104R7ML Datasheet
478Kb / 6P
   RADIAL INDUCTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com