Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB1045471KL Datasheet(PDF) 1 Page - ABC Taiwan Electronics Corp

Part # SB1045471KL
Description  SMD POWER INDUCTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SB1045471KL Datasheet(HTML) 1 Page - ABC Taiwan Electronics Corp

  SB1045471KL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SB1045471KL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SB1045471KL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SB1045471KL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SB1045471KL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SB1045471KL Datasheet HTML 6Page - ABC Taiwan Electronics Corp SB1045471KL Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
200
-(1.0 ~ 5.0)
/ sec max.
Forced Cooling Area
SB1045□□□□L□-□□□
Ⅲ﹒
MATERIALS:
a﹒Temp. rise 40℃ max.
e﹒Adhesive:Epoxy resin
d﹒Base:LCP Base
d﹒Resistance to solder heat:260℃. 10 secs.
c﹒Operating temp.:-40℃ ~ +125℃
Ⅳ﹒
GENERAL SPECIFICATION:
b﹒Storage temp.:-40℃ ~ +125℃
c﹒Terminal:Cu / Ni / Sn
b﹒Wire:Enameled copper wire (class F)
a﹒Core:Ferrite DR core
f﹒Remark:Products comply with RoHS'
AE-001A
100
200
150
250
Peak Temp:260℃ max.
Max time above 230℃ :50sec max.
Max time above 200℃ :70sec max.
Temp. rise included)
requirements
100
0
50
50
Time ( seconds )
150
70sec max.
50sec max.
Preheat Area
150 ~ 200
/ 60 ~ 120sec
Temperature
+4.0
/ sec max.
Rising Area
c
Reflow Area
+2.0 ~ 4.0℃
/ sec max.
Ⅱ﹒
SCHEMATIC DIAGRAM:
Ⅰ﹒
CONFIGURATION & DIMENSIONS:
NAME
PROD.
REF :
PCB Pattern)
G
D
: 5.6 ref.
J
2.4 ref.
10.4 ref.
2.8 ref.
I :
H
G
ABC'S ITEM NO.
ABC'S DWG NO.
SPECIFICATION FOR APPROVAL
330
A
SMD POWER INDUCTOR
C4.5±0.3
6.0 typ
2.4 typ.
2.0 typ.
E
F :
D :
10.0±0.3
10.0±0.3
10.0±0.3
A
B :
Peak Temperature:
250
260℃
230℃
d
b
a
m/m
m/m
m/m
m/m
m/m
m/m
m/m
m/m
m/m
m/m
PAGE: 1


Similar Part No. - SB1045471KL

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SB1045 WTE-SB1045 Datasheet
50Kb / 4P
   10A SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB1045 PANJIT-SB1045 Datasheet
52Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Sirectifier Global Corp...
SB1045 SIRECT-SB1045 Datasheet
184Kb / 3P
   Power Schottky Rectifier - 10Amp 45~200Volt
logo
Leshan Radio Company
SB1045 LRC-SB1045 Datasheet
162Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 35 to 100V Forward Current 10A
logo
Diotech Company.
SB1045 DIOTECH-SB1045 Datasheet
682Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SB1045471KL

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com