Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB1105100M1 Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SB1105100M1
Description  SMD POWER INDUCTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SB1105100M1 Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SB1105100M1 Datasheet HTML 1Page - ABC Taiwan Electronics Corp SB1105100M1 Datasheet HTML 2Page - ABC Taiwan Electronics Corp SB1105100M1 Datasheet HTML 3Page - ABC Taiwan Electronics Corp SB1105100M1 Datasheet HTML 4Page - ABC Taiwan Electronics Corp SB1105100M1 Datasheet HTML 5Page - ABC Taiwan Electronics Corp SB1105100M1 Datasheet HTML 6Page - ABC Taiwan Electronics Corp SB1105100M1 Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
5
201
680
330
150
AR-001A
2
10
100
3
2
1
5
3
7
1
10
10
3
2
5
7
2
2
3
4
DC Current (mA)
7
2
710
55
3
23
2
3
10
7 10
5
@ Inductance VS. DC Current Curve
SPECIFICATION FOR APPROVAL
SMD POWER INDUCTOR
1). □:Packaging information … A:Bulk B:Taping Reel
Inductance
Ⅴ﹒
ELECTRICAL CHARACTERISTICS:
2)."-
":Reference code
SB1105201K1□-□□□
SB1105151K1□-□□□
□ □
3
7
10
200.0±10%
150.0±10%
SB1105820K1□-□□□
SB1105560K1□-□□□
SB1105470K1□-□□□
SB1105390K1□-□□□
SB1105101K1□-□□□
SB1105680K1□-□□□
SB1105330K1□-□□□
56.0±10%
100.0±10%
82.0±10%
68.0±10%
39.0±10%
47.0±10%
33.0±10%
REF :
PROD.
NAME
SB1105100M1□-□□□
SB1105120M1□-□□□
SB1105220M1□-□□□
SB1105150M1□-□□□
SB1105270M1□-□□□
DWG No.
12.0±20%
22.0±20%
27.0±20%
15.0±20%
( uH )
10.0±20%
0.500
0.650
1K
1K
0.200
0.300
0.320
0.210
0.140
0.170
0.100
1K
1K
1K
1K
1K
1K
1K
1.20
1.00
2.00
1.60
1.50
1.80
2.40
2.20
2.60
SB1105□□□□1□-□□□
1V / (Hz)
Test Freq.
( Ω ) max.
0.069
0.080
0.095
0.075
0.045
RDC
1K
1K
1K
1K
1K
ABC'S ITEM NO.
ABC'S DWG NO.
( A ) max.
3.60
3.00
2.80
3.20
4.00
IDC
PAGE: 2


Similar Part No. - SB1105100M1

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
SB1105W STANLEY-SB1105W Datasheet
606Kb / 16P
   Single Color Ultra High Brightness Type
More results

Similar Description - SB1105100M1

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com