Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB13052R5YL Datasheet(PDF) 1 Page - ABC Taiwan Electronics Corp

Part # SB13052R5YL
Description  SMD POWER INDUCTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SB13052R5YL Datasheet(HTML) 1 Page - ABC Taiwan Electronics Corp

  SB13052R5YL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SB13052R5YL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SB13052R5YL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SB13052R5YL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SB13052R5YL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SB13052R5YL Datasheet HTML 6Page - ABC Taiwan Electronics Corp SB13052R5YL Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SB1305□□□□L□-□□□
I :
2.60 ref.
J :
8.40 ref.
Peak Temperature:
260℃
-(1.0 ~ 5.0)
/ sec max.
Forced Cooling Area
d﹒Resistance to solder heat :260℃.10 secs.
b﹒Storage Temp.:-40℃ ----+125℃
c﹒Operating Temp.:-40℃----+125℃
d﹒Terminal :Cu/Sn
b﹒Wire :Enamelled copper wire (class F)
a﹒Core:Ferrite DR core
Ⅳ﹒
GENERAL SPECIFICATION:
e﹒Adhesive:Epoxy resin
c﹒Base:LCP E4008
f﹒Remark:Products comply with RoHS'
a﹒Temp. rise 40℃ max.
AE-001A
Time ( seconds )
100
200
150
250
50
Peak Temp:260℃ max.
Max time above 230℃ :50sec max.
Max time above 200℃ :70sec max.
Temp. rise included)
requirements
100
0
50
150
200
70sec max.
50sec max.
Preheat Area
150 ~ 200
/ 60 ~ 120sec
+4.0
/ sec max.
Temperature
Rising Area
Reflow Area
e
d
+2.0 ~ 4.0℃
/ sec max.
Ⅲ﹒
MATERIALS:
Ⅱ﹒
SCHEMATIC DIAGRAM:
Ⅰ﹒
CONFIGURATION & DIMENSIONS:
NAME
PROD.
REF :
F :
8.60 typ
G
PCB Pattern)
D
G :
3.60 ref.
H : 13.60 ref.
ABC'S ITEM NO.
ABC'S DWG NO.
SPECIFICATION FOR APPROVAL
6R8
A
SMD POWER INDUCTOR
C :
4.80±0.3
D :
3.00 typ
E :
2.00 typ
A : 12.70±0.3
B : 12.70±0.3
250
230℃
c
b
m/m
a
m/m
m/m
m/m
m/m
m/m
m/m
m/m
m/m
m/m
PAGE: 1


Similar Part No. - SB13052R5YL

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB130 PANJIT-SB130 Datasheet
45Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 50 to 100 Volts CURRENT - 1.0 Ampere)
logo
Vishay Siliconix
SB130 VISHAY-SB130 Datasheet
70Kb / 4P
   Schottky Barrier Rectifier
Revision: 16-Oct-09
SB130 VISHAY-SB130 Datasheet
109Kb / 2P
   Schottky Barrier Rectifier
04-Jun-03
logo
Shanghai Shunye Electro...
SB130 SHUNYE-SB130 Datasheet
259Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
SEMTECH ELECTRONICS LTD...
SB130 SEMTECH_ELEC-SB130 Datasheet
199Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SB13052R5YL

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com