Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB1108101ML Datasheet(PDF) 1 Page - ABC Taiwan Electronics Corp

Part # SB1108101ML
Description  SMD POWER INDUCTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SB1108101ML Datasheet(HTML) 1 Page - ABC Taiwan Electronics Corp

  SB1108101ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SB1108101ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SB1108101ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SB1108101ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SB1108101ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SB1108101ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SB1108101ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
requirements
f﹒Remark:Products comply with RoHS'
m/m
A' : 14.5 max.
e
d﹒Base:LCP Base
m/m
m/m
m/m
m/m
D
1R0
SB1108□□□□L□-□□□
c
a
Marking
B
Inductance code
B : 11.2±0.30
C : 7.70±0.30
A : 11.2±0.30
m/m
E : 4.60 typ.
D : 5.60 typ.
( PCB Pattern )
4.0
8.6
4.0
12.6
4.6
Ⅳ﹒
GENERAL SPECIFICATION:
( Temp. rise included )
b﹒Operating temp .:-55℃ ~ +125℃
a﹒Storage temp.:-55℃ ~ +125℃
c﹒Resistance to solder heat:260℃. 10 secs.
Peak Temperature:
Reflow Area
+2.0 ~ 4.0℃
/ sec max.
Forced Cooling Area
-(1.0 ~ 5.0)
/ sec max.
230℃
70sec max.
50sec max.
150
200
250
260℃
Preheat Area
150 ~ 200
/ 60 ~ 120sec
Rising Area
Temperature
+4.0
/ sec max.
Peak Temp:260℃ max.
Max time above 230℃ :50sec max.
Max time above 200℃ :70sec max.
100
50
250
200
150
50
0
100
Time ( seconds )
ABC'S DWG No.
ABC'S ITEM No.
PROD.
NAME
SMD POWER INDUCTOR
b
AE-001A
1
2
e﹒Adhesive:Epoxy resin
SPECIFICATION FOR APPROVAL
d
Ⅲ﹒
MATERIALS LIST:
c﹒Terminal:Cu / Ni / Sn
b﹒Wire:Enamelled copper wire (class F)
a﹒Core:Ferrite DR core
Ⅱ﹒
SCHEMATIC DIAGRAM:
Ⅰ﹒
MECHANICAL DIMENSIONS:
PAGE: 1
REF :


Similar Part No. - SB1108101ML

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SB110 VISHAY-SB110 Datasheet
74Kb / 4P
   Schottky Barrier Plastic Rectifier
Revision: 05-May-17
SB110 VISHAY-SB110 Datasheet
74Kb / 4P
   Schottky Barrier Plastic Rectifier
01-Jan-2022
logo
Nanjing International G...
SB1100 DGNJDZ-SB1100 Datasheet
295Kb / 2P
   1.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SB1100 PANJIT-SB1100 Datasheet
63Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Diotec Semiconductor
SB1100 DIOTEC-SB1100 Datasheet
91Kb / 2P
   Schottky Barrier Rectifier Diodes
More results

Similar Description - SB1108101ML

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com