Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB1045680ML Datasheet(PDF) 6 Page - ABC Taiwan Electronics Corp

Part # SB1045680ML
Description  SMD POWER INDUCTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SB1045680ML Datasheet(HTML) 6 Page - ABC Taiwan Electronics Corp

  SB1045680ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SB1045680ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SB1045680ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SB1045680ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SB1045680ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SB1045680ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SB1045680ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
____
____
EIW-2
Polyesterimide
MW74-C
200
Modified Polyester
Polyesterimide
Polyesterimide
Modified Polyester
Modified Polyester
Polyesterimide
Polyesterimide
Modified Polyester
Modified Polyester
Polyurethane
Polyurethane
Polyurethane
Polyurethane
Polyurethane
Polyurethane
For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc.
fies base coated magnet wire twisted together and covered with top coat overall.
LZ - Signifies magned wires twisted together; EL - signifies base coated magnet wire laid parallel with top coat applied overall; LZL - signi-
@-May be suffixed by LZ; # - May be suffixed by LZ, EL or LZI.
See General Information Preceding These Recognitions
AE-001A
287806002
Recognized Component Mark.
Marking: Company name or trademarks
287806002
UEW-1
UEY-2
UEW-4
UEW-2
UEY
Dsg
Mtl
SFFY
____
____
____
____
____
Dsg
____
Mark
SF.EILOCKBS
SF.EILOCKY#
SF.BLOCKBS
FL.EILOCKY
SF.BY@
SF.BW@
SFFW
SF.FLY@
PEW
SF.FLW
SF.EIW
PEY
LSFFW
LSUEW
____
____
____
____
____
____
____
____
____
____
____
____
____
____
September 8 , 2000
OBMW2⁄E174837
, material designation or marked designation on packaed or reel, and
Page 2 of 2
榮星電線
or
committed to quality service
dedicated to public safety and
A not-for-profit organization
Polyamide
Polyamide
Page 1 of 2
Coat Typ
BC
____
____
MW2-C
___
Nylon
____
MW28-C
MW28-C
MW75C
OC
MW80C
Type
ANSI
Polyamide
Polyamide
Polyamide
Polyamide
Polyurethane
Modified
Polyester
Polyester
Polyester
Polyurethane
Polyurethane
Nylon
MW27-C
Modified
____
Modified
Nylon
___
MW26C
MW79
MW27-C
___
___
Nylon
____
____
____
____
____
MW26C
MW77C
MW24-C
___
MW79-C
___
___
105
130
130
130
130
Temp
155
Class
155
180
155
155
180
155
155
155
155
180
155
155
130
155
Polyesterimide
Polyesterimide
Polyamideimide
Polyesterimide
Polyesterimide
231 CHUNG CHENG RD, SEC 3 JEN-TEH HSIANG, TAINAN
JUNG SHING WIRE CO LTD
SMD POWER INDUCTOR
SPECIFICATION FOR APPROVAL
PROD.
NAME
Magnet Wire-Component
HSIEN TAIWAN
EILOCKW
Mtl
Dsg
EIAIW
EILOCKY
EIW
CFUEWB
AIW
Mark
Dsg
____
____
____
____
____
____
OBMW2
. UL CARD:
REF :
Polyamide
Polyamideimide
BC
Coat Typ
Polyurethane
ANSI
Type
OC
Modified
Epoxy
____
____
____
MW35C
___
___
___
MW81-C
MW75C
ABC'S DWG NO.
ABC'S ITEM NO.
September 8, 2000
Temp
Class
200
180
220
200
220
130
E174837
SB1045□□□□L□-□□□
PAGE: 6


Similar Part No. - SB1045680ML

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SB1045 WTE-SB1045 Datasheet
50Kb / 4P
   10A SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB1045 PANJIT-SB1045 Datasheet
52Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Sirectifier Global Corp...
SB1045 SIRECT-SB1045 Datasheet
184Kb / 3P
   Power Schottky Rectifier - 10Amp 45~200Volt
logo
Leshan Radio Company
SB1045 LRC-SB1045 Datasheet
162Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 35 to 100V Forward Current 10A
logo
Diotech Company.
SB1045 DIOTECH-SB1045 Datasheet
682Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SB1045680ML

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com