Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RH09106R8ML Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # RH09106R8ML
Description  RADIAL INDUCTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

RH09106R8ML Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  RH09106R8ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp RH09106R8ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp RH09106R8ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp RH09106R8ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp RH09106R8ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp RH09106R8ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AR-001A
1000.0 ±10%
680.0 ±10%
470.0 ±10%
330.0 ±10%
220.0 ±10%
150.0 ±10%
100.0 ±10%
68.0 ±10%
47.0 ±10%
33.0 ±10%
22.0 ±10%
15.0 ±10%
10.0 ±10%
6.8 ±20%
( µH )
Inductancce
4.7 ±20%
Ⅴ﹒
ELECTRICAL CHARACTERISTICS:
1) .□:Package information
A:Bulk
B:Taping / Reel
RADIAL INDUCTOR
SPECIFICATION FOR APPROVAL
RH0910220KL□-□□□
RH0910331KL□-□□□
2) ."-
":Reference code
RH0910102KL□-□□□
RH0910681KL□-□□□
RH0910471KL□-□□□
□ □
RH0910221KL□-□□□
RH0910151KL□-□□□
RH0910101KL□-□□□
RH0910680KL□-□□□
RH0910470KL□-□□□
RH0910330KL□-□□□
DWG No.
RH09104R7ML□-□□□
RH0910150KL□-□□□
RH0910100KL□-□□□
RH09106R8ML□-□□□
NAME
PROD.
REF :
1.30
0.120
16.0
2.520M
1K
40
1K
30
0.796M
30
60
30
0.252M
0.796M
0.796M
1K
1K
1K
30
30
30
40
30
40
1K
0.796M
0.796M
0.796M
1K
1K
2.520M
2.520M
2.520M
1K
1K
1K
0.37
1.600
4.5
3.0
2.5
4.0
3.000
4.000
2.000
0.26
0.19
0.30
0.530
7.0
5.0
5.5
0.890
0.700
10.0
9.0
13.0
0.250
0.310
0.195
0.67
0.46
0.52
0.94
0.73
1.00
Test Freq. ( Hz )
40
40
30
ref.
30
Q
2.520M
2.520M
7.960M
1K
1K
1K
7.960M
1K
LQ
ABC'S ITEM NO.
ABC'S DWG NO.
29.0
20.0
35.0
0.050
0.096
0.038
( MHz )
46.0
typ.
SRF
( Ω )
0.031
max.
RDC
1.90
1.60
2.30
max.
( A )
2.60
IDC
RH0910□□□□L□-□□□
PAGE: 2


Similar Part No. - RH09106R8ML

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
RH0912100KL ABC-RH0912100KL Datasheet
410Kb / 6P
   RADIAL INDUCTOR
RH0912101KL ABC-RH0912101KL Datasheet
410Kb / 6P
   RADIAL INDUCTOR
RH0912102KL ABC-RH0912102KL Datasheet
410Kb / 6P
   RADIAL INDUCTOR
RH0912150KL ABC-RH0912150KL Datasheet
410Kb / 6P
   RADIAL INDUCTOR
RH0912151KL ABC-RH0912151KL Datasheet
410Kb / 6P
   RADIAL INDUCTOR
More results

Similar Description - RH09106R8ML

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
RC1008100ML ABC-RC1008100ML Datasheet
308Kb / 4P
   RADIAL INDUCTOR
logo
Bourns Electronic Solut...
RL895 BOURNS-RL895 Datasheet
245Kb / 1P
   RADIAL INDUCTOR
logo
ABC Taiwan Electronics ...
RB1014101KL ABC-RB1014101KL Datasheet
118Kb / 5P
   RADIAL INDUCTOR
RB0712100KL ABC-RB0712100KL Datasheet
119Kb / 5P
   RADIAL INDUCTOR
RB1010101 ABC-RB1010101 Datasheet
104Kb / 4P
   RADIAL INDUCTOR
RB13143R3ML ABC-RB13143R3ML Datasheet
347Kb / 4P
   RADIAL INDUCTOR
RH09121R5ML ABC-RH09121R5ML Datasheet
410Kb / 6P
   RADIAL INDUCTOR
RB09121R5ML ABC-RB09121R5ML Datasheet
119Kb / 5P
   RADIAL INDUCTOR
RC1010100ML ABC-RC1010100ML Datasheet
338Kb / 4P
   RADIAL INDUCTOR
RB09143R3ML ABC-RB09143R3ML Datasheet
403Kb / 5P
   RADIAL INDUCTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com