Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB1305220ML Datasheet(PDF) 7 Page - ABC Taiwan Electronics Corp

Part # SB1305220ML
Description  SMD POWER INDUCTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SB1305220ML Datasheet(HTML) 7 Page - ABC Taiwan Electronics Corp

  SB1305220ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SB1305220ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SB1305220ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SB1305220ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SB1305220ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SB1305220ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SB1305220ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
___
___
___
___
___
240
240
220
130
130
130
130
130
130
130
130
130
AE-001A
NC , BK
NC , BK
NC , BK
E4810
E400(Y)L , E4008L
E4010
94V-0
0.30
1.5
0.75
3.0
94V-0
94V-0
94V-0
0.30
1.5
3.0
0.75
3.0
1.5
0.75
0.30
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
130
130
130
130
130
130
130
130
130
130
130
130
220
220
220
130
130
130
130
130
130
180
200
200
___
___
___
___
0
1
0
4
4
4
___
0
___
5
___
___
___
___
2
1
3
4
4
4
2
1
3
4
4
4
___
___
___
0
___
5
___
___
___
0
___
5
___
___
___
___
___
4
___
___
4
___
___
___
4
ABC'S ITEM NO.
ABC'S DWG NO.
SPECIFICATION FOR APPROVAL
w/o
Imp
130
130
130
130
240
240
220
130
Liquid crystal plyester (LCP), designated "EKONOL" or "SUMIKASUPER", furnished in the form of pellets, (Contd)
SMD POWER INDUCTOR
NC , BK
NC , WT , BK
E4008 , E400X
E4008
Mtl Dsg
NAME
PROD.
3.0
1.5
3.0
0.75
0.30
1.5
0.75
0.30
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
Min
Col
Thk
mm
UL94
Class
Flame
130
220
220
220
130
130
130
130
130
200
200
180
130
130
130
130
RTI
Imp
with
Elec
Mech
REF :
E54705 (M)
___
___
___
___
4
1
___
___
2
1
3
4
4
4
2
3
4
4
5
0
___
___
___
___
05
___
___
___
___
___
___
H
H
W
II
A
V4
R
T9
5
HD
___
4
___
___
___
4
___
___
C
I
T
SB1305□□□□L□-□□□
PAGE: 7


Similar Part No. - SB1305220ML

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB130 PANJIT-SB130 Datasheet
45Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 50 to 100 Volts CURRENT - 1.0 Ampere)
logo
Vishay Siliconix
SB130 VISHAY-SB130 Datasheet
70Kb / 4P
   Schottky Barrier Rectifier
Revision: 16-Oct-09
SB130 VISHAY-SB130 Datasheet
109Kb / 2P
   Schottky Barrier Rectifier
04-Jun-03
logo
Shanghai Shunye Electro...
SB130 SHUNYE-SB130 Datasheet
259Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
SEMTECH ELECTRONICS LTD...
SB130 SEMTECH_ELEC-SB130 Datasheet
199Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SB1305220ML

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com