Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB2207101KL Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SB2207101KL
Description  SMD POWER INDUCTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SB2207101KL Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SB2207101KL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SB2207101KL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SB2207101KL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SB2207101KL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SB2207101KL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SB2207101KL Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
□ □
2)."-
":Reference code
@ Inductance VS. DC Current Curve
3). Irms base on Temp. rise 40
max.
5). L,Q Test Frequency:100KHz / 0.1V
AE-001A
7
100
5
-1
10
10-1
2
3
2
2
0
7
10
5
3
DC Current ( A )
2
7
5
3
0
10
5
3
1
710
R80
3R3
4). Isat base on
L/L0A=10% typ.
2
3
1
10
2
7
10
5
390
101
330
@ DC Current VS. Temp. Rise Curve
DC Current (A)
7
5
3
2
7
10
5
2
3
10
10
3
25 7
2
5
-1
10-1
3
27 100
3
2
0
7
10
2
3
5
10
2
1
101
3
10
7
52
1
7
5102
R80
100
3R3
SPECIFICATION FOR APPROVAL
100.00±10%
82.00±10%
68.00±10%
56.00±10%
47.00±10%
39.00±10%
33.00±15%
27.00±15%
22.00±15%
18.00±15%
15.00±15%
12.00±15%
10.00±20%
SMD POWER INDUCTOR
1). □:Packaging information… A:Bulk B:Taping Reel
0.1 V / 100 KHz
Ⅴ﹒
ELECTRICAL CHARACTERISTICS:
Inductance (µH)
SB22075R6ML□-□□□
SB2207330YL□-□□□
SB2207101KL□-□□□
SB2207820KL□-□□□
SB2207680KL□-□□□
SB2207560KL□-□□□
SB2207470KL□-□□□
SB2207390KL□-□□□
SB2207270YL□-□□□
SB2207220YL□-□□□
SB2207180YL□-□□□
SB2207150YL□-□□□
SB2207120YL□-□□□
SB2207100ML□-□□□
SB22078R2ML□-□□□
SB22076R8ML□-□□□
NAME
PROD.
REF :
SB22074R7ML□-□□□
SB22073R3ML□-□□□
SB22072R7ML□-□□□
SB22071R8ML□-□□□
SB22071R2ML□-□□□
DWG No.
SB2207R80ML□-□□□
14.0
7.8
12.4
5.60±20%
3.4
58.4
168.0
144.0
112.0
96.5
91.2
65.0
2.4
2.0
2.2
2.8
2.6
3.2
43.5
39.4
33.0
28.8
23.6
17.2
15.5
14.2
8.20±20%
6.80±20%
5.5
4.6
3.8
4.0
5.0
7.0
6.5
7.5
5.5
4.0
3.0
3.5
5.0
4.5
5.2
9.5
8.0
6.0
6.5
9.0
10.0
11.0
12.0
SB2207□□□□L□-□□□
T = 40
△℃
Irms (A) max.
RDC (mΩ)
±20%
1.20±20%
2.70±20%
4.70±20%
3.30±20%
1.80±20%
0.80±20%
15.0
3.2
7.0
8.8
7.8
4.5
10.0
8.5
9.0
13.0
2.3
16.0
ABC'S DWG NO.
ABC'S ITEM NO.
30.0
15.0
17.0
20.0
25.0
L / LOA = 10%
Isat (A) typ.
35.0
PAGE: 2


Similar Part No. - SB2207101KL

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Pan Jit International I...
SB220 PANJIT-SB220 Datasheet
41Kb / 2P
   2 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 2.0 Amperes)
logo
Vishay Siliconix
SB220 VISHAY-SB220 Datasheet
74Kb / 5P
   Schottky Barrier Plastic Rectifier
01-Jan-2022
logo
Microdiode Electronics ...
SB220 CHENDA-SB220 Datasheet
589Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Semikron International
SB220 SEMIKRON-SB220 Datasheet
133Kb / 2P
   Schottky barrier rectifiers diodes
More results

Similar Description - SB2207101KL

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com