Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB1105220M1 Datasheet(PDF) 7 Page - ABC Taiwan Electronics Corp

Part # SB1105220M1
Description  SMD POWER INDUCTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SB1105220M1 Datasheet(HTML) 7 Page - ABC Taiwan Electronics Corp

  SB1105220M1 Datasheet HTML 1Page - ABC Taiwan Electronics Corp SB1105220M1 Datasheet HTML 2Page - ABC Taiwan Electronics Corp SB1105220M1 Datasheet HTML 3Page - ABC Taiwan Electronics Corp SB1105220M1 Datasheet HTML 4Page - ABC Taiwan Electronics Corp SB1105220M1 Datasheet HTML 5Page - ABC Taiwan Electronics Corp SB1105220M1 Datasheet HTML 6Page - ABC Taiwan Electronics Corp SB1105220M1 Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Metal clad industriai laminates for use in printed wiring boards, furnished in the form of sheets with copper clad-
Underwriters Laboratories Inc.
AR-001A
0.025
ding on one or both sides.
0.015
0.015
0.015
JL-180L
LS-4
LS-4Y
FR-4
FR-4
FR-5
2.68
2.68
2.68
2.68
0.67
0.67
0.68
0.68
(0.38)
(0.38)
(0.38)
(0.63)
(17)
(17)
(17)
(17)
2.0
2.0
1.5
2.0
(68)
(68)
(68)
(68)
(50.8)
(50.8)
(38.1)
(50.8)
R
30
280
288
288
30
30
300
30
94V-0
94V-0
94V-0
94V-0
130
130
130
140
ABC'S DWG NO.
ABC'S ITEM NO.
SPECIFICATION FOR APPROVAL
Temp
TAIWAN LEADER COPPER CLAD LAMINATE CO LTD
Polymeric Materials-Filament-wound Tubing. Industrial Laminates. Vulcanized
Fiber, and Materials for Use in Fabricating Recognized Printed Wiring Boards -
SMD POWER INDUCTOR
In.
Base Mtl
Clad
Mil
Deg
ANSI
Type
QMTS2
Component
PROD.
NAME
September 20, 2000
Mils
Clad Cond Thick
Mils
(mm)
Min
Thick
(Mks)
Min
(Mks)
Max
Max
(mm)
Area
Dla
In.
REF :
E176891
Time
Soldering
CSec
UL94
Flame
Class
Max
Oper
Temp
SB1105□□□□1□-□□□
PAGE: 7


Similar Part No. - SB1105220M1

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
SB1105W STANLEY-SB1105W Datasheet
606Kb / 16P
   Single Color Ultra High Brightness Type
More results

Similar Description - SB1105220M1

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com