Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB5014100ML Datasheet(PDF) 1 Page - ABC Taiwan Electronics Corp

Part # SB5014100ML
Description  SMD POWER INDUCTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SB5014100ML Datasheet(HTML) 1 Page - ABC Taiwan Electronics Corp

  SB5014100ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SB5014100ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SB5014100ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SB5014100ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SB5014100ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SB5014100ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SB5014100ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SB5014□□□□L□-□□□
200
-(1.0 ~ 5.0)
/ sec max.
Forced Cooling Area
a
Ⅲ﹒
MATERIALS:
Ⅳ﹒
GENERAL SPECIFICATION:
d﹒Resistance to solder heat :260℃.10 secs.
b﹒Storage Temp.:-40℃ ----+125℃
a﹒Temp. rise :40℃ typ.
c﹒Operating Temp.:-40℃----+125℃
a﹒Core:Ferrite DR core
b﹒Base:PCB Base FR4
d﹒Wire:Enamelled copper wire (class F)
c﹒Adhesive :Epoxy resin
e﹒Terminal:Cu/Ni/Au
f﹒Remark:Products comply with RoHS'
AR-001A
Time ( seconds )
Peak Temp:260℃ max.
Max time above 230℃ :50sec max.
Max time above 200℃ :70sec max.
100
200
150
250
requirements
( Temp. rise Included )
100
0
50
50
150
70sec max.
50sec max.
Preheat Area
150 ~ 200
/ 60 ~ 120sec
Temperature
+4.0
/ sec max.
Rising Area
d
b
Reflow Area
+2.0 ~ 4.0℃
/ sec max.
100
1
Ⅰ﹒
CONFIGURATION & DIMENSIONS:
Ⅱ﹒
SCHEMATIC DIAGRAM:
PROD.
NAME
REF :
H : 1.30
ref.
12
( PCB Pattern Suggestion )
K
H
F
3
D
D
H
I
L : 1.30
ref.
M : 3.80
ref.
I
: 2.00
ref.
K : 4.60
ref.
J
: 6.40
ref.
SPECIFICATION FOR APPROVAL
ABC'S DWG NO.
ABC'S ITEM NO.
100
A
4
3
SMD POWER INDUCTOR
E : 5.20
typ.
G : 0.80
ref.
D : 1.00
typ.
F : 3.20
typ.
B : 6.00
±0.3
A : 5.60
±0.3
C : 1.45
±0.1
Peak Temperature:
250
260℃
230℃
c
m/m
m/m
m/m
m/m
m/m
m/m
m/m
m/m
m/m
m/m
m/m
m/m
m/m
PAGE: 1


Similar Part No. - SB5014100ML

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
SB501 DEC-SB501 Datasheet
318Kb / 2P
   5 AMP SILICON BRIDGE RECTIFIERS
logo
ABC Taiwan Electronics ...
SB5011100ML ABC-SB5011100ML Datasheet
549Kb / 7P
   SMD POWER INDUCTOR
SB5011101ML ABC-SB5011101ML Datasheet
549Kb / 7P
   SMD POWER INDUCTOR
SB5011150ML ABC-SB5011150ML Datasheet
549Kb / 7P
   SMD POWER INDUCTOR
SB50111R0ML ABC-SB50111R0ML Datasheet
549Kb / 7P
   SMD POWER INDUCTOR
More results

Similar Description - SB5014100ML

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com