Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB50092R2ML Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SB50092R2ML
Description  SMD POWER INDUCTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SB50092R2ML Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SB50092R2ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SB50092R2ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SB50092R2ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SB50092R2ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SB50092R2ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SB50092R2ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SB50092R2ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
1000
0.01
AE-001A
0.1
1
10
100
3R3
DC Current ( A )
0.1
1
330
100
101
10
Inductance
( µH )
1.0±20%
3.3±20%
4.7±20%
2.2±20%
22.0±20%
10.0±20%
15.0±20%
33.0±20%
47.0±20%
68.0±20%
3).Inductance Test Freq : 100KHz / 1V
Isat Bae on
L/L0A=10 % typ.
4). Irms Base on Temp. rise 40
typ.
100.0±20%
6.8±20%
1). □:Packaging information … A:Bulk B:Taping Reel
Ⅴ﹒
ELECTRICAL CHARACTERISTICS :
SMD POWER INDUCTOR
SPECIFICATION FOR APPROVAL
@ Inductance VS. DC Superposition Characteristics
SB50096R8ML□-□□□
SB5009101ML□-□□□
2)."-
":Reference code
□ □
SB5009220ML□-□□□
SB5009100ML□-□□□
SB5009150ML□-□□□
SB5009680ML□-□□□
SB5009330ML□-□□□
SB5009470ML□-□□□
DWG No.
SB50093R3ML□-□□□
SB50094R7ML□-□□□
SB50092R2ML□-□□□
SB50091R0ML□-□□□
PROD.
NAME
REF :
100K
0.70
0.250
0.82
0.750
0.320
0.500
1.650
1.150
2.560
3.200
100K
100K
100K
100K
100K
100K
100K
0.15
0.18
0.18
0.30
0.23
0.47
0.38
0.60
0.22
0.28
0.35
0.55
0.43
0.68
max.
RDC
(Ω )
0.060
0.165
0.130
0.098
Test Freq.
( Hz )
100K
100K
100K
100K
ABC'S ITEM NO.
ABC'S DWG NO.
1.05
0.90
1.20
( A )
typ.
1.50
Irms
1.10
1.00
1.35
( A )
1.80
typ.
Isat
SB5009□□□□L□-□□□
PAGE: 2


Similar Part No. - SB50092R2ML

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
SB500 DEC-SB500 Datasheet
318Kb / 2P
   5 AMP SILICON BRIDGE RECTIFIERS
logo
Littelfuse
SB5000 LITTELFUSE-SB5000 Datasheet
390Kb / 2P
   Industrial Shock Block
Rev: 020922
More results

Similar Description - SB50092R2ML

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com