Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43504A9227M000 Datasheet(PDF) 9 Page - EPCOS

Part # B43504A9227M000
Description  Aluminum electrolytic capacitors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43504A9227M000 Datasheet(HTML) 9 Page - EPCOS

Back Button B43504A9227M000 Datasheet HTML 5Page - EPCOS B43504A9227M000 Datasheet HTML 6Page - EPCOS B43504A9227M000 Datasheet HTML 7Page - EPCOS B43504A9227M000 Datasheet HTML 8Page - EPCOS B43504A9227M000 Datasheet HTML 9Page - EPCOS B43504A9227M000 Datasheet HTML 10Page - EPCOS B43504A9227M000 Datasheet HTML 11Page - EPCOS B43504A9227M000 Datasheet HTML 12Page - EPCOS B43504A9227M000 Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
1) 120-Hz conversion factor of ripple current: IAC (120 Hz) = 1.03 IAC (100 Hz)
Technical data and ordering codes
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
Zmax
10 kHz
20
°C
m
IAC,max
100 Hz
60
°C
A
IAC,max
100 Hz
85
°C
A
IAC,R1)
100 Hz
105
°C
A
Ordering code
(composition see
below)
Composition of ordering code
* =
Insulation feature
# =
Terminal style
0 = PVC insulation
6 = PET insulation
8 = PVC insulation with additional PET insulation
cap on terminal side
0 = snap-in standard terminals (6.3 mm)
2 = snap-in 3 terminals (4.5 mm)
7 = snap-in short terminals (4.5 mm)
VR = 200 V DC
220
22
× 25
580
700
2.26
1.70
0.84
B43504E2227M0*#
270
22
× 25
470
570
2.51
1.90
0.93
B43504E2277M0*#
330
22
× 30
390
470
2.97
2.22
1.10
B43504A2337M0*#
390
22
× 30
330
400
3.24
2.42
1.20
B43504E2397M0*#
470
22
× 35
270
330
3.78
2.83
1.40
B43504E2477M0*#
470
25
× 30
270
330
3.80
2.86
1.41
B43504G2477M0*#
470
30
× 25
270
330
4.05
3.03
1.50
B43504F2477M0*#
560
25
× 35
230
280
4.40
3.40
1.63
B43504E2567M0*#
680
25
× 40
190
230
5.13
3.90
1.90
B43504E2687M0*#
680
30
× 30
190
230
5.02
3.76
1.86
B43504H2687M0*#
680
35
× 25
190
230
5.40
4.04
2.00
B43504F2687M0*#
820
25
× 45
160
190
5.94
4.50
2.20
B43504E2827M0*#
820
35
× 30
160
190
6.21
4.70
2.30
B43504A2827M0*#
1000
25
× 50
140
180
6.75
5.06
2.50
B43504G2108M0*#
1000
30
× 35
140
180
6.48
4.90
2.40
B43504H2108M0*#
1000
35
× 30
140
180
6.77
5.07
2.51
B43504J2108M0*#
1200
30
× 40
120
150
7.37
5.60
2.73
B43504F2128M0*#
1500
30
× 50
100
120
8.96
6.72
3.32
B43504F2158M0*#
1500
35
× 40
100
120
9.18
6.90
3.40
B43504G2158M0*#
1800
35
× 45
80
100
10.5
7.90
3.90
B43504F2188M0*#
2200
35
× 50
65
80
11.9
9.10
4.43
B43504F2228M0*#
VR = 250 V DC
220
22
× 30
580
700
2.40
1.80
0.89
B43504A2227M0*#
270
22
× 30
470
570
2.67
2.00
0.99
B43504B2277M0*#
330
22
× 35
390
470
3.10
2.34
1.15
B43504D2337M0*#
330
25
× 30
390
470
3.24
2.42
1.20
B43504C2337M0*#
390
25
× 35
330
400
3.78
2.83
1.40
B43504A2397M0*#
470
22
× 45
270
330
4.10
3.08
1.52
B43504C2477M0*#
470
30
× 30
270
330
4.32
3.23
1.60
B43504B2477M0*#
560
25
× 40
230
280
4.64
3.47
1.72
B43504B2567M0*#
680
25
× 50
190
230
5.67
4.24
2.10
B43504A2687M0*#
B43504
Compact
105
°C
Page 9 of 20
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43504A9227M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43504A9227M000 EPCOS-B43504A9227M000 Datasheet
294Kb / 11P
   Snap-In Capacitors
More results

Similar Description - B43504A9227M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com